Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPI16W6R8MTRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPI16W6R8MTRF
Description  NPI Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI16W6R8MTRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPI16W6R8MTRF Datasheet HTML 1Page - NIC-Components Corp. NPI16W6R8MTRF Datasheet HTML 2Page - NIC-Components Corp. NPI16W6R8MTRF Datasheet HTML 3Page - NIC-Components Corp. NPI16W6R8MTRF Datasheet HTML 4Page - NIC-Components Corp. NPI16W6R8MTRF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPI Power Inductors
NPI__W Series
Part Number
STANDARD VALUES - CASE SIZE 52 (15.0 x 18.4 x 7.0mm)
Inductance Value
(µH)
SRF (Typical)
MHz
DC Resistance
(Ω)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPI52W1R0MTRF
1.0 ± 20%
140
0.009
8.6
20
100KHz
NPI52W1R5MTRF
1.5 ± 20%
110
0.012
7.5
18
NPI52W2R2MTRF
2.2 ± 20%
75
0.014
7.1
16
NPI52W3R3MTRF
3.3 ± 20%
70
0.018
6.2
14
NPI52W4R7MTRF
4.7 ± 20%
55
0.019
5.8
13
NPI52W5R6MTRF
5.6 ± 20%
45
0.020
5.3
12
NPI52W8R2MTRF
8.2 ± 20%
23
0.025
4.7
11
NPI52W100MTRF
10 ± 20%
21
0.031
4.3
10
NPI52W150MTRF
15 ± 20%
16
0.036
4.0
8.0
NPI52W220MTRF
22 ± 20%
13
0.047
3.5
7.0
NPI52W330MTRF
33 ± 20%
11
0.066
3.0
5.5
NPI52W values continue on next page
Part Number
STANDARD VALUES - CASE SIZE 34 (10.0 x 12.7 x 11mm)
Inductance Value
(µH)
SRF (Typical)
MHz
DC Resistance
(Ω)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPI34W100MTRF
10 ± 20%
23
0.040
3.50
7.0
100KHz
NPI34W150MTRF
15 ± 20%
14
0.050
3.20
5.8
NPI34W220MTRF
22 ± 20%
8.5
0.066
2.90
4.8
NPI34W330MTRF
33 ± 20%
7.0
0.080
2.35
3.8
NPI34W470MTRF
47 ± 20%
6.5
0.110
2.10
3.4
NPI34W680MTRF
68 ± 20%
4.5
0.170
1.90
2.7
NPI34W101MTRF
100 ± 20%
4.0
0.220
1.55
2.2
NPI34W151MTRF
150 ± 20%
3.0
0.340
1.35
1.9
NPI34W221MTRF
220 ± 20%
2.5
0.440
1.00
1.5
NPI34W331MTRF
330 ± 20%
2.3
0.700
0.90
1.3
NPI34W471MTRF
470 ± 20%
2.0
0.950
0.75
1.0
NPI34W681MTRF
680 ± 20%
1.5
1.20
0.55
0.9
NPI34W102MTRF
1000 ± 20%
1.3
2.00
0.50
0.7
Maximum +40°C temperature rise at Irms. Typical -10% inductance change at Isat.
Maximum +40°C temperature rise at Irms. Typcial -10% inductance change at Isat.
Part Number
STANDARD VALUES - CASE SIZE 31 (10.0 x 12.7 x 5.0mm)
Inductance Value
(µH)
SRF (Typical)
MHz
DC Resistance
(Ω)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPI31W102MTRF
1000 ± 20%
2.0
3.00
0.3
0.3
100KHz
NPI31W152MTRF
1500 ± 20%
1.3
4.49
0.27
0.29
NPI31W222MTRF
2200 ± 20%
1.23
8.50
0.20
0.25
NPI31W332MTRF
3300 ± 20%
0.87
11.20
0.17
0.19
Maximum +40°C temperature rise at Irms. Typical -10% inductance change at Isat.


Similar Part No. - NPI16W6R8MTRF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NPI16W6R8MTRF ETC2-NPI16W6R8MTRF Datasheet
92Kb / 4P
   HIGH CURRENT, SMALL SIZE (UP TO 8.6 AMPS)
logo
NIC-Components Corp.
NPI16W6R8MTRF NIC-NPI16W6R8MTRF Datasheet
92Kb / 4P
   NPI Power Inductors
More results

Similar Description - NPI16W6R8MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPI-W NIC-NPI-W Datasheet
92Kb / 4P
   NPI Power Inductors
NPI_P NIC-NPI_P Datasheet
184Kb / 4P
   NPI Power Inductors
NPI_C NIC-NPI_C Datasheet
301Kb / 9P
   NPI Power Inductors
NPI-C NIC-NPI-C Datasheet
241Kb / 9P
   NPI Power Inductors
NPI-L NIC-NPI-L Datasheet
186Kb / 3P
   NPI Power Inductors
NPI-P NIC-NPI-P Datasheet
183Kb / 4P
   NPI Power Inductors
NPI_LS NIC-NPI_LS Datasheet
116Kb / 11P
   NPI Unshielded Power Inductors
NPI-LS NIC-NPI-LS Datasheet
121Kb / 11P
   NPI Unshielded Power Inductors
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com