Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM42ZR20MTRF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NPIM42ZR20MTRF
Description  NPIM Shielded Power Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM42ZR20MTRF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NPIM42ZR20MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIM42ZR20MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIM42ZR20MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIM42ZR20MTRF Datasheet HTML 4Page - NIC-Components Corp. NPIM42ZR20MTRF Datasheet HTML 5Page - NIC-Components Corp. NPIM42ZR20MTRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
Part Number
STANDARD VALUES - CASE SIZE 110Z ( 10.5 X 11.3 X 10.0mm)
Inductance Value
(µH)
DC Resistance
(mΩ) max.
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM110ZR35MTRF
0.35
0.81
47
69
100KHz
NPIM110Z1R0MTRF
1.0
1.59
38.8
42
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Additional values are available outside the standard offering above. Please contact NIC for more details.
DC Current (A)
Inductance (µH)
Temp. Rise (°C)
0.5
0.4
0.3
0.1
0.0
10
0
50
30
80
70
60
40
20
0
0.2
NPIM110Z35MTRF
40
20
60
90
DC Current (A)
Inductance (µH)
Temp. Rise (°C)
1.5
1.2
0.9
0.3
0.0
60
40
20
0
0.6
NPIM110Z1R0MTRF
10
50
30
40
20
60
80
100
NPIM_Z Series
NPIM Shielded Power Inductors


Similar Part No. - NPIM42ZR20MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM42B NIC-NPIM42B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM42B1R0MTRF NIC-NPIM42B1R0MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM42B1R0MTRF NIC-NPIM42B1R0MTRF Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM42B1R2MTRF NIC-NPIM42B1R2MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM42B1R2MTRF NIC-NPIM42B1R2MTRF Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM42ZR20MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com