Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5252B Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # MMBZ5252B
Description  Plastic-Encapsulate Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

MMBZ5252B Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  MMBZ5252B Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. MMBZ5252B Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. MMBZ5252B Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page:P3-P1
Plastic-Encapsulate Diodes
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
ZENER DIODES
FEATURES
SOT-23
MMBZ52XXB series
• Planar Die construction
• 500mW Power Dissipation
• Zener Voltages from 2.4V - 39V
• Ideally Suited for Automated Assembly Processes
NOTES:
A. Mounted on 5.0mm2(.013mm thick) land areas.
B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
e
u
l
a
V
s
ti
n
U
5
7
t
a
)
A
s
e
t
o
N
(
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
O
C
PD
0
0
5
W
m
fl
a
h
e
l
g
n
i
s
s
m
3
.
8
,t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
B
s
e
t
o
N
(
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
ir
e
p
u
s
e
v
a
w
-
e
n
i
s
IFSM
0
.
4s
p
m
A
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
TJ
0
5
1
+
o
t
5
5
-
O
C


Similar Part No. - MMBZ5252B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5252B PANJIT-MMBZ5252B Datasheet
132Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Galaxy Semi-Conductor H...
MMBZ5252B BILIN-MMBZ5252B Datasheet
219Kb / 5P
   350mW Surface Mount Zener Diode
logo
SUNMATE electronic Co.,...
MMBZ5252B SUNMATE-MMBZ5252B Datasheet
372Kb / 2P
   300 MW Surface Mount Zener Diodes
logo
Fairchild Semiconductor
MMBZ5252B FAIRCHILD-MMBZ5252B Datasheet
204Kb / 6P
   Zeners
logo
TAITRON Components Inco...
MMBZ5252B TAITRON-MMBZ5252B Datasheet
192Kb / 5P
   350mW Surface Mount Zener Diodes
More results

Similar Description - MMBZ5252B

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
1SS184 HOTTECH-1SS184 Datasheet
201Kb / 2P
   Plastic-Encapsulate Diodes
1SS196 HOTTECH-1SS196 Datasheet
208Kb / 2P
   Plastic-Encapsulate Diodes
BAT54WS HOTTECH-BAT54WS Datasheet
202Kb / 2P
   Plastic-Encapsulate Diodes
S2A HOTTECH-S2A Datasheet
304Kb / 2P
   Plastic-Encapsulate Diodes
B5817W HOTTECH-B5817W Datasheet
294Kb / 2P
   Plastic-Encapsulate Diodes
BAV19W HOTTECH-BAV19W Datasheet
350Kb / 2P
   Plastic-Encapsulate Diodes
SD103AW HOTTECH-SD103AW Datasheet
160Kb / 2P
   Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
SCS481K WILLAS-SCS481K Datasheet
838Kb / 3P
   Plastic-Encapsulate Diodes
logo
GUANGDONG HOTTECH INDUS...
1N4148WS HOTTECH-1N4148WS Datasheet
91Kb / 2P
   Plastic-Encapsulate Diodes
logo
SHENZHEN SLS TECHNOLOGY...
BAT54W SHENZHENSLS-BAT54W Datasheet
298Kb / 1P
   Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com