Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E37X451CPN123MFM9M Datasheet(PDF) 6 Page - United Chemi-Con, Inc.

Part # E37X451CPN123MFM9M
Description  Large Can
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E37X451CPN123MFM9M Datasheet(HTML) 6 Page - United Chemi-Con, Inc.

  E37X451CPN123MFM9M Datasheet HTML 1Page - United Chemi-Con, Inc. E37X451CPN123MFM9M Datasheet HTML 2Page - United Chemi-Con, Inc. E37X451CPN123MFM9M Datasheet HTML 3Page - United Chemi-Con, Inc. E37X451CPN123MFM9M Datasheet HTML 4Page - United Chemi-Con, Inc. E37X451CPN123MFM9M Datasheet HTML 5Page - United Chemi-Con, Inc. E37X451CPN123MFM9M Datasheet HTML 6Page - United Chemi-Con, Inc. E37X451CPN123MFM9M Datasheet HTML 7Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
420 Volts
470 Volts Surge
U37X Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
6/7
Engineering Bulletin Mar 2013
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
Standard Voltage Ratings - Screw Terminals
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(m
Ω) at
25 C, 120Hz
Rated Ripple Current
(A rms) at
85 C
120Hz
300Hz
>3kHz
350 Volts
400 Volts Surge
2,700
E37X351HPN272MCB7M
50
117
CB7
35
9.6
11.5
13.4
3,300
E37X351HPN332MCD0M
50
130
CD0
31
10.6
12.8
14.9
2,700
E37X351CPN272MD92M
63.5
92
D92
37
9.7
11.6
13.5
3,300
E37X351CPN332MDA5M
63.5
105
DA5
31
11.1
13.3
15.5
3,900
E37X351CPN392MDB7M
63.5
117
DB7
26
12.4
14.9
17.4
4,700
E37X351CPN472MDD0M
63.5
130
DD0
23
13.8
16.5
19.3
4,700
E37X351CPN472MDE3M
63.5
143
DE3
21
15.1
18.1
21.2
3,900
E37X351CPN392ME92M
76.2
92
E92
26
12.7
15.2
17.8
4,700
E37X351CPN472MEA5M
76.2
105
EA5
22
14.5
17.4
20.3
5,600
E37X351CPN562MEB7M
76.2
117
EB7
19
16.3
19.5
22.8
8,200
E37X351CPN822MEE3M
76.2
143
EE3
15
19.8
23.7
27.7
10,000
E37X351CPN103MEJ1M
76.2
181
EJ1
11
25.0
30.0
35.0
12,000
E37X351CPN123MEM9M
76.2
219
EM9
9
30.1
36.1
42.2
5,600
E37X351CPN562MF92M
89
92
F92
19
16.2
19.4
22.7
6,800
E37X351CPN682MFA5M
89
105
FA5
16
18.5
22.2
25.9
8,200
E37X351CPN822MFB7M
89
117
FB7
14
20.7
24.9
29.0
12,000
E37X351CPN123MFE3M
89
143
FE3
11
25.2
30.2
35.2
12,000
E37X351CPN123MFF5M
89
155
FF5
10
27.3
32.8
38.2
15,000
E37X351CPN153MFK0M
89
190
FK0
8
33.3
40.0
46.6
18,000
E37X351CPN183MFM9M
89
219
FM9
6
38.2
45.8
53.5
400 Volts
450 Volts Surge
2,700
E37X401HPN272MCB7M
50
117
CB7
41
8.9
10.7
12.5
2,700
E37X401HPN272MCD0M
50
130
CD0
35
9.9
11.9
13.9
2,700
E37X401CPN272MD92M
63.5
92
D92
43
9.0
10.8
12.6
2,700
E37X401CPN272MDA5M
63.5
105
DA5
36
10.3
12.3
14.4
3,300
E37X401CPN332MDB7M
63.5
117
DB7
31
11.6
13.9
16.2
3,900
E37X401CPN392MDD0M
63.5
130
DD0
27
12.8
15.4
18.0
3,900
E37X401CPN392MDE3M
63.5
143
DE3
24
14.1
16.9
19.7
3,900
E37X401CPN392ME92M
76.2
92
E92
30
11.8
14.2
16.5
4,700
E37X401CPN472MEA5M
76.2
105
EA5
25
13.5
16.2
18.9
5,600
E37X401CPN562MEB7M
76.2
117
EB7
22
15.2
18.2
21.2
6,800
E37X401CPN682MEE3M
76.2
143
EE3
17
18.4
22.1
25.8
8,200
E37X401CPN822MEJ1M
76.2
181
EJ1
13
23.3
27.9
32.6
12,000
E37X401CPN123MEM9M
76.2
219
EM9
10
28.0
33.6
39.3
5,600
E37X401CPN562MF92M
89
92
F92
22
15.1
18.1
21.1
6,800
E37X401CPN682MFA5M
89
105
FA5
19
17.2
20.6
24.1
6,800
E37X401CPN682MFB7M
89
117
FB7
16
19.3
23.2
27.0
10,000
E37X401CPN103MFE3M
89
143
FE3
12
23.4
28.1
32.8
10,000
E37X401CPN103MFF5M
89
155
FF5
11
25.4
30.5
35.6
12,000
E37X401CPN123MFK0M
89
190
FK0
9
31.0
37.2
43.4
15,000
E37X401CPN153MFM9M
89
219
FM9
7
35.6
42.7
49.8
2,200
E37X421HPN222MCB7M
50
117
CB7
44
8.5
10.2
11.9
2,700
E37X421HPN272MCD0M
50
130
CD0
39
9.4
11.3
13.2
2,200
E37X421CPN222MD92M
63.5
92
D92
47
8.6
10.3
12.0
2,700
E37X421CPN272MDA5M
63.5
105
DA5
39
9.8
11.8
13.8
3,300
E37X421CPN332MDB7M
63.5
117
DB7
33
11.0
13.3
15.5
3,900
E37X421CPN392MDD0M
63.5
130
DD0
29
12.2
14.7
17.1
3,900
E37X421CPN392MDE3M
63.5
143
DE3
26
13.4
16.1
18.8
3,300
E37X421CPN332ME92M
76.2
92
E92
33
11.3
13.5
15.8
3,900
E37X421CPN392MEA5M
76.2
105
EA5
28
12.9
15.5
18.0
4,700
E37X421CPN472MEB7M
76.2
117
EB7
24
14.5
17.4
20.3
5,600
E37X421CPN562MEE3M
76.2
143
EE3
19
17.6
21.1
24.6
8,200
E37X421CPN822MEJ1M
76.2
181
EJ1
14
22.2
26.6
31.1
10,000
E37X421CPN103MEM9M
76.2
219
EM9
11
26.8
32.1
37.5
4,700
E37X421CPN472MF92M
89
92
F92
25
14.4
17.3
20.2
5,600
E37X421CPN562MFA5M
89
105
FA5
21
16.4
19.7
23.0
Product specifications are subject to change without notice.
Ask for UCC product bulletins and review specifications before purchase and/or use. Please use our products based on parameters specified in our bulletins.


Similar Part No. - E37X451CPN123MFM9M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E37X451HPN CHEMI-CON-E37X451HPN Datasheet
204Kb / 7P
   Large Can
More results

Similar Description - E37X451CPN123MFM9M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32F351CPN CHEMI-CON-E32F351CPN Datasheet
129Kb / 9P
   Large Can
E32F421HPN CHEMI-CON-E32F421HPN Datasheet
129Kb / 9P
   Large Can
E36D251HPN CHEMI-CON-E36D251HPN Datasheet
143Kb / 13P
   Large Can
E36D501HPN CHEMI-CON-E36D501HPN Datasheet
143Kb / 13P
   Large Can
E36D800HPN CHEMI-CON-E36D800HPN Datasheet
143Kb / 13P
   Large Can
E36F451CPN CHEMI-CON-E36F451CPN Datasheet
127Kb / 9P
   Large Can
E36L351HPN CHEMI-CON-E36L351HPN Datasheet
130Kb / 9P
   Large Can
E36L421CPN CHEMI-CON-E36L421CPN Datasheet
130Kb / 9P
   Large Can
E37L421CPN CHEMI-CON-E37L421CPN Datasheet
204Kb / 7P
   Large Can
E37X401CPN CHEMI-CON-E37X401CPN Datasheet
204Kb / 7P
   Large Can
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com