Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E37X351CPN562MEB7M Datasheet(PDF) 7 Page - United Chemi-Con, Inc.

Part # E37X351CPN562MEB7M
Description  Large Can
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E37X351CPN562MEB7M Datasheet(HTML) 7 Page - United Chemi-Con, Inc.

  E37X351CPN562MEB7M Datasheet HTML 1Page - United Chemi-Con, Inc. E37X351CPN562MEB7M Datasheet HTML 2Page - United Chemi-Con, Inc. E37X351CPN562MEB7M Datasheet HTML 3Page - United Chemi-Con, Inc. E37X351CPN562MEB7M Datasheet HTML 4Page - United Chemi-Con, Inc. E37X351CPN562MEB7M Datasheet HTML 5Page - United Chemi-Con, Inc. E37X351CPN562MEB7M Datasheet HTML 6Page - United Chemi-Con, Inc. E37X351CPN562MEB7M Datasheet HTML 7Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
420 Volts
470 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
7/ 7
U37X Series
Engineering Bulletin Mar 2013
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
Standard Voltage Ratings - Screw Terminals
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(m
Ω) at
25 C, 120Hz
Rated Ripple Current
(A rms) at
85 C
120Hz
300Hz
>3kHz
6,800
E37X421CPN682MFB7M
89
117
FB7
18
18.4
22.1
25.8
8,200
E37X421CPN822MFE3M
89
143
FE3
14
22.4
26.8
31.3
10,000
E37X421CPN103MFF5M
89
155
FF5
12
24.3
29.1
34.0
12,000
E37X421CPN123MFK0M
89
190
FK0
10
29.6
35.5
41.4
15,000
E37X421CPN153MFM9M
89
219
FM9
8
34.0
40.7
47.5
450 Volts
500 Volts Surge
1,800
E37X451HPN182MCB7M
50
117
CB7
51
8.0
9.6
11.2
2,200
E37X451HPN222MCD0M
50
130
CD0
44
8.9
10.6
12.4
2,200
E37X451CPN222MD92M
63.5
92
D92
53
8.1
9.7
11.3
2,200
E37X451CPN222MDA5M
63.5
105
DA5
44
9.2
11.1
12.9
2,700
E37X451CPN272MDB7M
63.5
117
DB7
38
10.4
12.4
14.5
3,300
E37X451CPN332MDD0M
63.5
130
DD0
33
11.5
13.8
16.1
3,900
E37X451CPN392MDE3M
63.5
143
DE3
30
12.6
15.1
17.6
3,300
E37X451CPN332ME92M
76.2
92
E92
38
10.6
12.7
14.8
3,900
E37X451CPN392MEA5M
76.2
105
EA5
32
12.1
14.5
16.9
3,900
E37X451CPN392MEB7M
76.2
117
EB7
27
13.6
16.3
19.0
5,600
E37X451CPN562MEE3M
76.2
143
EE3
21
16.5
19.8
23.1
6,800
E37X451CPN682MEJ1M
76.2
181
EJ1
16
20.8
25.0
29.2
8,200
E37X451CPN822MEM9M
76.2
219
EM9
13
25.1
30.1
35.2
3,900
E37X451CPN392MF92M
89
92
F92
28
13.5
16.2
18.9
4,700
E37X451CPN472MFA5M
89
105
FA5
23
15.4
18.5
21.6
5,600
E37X451CPN562MFB7M
89
117
FB7
20
17.3
20.7
24.2
8,200
E37X451CPN822MFE3M
89
143
FE3
16
21.0
25.2
29.4
8,200
E37X451CPN822MFF5M
89
155
FF5
14
22.8
27.3
31.9
10,000
E37X451CPN103MFK0M
89
190
FK0
11
27.8
33.3
38.9
12,000
E37X451CPN123MFM9M
89
219
FM9
9
32.2
38.6
45.0
500 Volts
550 Volts Surge
1,200
E37X501HPN122MCB7M
50
117
CB7
78
6.4
7.7
9.0
1,500
E37X501HPN152MCD0M
50
130
CD0
68
7.2
8.6
10.0
1,500
E37X501CPN152MD92M
63.5
92
D92
67
7.2
8.6
10.1
1,800
E37X501CPN182MDA5M
63.5
105
DA5
56
8.2
9.9
11.5
2,200
E37X501CPN222MDB7M
63.5
117
DB7
48
9.3
11.1
13.0
2,700
E37X501CPN272MDD0M
63.5
130
DD0
42
10.3
12.3
14.4
2,700
E37X501CPN272MDE3M
63.5
143
DE3
37
11.3
13.5
15.8
2,200
E37X501CPN222ME92M
76.2
92
E92
48
9.5
11.3
13.2
2,700
E37X501CPN272MEA5M
76.2
105
EA5
40
10.8
13.0
15.1
3,300
E37X501CPN332MEB7M
76.2
117
EB7
34
12.1
14.6
17.0
3,900
E37X501CPN392MEE3M
76.2
143
EE3
26
14.8
17.7
20.7
5,600
E37X501CPN562MEJ1M
76.2
181
EJ1
20
18.6
22.3
26.1
6,800
E37X501CPN682MEM9M
76.2
219
EM9
16
22.5
26.9
31.4
3,300
E37X501CPN332MF92M
89
92
F92
35
12.1
14.5
16.9
3,900
E37X501CPN392MFA5M
89
105
FA5
29
13.8
16.5
19.3
4,700
E37X501CPN472MFB7M
89
117
FB7
25
15.5
18.5
21.6
5,600
E37X501CPN562MFE3M
89
143
FE3
19
18.8
22.5
26.3
6,800
E37X501CPN682MFF5M
89
155
FF5
18
20.4
24.4
28.5
8,200
E37X501CPN822MFK0M
89
190
FK0
14
24.8
29.8
34.8
10,000
E37X501CPN103MFM9M
89
219
FM9
12
28.5
34.2
39.9
Product specifications are subject to change without notice.
Ask for UCC product bulletins and review specifications before purchase and/or use. Please use our products based on parameters specified in our bulletins.


Similar Part No. - E37X351CPN562MEB7M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E37X351HPN CHEMI-CON-E37X351HPN Datasheet
204Kb / 7P
   Large Can
More results

Similar Description - E37X351CPN562MEB7M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32F351CPN CHEMI-CON-E32F351CPN Datasheet
129Kb / 9P
   Large Can
E32F421HPN CHEMI-CON-E32F421HPN Datasheet
129Kb / 9P
   Large Can
E36D251HPN CHEMI-CON-E36D251HPN Datasheet
143Kb / 13P
   Large Can
E36D501HPN CHEMI-CON-E36D501HPN Datasheet
143Kb / 13P
   Large Can
E36D800HPN CHEMI-CON-E36D800HPN Datasheet
143Kb / 13P
   Large Can
E36F451CPN CHEMI-CON-E36F451CPN Datasheet
127Kb / 9P
   Large Can
E36L351HPN CHEMI-CON-E36L351HPN Datasheet
130Kb / 9P
   Large Can
E36L421CPN CHEMI-CON-E36L421CPN Datasheet
130Kb / 9P
   Large Can
E37L421CPN CHEMI-CON-E37L421CPN Datasheet
204Kb / 7P
   Large Can
E37X401CPN CHEMI-CON-E37X401CPN Datasheet
204Kb / 7P
   Large Can
E37X451CPN CHEMI-CON-E37X451CPN Datasheet
204Kb / 7P
   Large Can
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com