Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E37X351CPN472MEA5M Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # E37X351CPN472MEA5M
Description  Large Can
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E37X351CPN472MEA5M Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  E37X351CPN472MEA5M Datasheet HTML 1Page - United Chemi-Con, Inc. E37X351CPN472MEA5M Datasheet HTML 2Page - United Chemi-Con, Inc. E37X351CPN472MEA5M Datasheet HTML 3Page - United Chemi-Con, Inc. E37X351CPN472MEA5M Datasheet HTML 4Page - United Chemi-Con, Inc. E37X351CPN472MEA5M Datasheet HTML 5Page - United Chemi-Con, Inc. E37X351CPN472MEA5M Datasheet HTML 6Page - United Chemi-Con, Inc. E37X351CPN472MEA5M Datasheet HTML 7Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
1/ 7
U37X Series
The U37X series is the longest life version of the U37 grade series and is specifically designed to
provide the ripple current capability and long life required for high reliability inverter applications. The
U37X has an endurance rating of 15,000 hours at
85 C with the rated ripple current applied. The
useful life can exceed 175,000 hours at
40 C and 2.1x the ripple current. These capacitors are
available in a variety of high current English or Metric thread terminals. Mounting options include a
three-footed clamp or bottom threaded stud. Custom designs are also available.
Large Can
Screw Terminals
General Purpose
U37 Grade
High Ripple
350 to 500VDC
Ratings
RoHS Compliant
15,000 Hours
Lifetime at
85 C
Up to 175,000 Hours
Useful Life
Screw terminals: high and low post, English and Metric thread.
Capacitance range: 1,200 to 18,000µF.
Voltage range: 350 to 500VDC.
Category temperature range:
40 Cto
85 C.
Leakage current: 0.02CV(µA) or 5mA, whichever is smaller, after 5 minutes at
25 C.
Standard capacitance tolerance:
20%
Nominal case size (D
L): D = 50mm (2.000”) to 89mm (3.500”); L = 92mm (3.625”)
to 219mm (8.625”).
Rated lifetime: 15,000 hours at
85 C with rated ripple current applied.
Summary of Specifications
U37X SERIES
Engineering Bulletin Mar 2013


Similar Part No. - E37X351CPN472MEA5M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E37X351HPN CHEMI-CON-E37X351HPN Datasheet
204Kb / 7P
   Large Can
More results

Similar Description - E37X351CPN472MEA5M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32F351CPN CHEMI-CON-E32F351CPN Datasheet
129Kb / 9P
   Large Can
E32F421HPN CHEMI-CON-E32F421HPN Datasheet
129Kb / 9P
   Large Can
E36D251HPN CHEMI-CON-E36D251HPN Datasheet
143Kb / 13P
   Large Can
E36D501HPN CHEMI-CON-E36D501HPN Datasheet
143Kb / 13P
   Large Can
E36D800HPN CHEMI-CON-E36D800HPN Datasheet
143Kb / 13P
   Large Can
E36F451CPN CHEMI-CON-E36F451CPN Datasheet
127Kb / 9P
   Large Can
E36L351HPN CHEMI-CON-E36L351HPN Datasheet
130Kb / 9P
   Large Can
E36L421CPN CHEMI-CON-E36L421CPN Datasheet
130Kb / 9P
   Large Can
E37L421CPN CHEMI-CON-E37L421CPN Datasheet
204Kb / 7P
   Large Can
E37X401CPN CHEMI-CON-E37X401CPN Datasheet
204Kb / 7P
   Large Can
E37X451CPN CHEMI-CON-E37X451CPN Datasheet
204Kb / 7P
   Large Can
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com