Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E37L401CPN123MEM9M Datasheet(PDF) 4 Page - United Chemi-Con, Inc.

Part # E37L401CPN123MEM9M
Description  Large Can
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E37L401CPN123MEM9M Datasheet(HTML) 4 Page - United Chemi-Con, Inc.

  E37L401CPN123MEM9M Datasheet HTML 1Page - United Chemi-Con, Inc. E37L401CPN123MEM9M Datasheet HTML 2Page - United Chemi-Con, Inc. E37L401CPN123MEM9M Datasheet HTML 3Page - United Chemi-Con, Inc. E37L401CPN123MEM9M Datasheet HTML 4Page - United Chemi-Con, Inc. E37L401CPN123MEM9M Datasheet HTML 5Page - United Chemi-Con, Inc. E37L401CPN123MEM9M Datasheet HTML 6Page - United Chemi-Con, Inc. E37L401CPN123MEM9M Datasheet HTML 7Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
U37L Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
4/7
Engineering Bulletin Mar 2013
Type C: Clamp Dimensions
Type C: Three-Footed Clamp
Clamp: Zinc with silver trivalent
chromate post treatment.
Hardware: Screw, washer and hexagon
nut included with each clamp.
G
1.0 (0.040)
J
0.5 (0.020)
K
0.5 (0.020)
R
1.0 (0.040)
S
1.0 (0.040)
T
0.5 (0.020)
13.3 (0.524)
13.3 (0.524)
13.3 (0.524)
16.0 (0.630)
4.5 (0.177)
4.5 (0.177)
4.5 (0.177)
4.5 (0.177)
7.1 (0.280)
7.1 (0.280)
7.1 (0.280)
8.0 (0.313)
19.1 (0.751)
19.1 (0.751)
19.1 (0.751)
21.0 (0.827)
9.5 (0.374)
9.5 (0.374)
9.5 (0.374)
9.0 (0.354)
0.8 (0.032)
0.8 (0.032)
1.0 (0.040)
1.0 (0.040)
A
1.0 (0.040)
B
1.0 (0.040)
Case
Ø
D
Mounting
Code
50.8 (2.000)
63.5 (2.500)
76.2 (3.000)
89.0 (3.500)
C
C
C
C
31.8 (1.250)
38.1 (1.500)
44.5 (1.750)
50.8 (2.000)
36.5 (1.437)
42.9 (1.689)
49.2 (1.937)
56.5 (2.224)
Mounting Hardware - Screw Terminals
Unit: mm (inches)
360
3
30
45
5
15
D
5.1
0.5 (2 holes)
(0.201
0.020)
J
G
K
AB
R
S
T
Type S: Stud Mounting
P
T
MN
R
D
Q
K
Type S: Stud Dimensions
T
Thread Size
P
1.0 (0.040)
Mounting
Code
16.0 (0.630)
S
M12
Mounting Nut - Order Separately
The insulated plastic mounting nut is not included with stud mount capacitor orders.
It must be ordered separately. See available part numbers below.
Mounting Nut Dimensions
M
1.0 (0.040)
N
1.0 (0.040)
Ø
Q
1.0 (0.040)
R
1.0 (0.040)
19.0 (0.748)
19.0 (0.748)
18.0 (0.709)
18.0 (0.709)
22.0 (0.866)
30.0 (1.181)
1.40 (0.055)
1.40 (0.055)
Ø
K
2.0 (0.080)
Part
Number
50-8D
50-8E
30.0 (1.181)
38.0 (1.496)
Insulated
Plastic Hex Nut


Similar Part No. - E37L401CPN123MEM9M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E37L401HPN CHEMI-CON-E37L401HPN Datasheet
204Kb / 7P
   Large Can
More results

Similar Description - E37L401CPN123MEM9M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32F351CPN CHEMI-CON-E32F351CPN Datasheet
129Kb / 9P
   Large Can
E32F421HPN CHEMI-CON-E32F421HPN Datasheet
129Kb / 9P
   Large Can
E36D251HPN CHEMI-CON-E36D251HPN Datasheet
143Kb / 13P
   Large Can
E36D501HPN CHEMI-CON-E36D501HPN Datasheet
143Kb / 13P
   Large Can
E36D800HPN CHEMI-CON-E36D800HPN Datasheet
143Kb / 13P
   Large Can
E36F451CPN CHEMI-CON-E36F451CPN Datasheet
127Kb / 9P
   Large Can
E36L351HPN CHEMI-CON-E36L351HPN Datasheet
130Kb / 9P
   Large Can
E36L421CPN CHEMI-CON-E36L421CPN Datasheet
130Kb / 9P
   Large Can
E37L421CPN CHEMI-CON-E37L421CPN Datasheet
204Kb / 7P
   Large Can
E37X401CPN CHEMI-CON-E37X401CPN Datasheet
204Kb / 7P
   Large Can
E37X451CPN CHEMI-CON-E37X451CPN Datasheet
204Kb / 7P
   Large Can
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com