Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6X8008C2B-TQ55 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K6X8008C2B-TQ55
Description  1Mx8 bit Low Power and Low Voltage CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6X8008C2B-TQ55 Datasheet(HTML) 5 Page - Samsung semiconductor

  K6X8008C2B-TQ55 Datasheet HTML 1Page - Samsung semiconductor K6X8008C2B-TQ55 Datasheet HTML 2Page - Samsung semiconductor K6X8008C2B-TQ55 Datasheet HTML 3Page - Samsung semiconductor K6X8008C2B-TQ55 Datasheet HTML 4Page - Samsung semiconductor K6X8008C2B-TQ55 Datasheet HTML 5Page - Samsung semiconductor K6X8008C2B-TQ55 Datasheet HTML 6Page - Samsung semiconductor K6X8008C2B-TQ55 Datasheet HTML 7Page - Samsung semiconductor K6X8008C2B-TQ55 Datasheet HTML 8Page - Samsung semiconductor K6X8008C2B-TQ55 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
K6X8008C2B Family
Revision 1.0
September 2003
5
CMOS SRAM
CL1)
1.Including scope and jig capacitance
AC OPERATING CONDITIONS
TEST CONDITIONS(Test Load and Input/Output Reference)
Input pulse level: 0.8 to 2.4V
Input rising and falling time: 5ns
Input and output reference voltage: 1.5V
Output load(see right): CL=100pF+1TTL
CL=50pF+1TTL
DATA RETENTION CHARACTERISTICS
1. CS1
≥Vcc-0.2V,CS2
Vcc-0.2V(CS1 controlled) or CS2Vcc-0.2V(CS2 controlled).
Item
Symbol
Test Condition
Min
Typ
Max
Unit
Vcc for data retention
VDR
CS1
≥Vcc-0.2V1)
2.0
-
5.5
V
Data retention current
IDR
Vcc=3.0V, CS1
≥Vcc-0.2V1)
K6X8008C2B-B
-
-
15
µA
K6X8008C2B-F
15
K6X8008C2B-Q
30
Data retention set-up time
tSDR
See data retention waveform
0
-
-
ms
Recovery time
tRDR
5
-
-
AC CHARACTERISTICS
(VCC=4.5~5.5V, Commercial product: TA=0 to 70
°C, Industrial product: TA=-40 to 85°C, Automotive product: TA=-40 to 125°C)
Parameter List
Symbol
Speed Bins
Units
55ns
70ns
Min
Max
Min
Max
Read
Read Cycle Time
tRC
55
-
70
-
ns
Address Access Time
tAA
-
55
-
70
ns
Chip Select to Output
tCO
-
55
-
70
ns
Output Enable to Valid Output
tOE
-
25
-
35
ns
Chip Select to Low-Z Output
tLZ
10
-
10
-
ns
Output Enable to Low-Z Output
tOLZ
5
-
5
-
ns
Chip Disable to High-Z Output
tHZ
0
20
0
25
ns
Output Disable to High-Z Output
tOHZ
0
20
0
25
ns
Output Hold from Address Change
tOH
10
-
10
-
ns
Write
Write Cycle Time
tWC
55
-
70
-
ns
Chip Select to End of Write
tCW
45
-
60
-
ns
Address Set-up Time
tAS
0
-
0
-
ns
Address Valid to End of Write
tAW
45
-
60
-
ns
Write Pulse Width
tWP
40
-
50
-
ns
Write Recovery Time
tWR
0
-
0
-
ns
Write to Output High-Z
tWHZ
0
20
0
20
ns
Data to Write Time Overlap
tDW
25
-
30
-
ns
Data Hold from Write Time
tDH
0
-
0
-
ns
End Write to Output Low-Z
tOW
5
-
5
-
ns


Similar Part No. - K6X8008C2B-TQ55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X8008T2B SAMSUNG-K6X8008T2B Datasheet
129Kb / 9P
   CMOS SRAM
K6X8008T2B-F SAMSUNG-K6X8008T2B-F Datasheet
129Kb / 9P
   CMOS SRAM
K6X8008T2B-Q SAMSUNG-K6X8008T2B-Q Datasheet
129Kb / 9P
   CMOS SRAM
More results

Similar Description - K6X8008C2B-TQ55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T8008C2M SAMSUNG-K6T8008C2M Datasheet
149Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6T2008V2A SAMSUNG-K6T2008V2A Datasheet
194Kb / 10P
   256Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4016V3C SAMSUNG-K6T4016V3C Datasheet
154Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4008V1C SAMSUNG-K6T4008V1C Datasheet
186Kb / 10P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
List of Unclassifed Man...
EDI8F81026C ETC1-EDI8F81026C Datasheet
154Kb / 6P
   1Mx8 STATIC RAM CMOS, MODULE
logo
Samsung semiconductor
K6F1008V2C SAMSUNG-K6F1008V2C Datasheet
126Kb / 9P
   128Kx8 bit Super Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV25616L ICSI-IC62LV25616L Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com