Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9K4G16Q0M Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K9K4G16Q0M
Description  512M x 8 Bit / 256M x 16 Bit NAND Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9K4G16Q0M Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K9K4G16Q0M Datasheet HTML 7Page - Samsung semiconductor K9K4G16Q0M Datasheet HTML 8Page - Samsung semiconductor K9K4G16Q0M Datasheet HTML 9Page - Samsung semiconductor K9K4G16Q0M Datasheet HTML 10Page - Samsung semiconductor K9K4G16Q0M Datasheet HTML 11Page - Samsung semiconductor K9K4G16Q0M Datasheet HTML 12Page - Samsung semiconductor K9K4G16Q0M Datasheet HTML 13Page - Samsung semiconductor K9K4G16Q0M Datasheet HTML 14Page - Samsung semiconductor K9K4G16Q0M Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
FLASH MEMORY
11
K9K4G08Q0M
K9K4G16Q0M
K9K4G08U0M
K9K4G16U0M
K9W8G08U1M
Program / Erase Characteristics
NOTE : 1. Max. time of
tCBSY depends on timing between internal program completion and data in
Parameter
Symbol
Min
Typ
Max
Unit
Program Time
tPROG
-
300
700
µs
Dummy Busy Time for Cache Program
tCBSY
3
700
µs
Number of Partial Program Cycles
in the Same Page
Main Array
Nop
-
-
4
cycles
Spare Array
-
-
4
cycles
Block Erase Time
tBERS
-
2
3
ms
AC Timing Characteristics for Command / Address / Data Input
NOTES : tADL is the time from the WE rising edge of final address cycle to the WE rising edge of first data cycle.
Parameter
Symbol
K9K4G16U0M(3.3V)
K9K4GXXQ0M(1.8V)
K9XXG08UXM(3.3V)
Unit
Min
Max
Min
Max
CLE setup Time
tCLS
25
-
10
-
ns
CLE Hold Time
tCLH
10
-
5
-
ns
CE setup Time
tCS
35
-
15
-
ns
CE Hold Time
tCH
10
-
5
-
ns
WE Pulse Width
tWP
25
-
15
-
ns
ALE setup Time
tALS
25
-
10
-
ns
ALE Hold Time
tALH
10
-
5
-
ns
Data setup Time
tDS
20
-
10
-
ns
Data Hold Time
tDH
10
-
5
-
ns
Write Cycle Time
tWC
45
-
30
-
ns
WE High Hold Time
tWH
15
-
10
-
ns
ALE to Data Loading Time
tADL
100
-
100
-
ns


Similar Part No. - K9K4G16Q0M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
K9K4G08U STMICROELECTRONICS-K9K4G08U Datasheet
614Kb / 32P
   USB 2.0 high-speed Flash drive controller
logo
Samsung semiconductor
K9K4G08U1M SAMSUNG-K9K4G08U1M Datasheet
839Kb / 40P
   256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
More results

Similar Description - K9K4G16Q0M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K4G08U1M SAMSUNG-K9K4G08U1M Datasheet
839Kb / 40P
   256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
K9K2G08U0M SAMSUNG-K9K2G08U0M Datasheet
680Kb / 39P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K2G08U0M-VCB0 SAMSUNG-K9K2G08U0M-VCB0 Datasheet
734Kb / 38P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9W4G08U1M SAMSUNG-K9W4G08U1M Datasheet
641Kb / 40P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K2G08U0A SAMSUNG-K9K2G08U0A Datasheet
850Kb / 34P
   256M x 8 Bit NAND Flash Memory
K9F2G08B0B SAMSUNG-K9F2G08B0B Datasheet
826Kb / 41P
   256M x 8 Bit NAND Flash Memory
K9L8G08U1A SAMSUNG-K9L8G08U1A Datasheet
730Kb / 44P
   512M x 8 Bit / 1G x 8 Bit NAND Flash Memory
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com