Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U6264AS1A07 Datasheet(PDF) 3 Page - Zentrum Mikroelektronik Dresden AG

Part # U6264AS1A07
Description  Automotive 8K x 8 SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

U6264AS1A07 Datasheet(HTML) 3 Page - Zentrum Mikroelektronik Dresden AG

  U6264AS1A07 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG U6264AS1A07 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG U6264AS1A07 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG U6264AS1A07 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG U6264AS1A07 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG U6264AS1A07 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG U6264AS1A07 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG U6264AS1A07 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
December 12, 1997
U6264ASA07
Electrical Characteristics
Symbol
Conditions
Min.
Max.
Unit
Supply Current - Operating Mode
Supply Current - Standby Mode
(TTL level)
ICC(OP)
ICC(SB)1
VCC
VIL
VIH
tcW
VCC
VE1 = VE2
or VE2
= 5.5 V
= 0.8 V
= 2.2 V
= 70 ns
= 5.5 V
= 2.2 V
= 0.8 V
55
3
mA
mA
Output High Voltage
TTL compatible
CMOS compatible
Output Low Voltage
VOH
VOH
VOL
VCC
IOH
VCC
IOL
= 4.5 V
= -1.0 mA
= 4.5 V
= 3.2 mA
2.4
0.85*VCC
-
-
-
0.4
V
V
V
Output High Current
Output Low Current
IOH
IOL
VCC
VOH
VCC
VOL
= 4.5 V
= 2.4 V
= 4.5 V
= 0.4 V
-
3.2
-1
-
mA
mA
Supply Current - Standby Mode
(CMOS level)
Supply Current - Data Retention
Mode
ICC(SB)
ICC(DR)
VCC
VE1 = VE2
or VE2
VCC(DR)
VE1 = VE2
or
VE2
= 5.5 V
= VCC - 0.2 V
= 0.2 V
=
3 V
= VCC(DR) -
0.2 V
= 0.2 V
30
10
µA
µA
Input High Leakage Current
Input Low Leakage Current
IIH
IIL
VCC
VIH
VCC
VIL
= 5.5 V
= 5.5 V
= 5.5 V
=
0 V
-
-2
2
-
µA
µA
Output Leakage Current
High at Three-State Outputs
Low at Three-State Outputs
IOHZ
IOLZ
VCC
VOH
VCC
VOL
= 5.5 V
= 5.5 V
= 5.5 V
=
0 V
-
-2
2
-
µA
µA
* -2 V at Pulse Width 10 ns
Recommended
Operating Conditions
Symbol
Conditions
Min.
Max.
Unit
Power Supply Voltage
VCC
4.5
5.5
V
Data Retention Voltage
VCC(DR)
2.0
-
V
Input Low Voltage*
VIL
-0.3
0.8
V
Input High Voltage
VIH
2.2
VCC+0.3
V


Similar Part No. - U6264AS1A07

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U6264B ZMD-U6264B Datasheet
162Kb / 9P
   STANDARD 5K X 8 SRAM
U6264BDA07 ZMD-U6264BDA07 Datasheet
162Kb / 9P
   STANDARD 5K X 8 SRAM
U6264BDA07G1 ZMD-U6264BDA07G1 Datasheet
162Kb / 9P
   STANDARD 5K X 8 SRAM
U6264BDA07LL ZMD-U6264BDA07LL Datasheet
162Kb / 9P
   STANDARD 5K X 8 SRAM
U6264BDA07LLG1 ZMD-U6264BDA07LLG1 Datasheet
162Kb / 9P
   STANDARD 5K X 8 SRAM
More results

Similar Description - U6264AS1A07

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U62H64 ZMD-U62H64 Datasheet
163Kb / 9P
   AUTOMOTIVE FAST 8K X 8 SRAM
logo
Austin Semiconductor
MT5C6408 AUSTIN-MT5C6408 Datasheet
100Kb / 12P
   8K x 8 SRAM
logo
Rohm
BR6265BF-N10SL ROHM-BR6265BF-N10SL Datasheet
204Kb / 12P
   8K X 8 bit SRAM
logo
UMC Corporation
UM6264 UMC-UM6264 Datasheet
410Kb / 8P
   8K x 8 CMOS SRAM
logo
Rohm
BR6265 ROHM-BR6265 Datasheet
424Kb / 8P
   8K X 8 CMOS SRAM
logo
STMicroelectronics
MK48Z08 STMICROELECTRONICS-MK48Z08 Datasheet
622Kb / 12P
   CMOS 8K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C164-12 ALSC-AS7C164-12 Datasheet
224Kb / 8P
   5V 8K X 8 CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
STMicroelectronics
M48Z09 STMICROELECTRONICS-M48Z09 Datasheet
122Kb / 13P
   CMOS 8K x 8 ZEROPOWER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com