Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E36L421CPN562MEN0M Datasheet(PDF) 9 Page - United Chemi-Con, Inc.

Part # E36L421CPN562MEN0M
Description  Large Can
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E36L421CPN562MEN0M Datasheet(HTML) 9 Page - United Chemi-Con, Inc.

  E36L421CPN562MEN0M Datasheet HTML 1Page - United Chemi-Con, Inc. E36L421CPN562MEN0M Datasheet HTML 2Page - United Chemi-Con, Inc. E36L421CPN562MEN0M Datasheet HTML 3Page - United Chemi-Con, Inc. E36L421CPN562MEN0M Datasheet HTML 4Page - United Chemi-Con, Inc. E36L421CPN562MEN0M Datasheet HTML 5Page - United Chemi-Con, Inc. E36L421CPN562MEN0M Datasheet HTML 6Page - United Chemi-Con, Inc. E36L421CPN562MEN0M Datasheet HTML 7Page - United Chemi-Con, Inc. E36L421CPN562MEN0M Datasheet HTML 8Page - United Chemi-Con, Inc. E36L421CPN562MEN0M Datasheet HTML 9Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
U36L Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
116
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
Standard Voltage Ratings - Screw Terminals
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(m
Ω) at
25 C, 120Hz
Rated Ripple Current
(A rms) at
85 C
120Hz
300Hz
>3kHz
500 Volts
550 Volts Surge
5,600
E36L501CPN562MFE3M
89
143
FE3
29
18.9
22.7
26.4
5,600
E36L501CPN562MFK0M
89
190
FK0
25
23.0
27.6
32.2
6,800
E36L501CPN682MFF5M
89
155
FF5
24
21.6
25.9
30.2
6,800
E36L501CPN682MFN0M
89
220
FN0
21
27.0
32.4
37.8
8,200
E36L501CPN822MFK0M
89
190
FK0
20
25.9
31.1
36.3
10,000
E36L501CPN103MFN0M
89
220
FN0
16
30.5
36.6
42.7


Similar Part No. - E36L421CPN562MEN0M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E36L421CPN562MEN0M CHEMI-CON-E36L421CPN562MEN0M Datasheet
126Kb / 9P
   Screw Terminals
More results

Similar Description - E36L421CPN562MEN0M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32F351CPN CHEMI-CON-E32F351CPN Datasheet
129Kb / 9P
   Large Can
E32F421HPN CHEMI-CON-E32F421HPN Datasheet
129Kb / 9P
   Large Can
E36D251HPN CHEMI-CON-E36D251HPN Datasheet
143Kb / 13P
   Large Can
E36D501HPN CHEMI-CON-E36D501HPN Datasheet
143Kb / 13P
   Large Can
E36D800HPN CHEMI-CON-E36D800HPN Datasheet
143Kb / 13P
   Large Can
E36F451CPN CHEMI-CON-E36F451CPN Datasheet
127Kb / 9P
   Large Can
E36L351HPN CHEMI-CON-E36L351HPN Datasheet
130Kb / 9P
   Large Can
E37L421CPN CHEMI-CON-E37L421CPN Datasheet
204Kb / 7P
   Large Can
E37X401CPN CHEMI-CON-E37X401CPN Datasheet
204Kb / 7P
   Large Can
E37X451CPN CHEMI-CON-E37X451CPN Datasheet
204Kb / 7P
   Large Can
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com