Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6X8008C2B Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K6X8008C2B
Description  1Mx8 bit Low Power and Low Voltage CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6X8008C2B Datasheet(HTML) 1 Page - Samsung semiconductor

  K6X8008C2B Datasheet HTML 1Page - Samsung semiconductor K6X8008C2B Datasheet HTML 2Page - Samsung semiconductor K6X8008C2B Datasheet HTML 3Page - Samsung semiconductor K6X8008C2B Datasheet HTML 4Page - Samsung semiconductor K6X8008C2B Datasheet HTML 5Page - Samsung semiconductor K6X8008C2B Datasheet HTML 6Page - Samsung semiconductor K6X8008C2B Datasheet HTML 7Page - Samsung semiconductor K6X8008C2B Datasheet HTML 8Page - Samsung semiconductor K6X8008C2B Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
K6X8008C2B Family
Revision 1.0
September 2003
1
CMOS SRAM
Document Title
1Mx8 bit Low Power and Low Voltage CMOS Static RAM
Revision History
Revision No.
0.0
0.1
1.0
Remark
Preliminary
Preliminary
Final
History
Initial draft
Revised
- Deleted 44-TSOP2-400R package type.
- Added Commercial product.
Finalized
- Changed ICC from 10mA to 6mA
- Changed ICC1 from 10mA to 7mA
- Changed ICC2 from 50mA to 35mA
- Changed ISB from 3mA to 0.4mA
- Changed ISB1(Commercial) from 40
µA to 25µA
- Changed ISB1(industrial) from 40
µA to 25µA
- Changed ISB1(Automotive) from 50
µA to 40µA
- Changed IDR(Commercial) from 30
µA to 15µA
- Changed IDR(industrial) from 30
µA to 15µA
- Changed IDR(Automotive) from 40
µA to 30µA
Draft Date
October 31, 2002
December 11, 2002
September 16, 2003
The attached datasheets are provided by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the specifications and
products. SAMSUNG Electronics will answer to yourquestions about device. If you have any questions, please contact the SAMSUNG branch offices.


Similar Part No. - K6X8008C2B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X8008T2B SAMSUNG-K6X8008T2B Datasheet
129Kb / 9P
   CMOS SRAM
K6X8008T2B-F SAMSUNG-K6X8008T2B-F Datasheet
129Kb / 9P
   CMOS SRAM
K6X8008T2B-Q SAMSUNG-K6X8008T2B-Q Datasheet
129Kb / 9P
   CMOS SRAM
More results

Similar Description - K6X8008C2B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T8008C2M SAMSUNG-K6T8008C2M Datasheet
149Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6T2008V2A SAMSUNG-K6T2008V2A Datasheet
194Kb / 10P
   256Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4016V3C SAMSUNG-K6T4016V3C Datasheet
154Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4008V1C SAMSUNG-K6T4008V1C Datasheet
186Kb / 10P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
List of Unclassifed Man...
EDI8F81026C ETC1-EDI8F81026C Datasheet
154Kb / 6P
   1Mx8 STATIC RAM CMOS, MODULE
logo
Samsung semiconductor
K6F1008V2C SAMSUNG-K6F1008V2C Datasheet
126Kb / 9P
   128Kx8 bit Super Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV25616L ICSI-IC62LV25616L Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com