Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6X0808T1D-B Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K6X0808T1D-B
Description  32Kx8 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6X0808T1D-B Datasheet(HTML) 4 Page - Samsung semiconductor

  K6X0808T1D-B Datasheet HTML 1Page - Samsung semiconductor K6X0808T1D-B Datasheet HTML 2Page - Samsung semiconductor K6X0808T1D-B Datasheet HTML 3Page - Samsung semiconductor K6X0808T1D-B Datasheet HTML 4Page - Samsung semiconductor K6X0808T1D-B Datasheet HTML 5Page - Samsung semiconductor K6X0808T1D-B Datasheet HTML 6Page - Samsung semiconductor K6X0808T1D-B Datasheet HTML 7Page - Samsung semiconductor K6X0808T1D-B Datasheet HTML 8Page - Samsung semiconductor K6X0808T1D-B Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CMOS SRAM
K6X0808T1D Family
Revision 1.0
December 2003
4
RECOMMENDED DC OPERATING CONDITIONS1)
Note:
1. Industrial Product: TA=-40 to 85
°C, Otherwise specified
Automotive Product: TA=-40 to 125
°C, Otherwise specified
2. Overshoot: Vcc+3.0V in case of pulse width
≤30ns.
3. Undershoot: -3.0V in case of pulse width
≤30ns.
4. Overshoot and undershoot are sampled, not 100% tested.
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
Vcc
2.7
3.0/3.3
3.6
V
Ground
Vss
0
0
0
V
Input high voltage
VIH
2.2
-
Vcc+0.22)
V
Input low voltage
VIL
-0.23)
-
0.6
V
CAPACITANCE1) (f=1MHz, TA=25
°C)
1. Capacitance is sampled, not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
CIN
VIN=0V
-
8
pF
Input/Output capacitance
CIO
VIO=0V
-
10
pF
DC AND OPERATING CHARACTERISTICS
Item
Symbol
Test Conditions
Min Typ Max Unit
Input leakage current
ILI
VIN=Vss to Vcc
-1
-
1
µA
Output leakage current
ILO
CS=VIH or OE=VIH or WE=VIL, VIO=VSS to Vcc
-1
-
1
µA
Operating power supply current
ICC
IIO=0mA, CS=VIL, VIN=VIH or VIL, Read
-
-
2
mA
Average operating current
ICC1
Cycle time=1
µs, 100% duty, IIO=0mA, CS≤0.2V,
VIN
≤0.2VIN≥Vcc -0.2V
-
-
3
mA
ICC2
Cycle time=Min,100% duty, IIO=0mA, CS=VIL, VIN=VIH or VIL
-
-
20
mA
Output low voltage
VOL
IOL=2.1mA
-
-
0.4
V
Output high voltage
VOH
IOH=-1.0mA
2.4
-
-
V
Standby Current(TTL)
ISB
CS=VIH, Other inputs=VIH or VIL
-
-
0.3
mA
Standby Current(CMOS)
ISB1
CS
≥Vcc-0.2V, Other inputs=0~Vcc
K6X0808T1D-F
-
-
6
µA
K6X0808T1D-Q
-
-
10
µA


Similar Part No. - K6X0808T1D-B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D-DF55 SAMSUNG-K6X0808C1D-DF55 Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D-DF70 SAMSUNG-K6X0808C1D-DF70 Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D-F SAMSUNG-K6X0808C1D-F Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D-GF55 SAMSUNG-K6X0808C1D-GF55 Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - K6X0808T1D-B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256D SAMSUNG-KM62256D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62V256C SAMSUNG-KM62V256C Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6E0808C1C-C SAMSUNG-K6E0808C1C-C Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
logo
NanoAmp Solutions, Inc.
ES62UL256 NANOAMP-ES62UL256 Datasheet
57Kb / 6P
   32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Weida Semiconductor, In...
WCMS0808C1X WEIDA-WCMS0808C1X Datasheet
222Kb / 10P
   32Kx8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com