Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4X56163PE Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K4X56163PE
Description  16M x16 Mobile DDR SDRAM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4X56163PE Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K4X56163PE Datasheet HTML 5Page - Samsung semiconductor K4X56163PE Datasheet HTML 6Page - Samsung semiconductor K4X56163PE Datasheet HTML 7Page - Samsung semiconductor K4X56163PE Datasheet HTML 8Page - Samsung semiconductor K4X56163PE Datasheet HTML 9Page - Samsung semiconductor K4X56163PE Datasheet HTML 10Page - Samsung semiconductor K4X56163PE Datasheet HTML 11Page - Samsung semiconductor K4X56163PE Datasheet HTML 12Page - Samsung semiconductor K4X56163PE Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
K4X56163PE-L(F)G
March 2004
9
Mobile-DDR SDRAM
Figure.3 EMRS code and TCSR , PASR
Note :
1. In order to save power consumption, Mobile DDR SDRAM includes PASR option.
2. Mobile DDR SDRAM supports three kinds of PASR in self refresh mode; Full Array, 1/2 Array, 1/4 Array.
Partial Self Refresh Area
Partial Array Self Refresh (PASR )
BA1=0
BA0=0
BA1=0
BA0=1
BA1=1
BA0=1
BA1=1
BA0=0
BA1=0
BA0=0
BA1=0
BA0=1
BA1=1
BA0=1
BA1=1
BA0=0
BA1=0
BA0=0
BA1=0
BA0=1
BA1=1
BA0=1
BA1=1
BA0=0
Note :
1. In order to save power consumption, Mobile DDR SDRAM includes the internal temperature sensor and control units to control the
self refresh cycle automatically according to the two temperature range ; Max. 40
°C, Max. 85 °C.
2. If the EMRS for external TCSR is issued by the controller, this EMRS code for TCSR is ignored.
Temperature Range
Self Refresh Current (Icc 6)
Unit
Full Array
1/2 Array
1/4 Array
Max. 40
°C
150
125
115
uA
Max. 85
°C
400
300
250
Internal Temperature Compensated Self Refresh (TCSR)
- Full Array
- 1/2 Array
- 1/4 Array


Similar Part No. - K4X56163PE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4X56163P-L SAMSUNG-K4X56163P-L Datasheet
523Kb / 20P
   16Mx16 Mobile DDR SDRAM
K4X56163PG SAMSUNG-K4X56163PG Datasheet
217Kb / 23P
   16M x16 Mobile-DDR SDRAM
K4X56163PI-LFE/GC3 SAMSUNG-K4X56163PI-LFE/GC3 Datasheet
523Kb / 20P
   16Mx16 Mobile DDR SDRAM
K4X56163PI-LFE/GC6 SAMSUNG-K4X56163PI-LFE/GC6 Datasheet
523Kb / 20P
   16Mx16 Mobile DDR SDRAM
More results

Similar Description - K4X56163PE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4X56163PG SAMSUNG-K4X56163PG Datasheet
217Kb / 23P
   16M x16 Mobile-DDR SDRAM
logo
Elite Semiconductor Mem...
M53D1G1664A ESMT-M53D1G1664A Datasheet
1Mb / 48P
   16M x16 Bit x 4 Banks Mobile DDR SDRAM
logo
Samsung semiconductor
K4X51323PC-7E SAMSUNG-K4X51323PC-7E Datasheet
246Kb / 25P
   16M x32 Mobile-DDR SDRAM
K4X51163PC SAMSUNG-K4X51163PC Datasheet
217Kb / 23P
   32M x16 Mobile-DDR SDRAM
logo
Emerging Memory & Logic...
EMD12324PV EMLSI-EMD12324PV Datasheet
938Kb / 46P
   512M: 16M x 32 Mobile DDR SDRAM
EMD12324P EMLSI-EMD12324P Datasheet
2Mb / 44P
   512M: 16M x 32 Mobile DDR SDRAM
EMD56164P EMLSI-EMD56164P Datasheet
770Kb / 45P
   256M: 16M x 16 Mobile DDR SDRAM
logo
Hynix Semiconductor
H5MS5122DFR HYNIX-H5MS5122DFR Datasheet
2Mb / 62P
   Mobile DDR SDRAM 512Mbit (16M x 32bit)
logo
Integrated Silicon Solu...
IS43LR32640A ISSI-IS43LR32640A Datasheet
1Mb / 43P
   16M x 32Bits x 4Banks Mobile DDR SDRAM
logo
Etron Technology, Inc.
EM68B32DVKA ETRON-EM68B32DVKA Datasheet
328Kb / 40P
   16M x 32 Mobile DDR Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com