Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7309 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7309
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7309 Datasheet(HTML) 2 Page - International Rectifier

  IRF7309 Datasheet HTML 1Page - International Rectifier IRF7309 Datasheet HTML 2Page - International Rectifier IRF7309 Datasheet HTML 3Page - International Rectifier IRF7309 Datasheet HTML 4Page - International Rectifier IRF7309 Datasheet HTML 5Page - International Rectifier IRF7309 Datasheet HTML 6Page - International Rectifier IRF7309 Datasheet HTML 7Page - International Rectifier IRF7309 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
148
IRF7309
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
V(BR)DSS
Drain-to-Source Breakdown Voltage
∆V
(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
RDS(ON)
Static Drain-to-Source On-Resistance
VGS(th)
Gate Threshold Voltage
gfs
Forward Transconductance
IDSS
Drain-to-Source Leakage Current
Qg
Total Gate Charge
Qgs
Gate-to-Source Charge
Qgd
Gate-to-Drain ("Miller") Charge
td(on)
Turn-On Delay Time
tr
Rise Time
td(off)
Turn-Off Delay Time
tf
Fall Time
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
V
V/°C
V
S
µA
nC
ns
nH
pF
N-Channel
ID = 2.6A, VDS = 16V, VGS = 4.5V
P-Channel
ID = -2.2A, VDS = -16V, VGS = -4.5V
N-Channel
VDD = 10V, ID = 2.6A, RG = 6.0Ω,
RD = 3.8Ω
P-Channel
VDD = -10V, ID = -2.2A, RG = 6.0Ω,
RD = 4.5Ω
N-Channel
VGS = 0V, VDS = 15V, ƒ = 1.0MHz
P-Channel
VGS = 0V, VDS = -15V, ƒ = 1.0MHz
N-Ch
P-Ch
Source-Drain Ratings and Characteristics
IS
Continuous Source Current (Body Diode)
ISM
Pulsed Source Current (Body Diode)
VSD
Diode Forward Voltage
trr
Reverse Recovery Time
Qrr
Reverse Recovery Charge
A
V
ns
nC
N-Channel
TJ = 25°C, IF = 2.6A, di/dt = 100A/µs
P-Channel
TJ = 25°C, IF = -2.2A, di/dt = 100A/µs
Intrinsic turn-on time is neglegible (turn-on is dominated by LS+LD)
Parameter
Min. Typ. Max. Units
Conditions
N-Ch 30
VGS = 0V, ID = 250µA
P-Ch -30
VGS = 0V, ID = -250µA
N-Ch
— 0.032 —
Reference to 25°C, ID = 1mA
P-Ch
— -0.037 —
Reference to 25°C, ID = -1mA
— 0.050
VGS = 10V, ID = 2.4A
— 0.080
VGS = 4.5V, ID = 2.0A
0.10
VGS = -10V, ID = -1.8A
0.16
VGS = -4.5V, ID = -1.5A
N-Ch 1.0
VDS = VGS, ID = 250µA
P-Ch -1.0
VDS = VGS, ID = -250µA
N-Ch 5.2
VDS = 15V, ID = 2.4A
P-Ch 2.5
VDS = -24V, ID = -1.8A
N-Ch
1.0
VDS = 24V, VGS = 0V
P-Ch
-1.0
VDS = -24V, VGS = 0V
N-Ch
25
VDS = 24V, VGS = 0V, TJ = 125°C
P-Ch
-25
VDS = -24V, VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Forward Leakage
N-P
––
±100
VGS = ± 20V
N-Ch
25
P-Ch
25
N-Ch
2.9
P-Ch
2.9
N-Ch
7.9
P-Ch
9.0
N-Ch
6.8
P-Ch
11
N-Ch
21
P-Ch
17
N-Ch
22
P-Ch
25
N-Ch
7.7
P-Ch
18
LD
Internal Drain Inductace
N-P
4.0
Between lead tip
LS
Internal Source Inductance
N-P
6.0
and center of die contact
N-Ch
520
P-Ch
440
N-Ch
180
P-Ch
200
N-Ch
72
P-Ch
93
Parameter
Min. Typ. Max. Units
Conditions
N-Ch
1.8
P-Ch
-1.8
N-Ch
16
P-Ch
-12
N-Ch
1.0
TJ = 25°C, IS = 1.8A, VGS = 0V
P-Ch
-1.0
TJ = 25°C, IS = -1.8A, VGS = 0V
N-Ch
47
71
P-Ch
53
80
N-Ch
56
84
P-Ch
66
99
ton
Forward Turn-On Time
N-P
Repetitive rating; pulse width limited by max. junction temperature. ( See fig. 23 )
N-Channel ISD ≤ 2.4A, di/dt ≤ 73A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
P-Channel ISD ≤ -1.8A, di/dt ≤ 90A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
Pulse width
≤ 300µs; duty cycle ≤ 2%.


Similar Part No. - IRF7309

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRF7309 UMW-IRF7309 Datasheet
2Mb / 11P
   Dual N P Channel MOSFET
logo
International Rectifier
IRF7309IPBF IRF-IRF7309IPBF Datasheet
1Mb / 11P
   HEXFET Power MOSFET
IRF7309PBF IRF-IRF7309PBF Datasheet
2Mb / 11P
   HEXFET Power MOSFET
IRF7309PBF IRF-IRF7309PBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7309PBF-1 IRF-IRF7309PBF-1 Datasheet
306Kb / 11P
   Industry-standard pinout SO-8 Package
More results

Similar Description - IRF7309

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com