Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32D800HPN822MA92M Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # E32D800HPN822MA92M
Description  Large Can
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E32D800HPN822MA92M Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  E32D800HPN822MA92M Datasheet HTML 1Page - United Chemi-Con, Inc. E32D800HPN822MA92M Datasheet HTML 2Page - United Chemi-Con, Inc. E32D800HPN822MA92M Datasheet HTML 3Page - United Chemi-Con, Inc. E32D800HPN822MA92M Datasheet HTML 4Page - United Chemi-Con, Inc. E32D800HPN822MA92M Datasheet HTML 5Page - United Chemi-Con, Inc. E32D800HPN822MA92M Datasheet HTML 6Page - United Chemi-Con, Inc. E32D800HPN822MA92M Datasheet HTML 7Page - United Chemi-Con, Inc. E32D800HPN822MA92M Datasheet HTML 8Page - United Chemi-Con, Inc. E32D800HPN822MA92M Datasheet HTML 9Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
U32D Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
118
U32D Specifications - Screw Terminals
Item
Category Temperature Range
40 to 105 C
Rated Voltage Range
6.3 to 400VDC
Capacitance Range
180 F to 2.2F at
25 C, 120Hz
Capacitance Tolerance
20% ( M ) at
25 C, 120Hz
Endurance
(Load Life)
The following specifications shall be satisfied when the capacitors are restored to
25 C after
subjecting them to DC voltage for 2,000 hours at
105 C with the rated ripple current applied.
The sum of the DC voltage and peak AC voltage must not exceed the full rated voltage of
the capacitors.
Capacitance change:
≤ 20% from initial measurement
ESR change
:
≤ 200% of initial specified limit
Leakage current
:
≤ initial specified limit
Shelf Test
The following specifications shall be satisfied when the capacitors are restored to
25 C after
exposing them for 500 hours at
105 C without voltage applied. The rated voltage shall be
applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than
48 hours before the measurements.
Capacitance change:
≤ 20% from initial measurement
ESR change
:
≤ 200% of initial specified limit
Leakage current
:
≤ initial specified limit
Characteristics
Leakage Current
I
0.02CV ( A ) or 5mA, whichever is smaller, after 5 minutes at
25 C.
Where I = Max. leakage current ( A ), C = Nominal capacitance ( F ) and V = Rated voltage ( V )
Rated Ripple Current Multipliers
Ambient Temperature ( C)
≤ 45 C
1.41
65 C
1.29
85 C
1.00
105 C
0.57
Frequency (Hz )
Case Diameter
Ø
35 - Ø76
Ø
35
Ø
51- Ø76
Ø
35
Ø
51
Ø
63 - Ø76
Ø
35
Ø
51- Ø63
Ø
76
Ø
35 - Ø89
50Hz
0.95
0.90
0.95
0.82
0.90
0.95
0.80
0.81
0.82
0.80
120Hz
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
300Hz
1.03
1.06
1.03
1.12
1.06
1.03
1.19
1.14
1.12
1.19
1kHz
1.05
1.10
1.05
1.22
1.10
1.05
1.34
1.26
1.22
1.34
10kHz
1.09
1.18
1.09
1.30
1.18
1.09
1.46
1.36
1.30
1.46
50kHz
1.12
1.22
1.12
1.33
1.22
1.12
1.52
1.41
1.33
1.52
DC Rated Voltage
6.3 - 50V
63 - 80V
100V
160 - 250V
315 - 400V


Similar Part No. - E32D800HPN822MA92M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D800HPN822MA92M CHEMI-CON-E32D800HPN822MA92M Datasheet
145Kb / 12P
   Screw Terminals
More results

Similar Description - E32D800HPN822MA92M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32F351CPN CHEMI-CON-E32F351CPN Datasheet
129Kb / 9P
   Large Can
E32F421HPN CHEMI-CON-E32F421HPN Datasheet
129Kb / 9P
   Large Can
E36D251HPN CHEMI-CON-E36D251HPN Datasheet
143Kb / 13P
   Large Can
E36D501HPN CHEMI-CON-E36D501HPN Datasheet
143Kb / 13P
   Large Can
E36D800HPN CHEMI-CON-E36D800HPN Datasheet
143Kb / 13P
   Large Can
E36F451CPN CHEMI-CON-E36F451CPN Datasheet
127Kb / 9P
   Large Can
E36L351HPN CHEMI-CON-E36L351HPN Datasheet
130Kb / 9P
   Large Can
E36L421CPN CHEMI-CON-E36L421CPN Datasheet
130Kb / 9P
   Large Can
E37L421CPN CHEMI-CON-E37L421CPN Datasheet
204Kb / 7P
   Large Can
E37X401CPN CHEMI-CON-E37X401CPN Datasheet
204Kb / 7P
   Large Can
E37X451CPN CHEMI-CON-E37X451CPN Datasheet
204Kb / 7P
   Large Can
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com