Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V255LA15PF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72V255LA15PF
Description  3.3 VOLT CMOS SuperSync FIFO 8,192 x 18 16,384 x 18
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V255LA15PF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72V255LA15PF Datasheet HTML 6Page - Integrated Device Technology IDT72V255LA15PF Datasheet HTML 7Page - Integrated Device Technology IDT72V255LA15PF Datasheet HTML 8Page - Integrated Device Technology IDT72V255LA15PF Datasheet HTML 9Page - Integrated Device Technology IDT72V255LA15PF Datasheet HTML 10Page - Integrated Device Technology IDT72V255LA15PF Datasheet HTML 11Page - Integrated Device Technology IDT72V255LA15PF Datasheet HTML 12Page - Integrated Device Technology IDT72V255LA15PF Datasheet HTML 13Page - Integrated Device Technology IDT72V255LA15PF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10
IDT72V255LA/72V265LA 3.3 VOLT CMOS SuperSync FIFO™
8,192 x 18, 16,384 x 18
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
SERIAL PROGRAMMING MODE
If Serial Programming mode has been selected, as described above, then
programming of
PAE and PAF values can be achieved by using a combi-
nation of the
LD, SEN, WCLK and SI input pins. Programming PAE and
PAF proceeds as follows: when LD and SEN are set LOW, data on the SI
input are written, one bit for each WCLK rising edge, starting with the Empty
Offset LSB and ending with the Full Offset MSB. A total of 26 bits for the
IDT72V255LA and 28 bits for the IDT72V265LA. See Figure 13, Serial
Loading of Programmable Flag Registers, for the timing diagram for this
mode.
Using the serial method, individual registers cannot be programmed se-
lectively.
PAE and PAF can show a valid status only after the complete set
of bits (for all offset registers) has been entered. The registers can be
reprogrammed as long as the complete set of new offset bits is entered.
When
LD is LOW and SEN is HIGH, no serial write to the registers can
occur.
Write operations to the FIFO are allowed before and during the serial
programming sequence. In this case, the programming of all offset bits
does not have to occur at once. A select number of bits can be written to
the SI input and then, by bringing
LD and SEN HIGH, data can be written
to FIFO memory via Dn by toggling
WEN. When WEN is brought HIGH
with
LD and SEN restored to a LOW, the next offset bit in sequence is writ-
ten to the registers via SI. If an interruption of serial programming is de-
sired, it is sufficient either to set
LD LOW and deactivate SEN or to set SEN
LOW and deactivate
LD. Once LD and SEN are both restored to a LOW
level, serial offset programming continues.
From the time serial programming has begun, neither partial flag will be
valid until the full set of bits required to fill all the offset registers has been
written. Measuring from the rising WCLK edge that achieves the above
criteria;
PAF will be valid after two more rising WCLK edges plus tPAF, PAE
will be valid after the next two rising RCLK edges plus tPAE plus tSKEW2.
It is not possible to read the flag offset values in a serial mode.
PARALLEL MODE
If Parallel Programming mode has been selected, as described above,
then programming of
PAE and PAF values can be achieved by using a
combination of the
LD, WCLK , WEN and Dn input pins. ProgrammingPAE
and
PAF proceeds as follows: when LD and WEN are set LOW, data on
the inputs Dn are written into the Empty Offset Register on the first LOW-to-
HIGH transition of WCLK. Upon the second LOW-to-HIGH transition of WCLK,
data are written into the Full Offset Register. The third transition of WCLK
writes, once again, to the Empty Offset Register. See Figure 14, Parallel
Loading of Programmable Flag Registers, for the timing diagram for this
mode.
The act of writing offsets in parallel employs a dedicated write offset
register pointer. The act of reading offsets employs a dedicated read offset
register pointer. The two pointers operate independently; however, a read
and a write should not be performed simultaneously to the offset registers.
A Master Reset initializes both pointers to the Empty Offset (LSB) register.
A Partial Reset has no effect on the position of these pointers.
Write operations to the FIFO are allowed before and during the parallel
programming sequence. In this case, the programming of all offset
registers does not have to occur at one time. One, two or more offset
registers can be written and then by bringing
LD HIGH, write operations
can be redirected to the FIFO memory. When
LD is set LOW again, and
WEN is LOW, the next offset register in sequence is written to. As an
alternative to holding
WEN LOW and toggling LD, parallel programming can
also be interrupted by setting LD LOW and toggling
WEN.
Note that the status of a partial flag (
PAE or PAF) output is invalid during
the programming process. From the time parallel programming has
begun, a partial flag output will not be valid until the appropriate offset word
has been written to the register(s) pertaining to that flag. Measuring from
the rising WCLK edge that achieves the above criteria;
PAF will be valid
after two more rising WCLK edges plus tPAF,
PAE will be valid after the
next two rising RCLK edges plus tPAE plus tSKEW2.
The act of reading the offset registers employs a dedicated read offset
register pointer. The contents of the offset registers can be read on the
Q0-Qn pins when
LD is set LOW and REN is set LOW. Data are read via
Qn from the Empty Offset Register on the first LOW-to-HIGH transition of
RCLK. Upon the second LOW-to-HIGH transition of RCLK, data are read
from the Full Offset Register. The third transition of RCLK reads, once
again, from the Empty Offset Register. See Figure 15, Parallel Read of
Programmable Flag Registers, for the timing diagram for this mode.
It is permissible to interrupt the offset register read sequence with reads
or writes to the FIFO. The interruption is accomplished by deasserting
REN, LD, or both together. When REN and LD are restored to a LOW level,
reading of the offset registers continues where it left off. It should be noted,
and care should be taken from the fact that when a parallel read of the flag
offsets is performed, the data word that was present on the output lines Qn
will be overwritten.
Parallel reading of the offset registers is always permitted regardless of
which timing mode (IDT Standard or FWFT modes) has been selected.
RETRANSMIT OPERATION
The Retransmit operation allows data that has already been read to be
accessed again. There are two stages: first, a setup procedure that resets
the read pointer to the first location of memory, then the actual retransmit,
which consists of reading out the memory contents, starting at the
beginning of memory.
Retransmit setup is initiated by holding
RT LOW during a rising RCLK
edge.
REN and WEN must be HIGH before bringing RT LOW. At least one
word, but no more than D –2 words should have been written into the
FIFO between Reset (Master or Partial) and the time of Retransmit setup.
D = 8,192 for the IDT72V255LA and D = 16,384 for the IDT72V265LA.
In FWFT mode, D = 8,193 for the IDT72V255LA and D = 16,385 for the
IDT72V265LA.
If IDT Standard mode is selected, the FIFO will mark the beginning of
the Retransmit setup by setting
EF LOW. The change in level will only be
noticeable if
EF was HIGH before setup. During this period, the internal
read pointer is initialized to the first location of the RAM array.
When
EF goes HIGH, Retransmit setup is complete and read operations
may begin starting with the first location in memory. Since IDT Standard
mode is selected, every word read including the first word following
Retransmit setup requires a LOW on
REN to enable the rising edge of RCLK.
See Figure 11, Retransmit Timing (IDT Standard Mode), for the relevant
timing diagram.


Similar Part No. - IDT72V255LA15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V255LA IDT-IDT72V255LA Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results

Similar Description - IDT72V255LA15PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V255LA RENESAS-72V255LA Datasheet
402Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
JANUARY 2018
IDT72255LA RENESAS-IDT72255LA Datasheet
404Kb / 28P
   CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72255 IDT-IDT72255 Datasheet
394Kb / 30P
   CMOS SUPERSYNC FIFOO 8,192 x 18, 16,384 x 18
logo
Renesas Technology Corp
72V275 RENESAS-72V275 Datasheet
553Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72V295 IDT-IDT72V295 Datasheet
237Kb / 26P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO 131,072 x 18 262,144 x 18
logo
Renesas Technology Corp
72V295 RENESAS-72V295 Datasheet
391Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 131,072 x 18 262,144 x 18
MARCH 2018
72V261LA RENESAS-72V261LA Datasheet
395Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72264 IDT-IDT72264 Datasheet
392Kb / 31P
   VARIABLE WIDTH SUPERSYNCO FIFO 8,192 x 18 or 16,384 x 9 16,384 x 18 or 32,768 x 9
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com