Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT709089SL Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT709089SL
Description  HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT709089SL Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT709089SL Datasheet HTML 1Page - Integrated Device Technology IDT709089SL Datasheet HTML 2Page - Integrated Device Technology IDT709089SL Datasheet HTML 3Page - Integrated Device Technology IDT709089SL Datasheet HTML 4Page - Integrated Device Technology IDT709089SL Datasheet HTML 5Page - Integrated Device Technology IDT709089SL Datasheet HTML 6Page - Integrated Device Technology IDT709089SL Datasheet HTML 7Page - Integrated Device Technology IDT709089SL Datasheet HTML 8Page - Integrated Device Technology IDT709089SL Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
©2000 Integrated Device Technology, Inc.
FEBRUARY 2000
DSC-3242/10
1
Functional Block Diagram
Features:
x
True Dual-Ported memory cells which allow simultaneous
access of the same memory location
x
High-speed clock to data access
– Commercial: 9/12/15ns (max.)
x
Low-power operation
– IDT709089S
Active: 950mW (typ.)
Standby: 5mW (typ.)
– IDT709089L
Active: 950mW (typ.)
Standby: 1mW (typ.)
x
Flow-Through or Pipelined output mode on either port via
the
FT/PIPE pin
x
Counter enable and reset features
x
Dual chip enables allow for depth expansion without
additional logic
x
Full synchronous operation on both ports
– 4ns setup to clock and 1ns hold on all control, data,
and address inputs
Data input, address, and control registers
– Fast 9ns clock to data out in the Pipelined output mode
– Self-timed write allows fast cycle time
– 15ns cycle time, 66MHz operation in the Pipelined
output mode
x
TTL- compatible, single 5V (±10%) power supply
x
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
x
Available in 100-pin Thin Quad Flatpack (TQFP) package
HIGH-SPEED 64K x 8
SYNCHRONOUS
DUAL-PORT STATIC RAM
PRELIMINARY
IDT709089S/L
0
1
0/1
1
0/1
0
R/
WR
OER
CE0R
CE1R
FT/PIPER
I/O
Control
MEMORY
ARRAY
Counter/
Address
Reg.
I/O
Control
3242 drw 01
A15R
A0R
CLKR
ADSR
CNTENR
CNTRSTR
A0L
CLKL
ADSL
A15L
CNTENL
CNTRSTL
Counter/
Address
Reg.
R/
WL
CE0L
OEL
CE1L
I/O0L - I/O7L
I/O0R -I/O7R
1
0/1
0
0
1
0/1
FT/PIPEL


Similar Part No. - IDT709089SL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709089 IDT-IDT709089 Datasheet
192Kb / 17P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT709089SL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7008S IDT-IDT7008S Datasheet
167Kb / 19P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S Datasheet
163Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_16 Datasheet
717Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_18 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_15 Datasheet
662Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V08 RENESAS-70V08 Datasheet
363Kb / 22P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
MAY 2019
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709289L RENESAS-IDT709289L Datasheet
335Kb / 17P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
709389L RENESAS-709389L Datasheet
339Kb / 16P
   HIGH-SPEED 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
logo
Integrated Device Techn...
IDT709289L IDT-IDT709289L_15 Datasheet
701Kb / 16P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com