Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V825L10PF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72V825L10PF
Description  3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V825L10PF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72V825L10PF Datasheet HTML 7Page - Integrated Device Technology IDT72V825L10PF Datasheet HTML 8Page - Integrated Device Technology IDT72V825L10PF Datasheet HTML 9Page - Integrated Device Technology IDT72V825L10PF Datasheet HTML 10Page - Integrated Device Technology IDT72V825L10PF Datasheet HTML 11Page - Integrated Device Technology IDT72V825L10PF Datasheet HTML 12Page - Integrated Device Technology IDT72V825L10PF Datasheet HTML 13Page - Integrated Device Technology IDT72V825L10PF Datasheet HTML 14Page - Integrated Device Technology IDT72V825L10PF Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
IDT72V805/72V815/72V825/72V835/72V845
3.3 V CMOS DUAL SyncFIFO™ 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
11
WRITE EXPANSION OUT/HALF-FULL FLAG
(
WXOA/HFA, WXOB/HFB)
This is a dual-purpose output. In the Single Device and Width Expansion
mode, when Write Expansion In (
WXIA/WXIB) and/or Read Expansion In
(
RXIA/RXIB) are grounded, this output acts as an indication of a half-full
memory.
After half of the memory is filled, and at the LOW-to-HIGH transition of
the next write cycle, the Half-Full flag goes LOW and will remain set until
the difference between the write pointer and read pointer is less than or
equal to one half of the total memory of the device. The Half-Full flag (
HFA/
HFB) is then reset to HIGH by the LOW-to-HIGH transition of the Read
Clock (RCLK). The
HF is asynchronous.
In the Daisy Chain Depth Expansion mode,
WXI is connected to WXO
of the previous device. This output acts as a signal to the next device in
the Daisy Chain by providing a pulse when the previous device writes to
the last location of memory.
READ EXPANSION OUT (
RXOA/RXOB)
In the Daisy Chain Depth Expansion configuration, Read Expansion In
(
RXIA/RXIB) is connected to Read Expansion Out (RXOA/RXOB) of the
previous device. This output acts as a signal to the next device in the Daisy
Chain by providing a pulse when the previous device reads from the last
location of memory.
DATA OUTPUTS (Q0-Q17, QB0-QB17)
Q0-Q17 are data outputs for 18-bit wide data.


Similar Part No. - IDT72V825L10PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V825 IDT-IDT72V825 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72V825 RENESAS-IDT72V825 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
More results

Similar Description - IDT72V825L10PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
logo
Integrated Device Techn...
IDT72805LB IDT-IDT72805LB Datasheet
334Kb / 26P
   CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com