Electronic Components Datasheet Search |
|
T912-B5K-010-10 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS |
|
T912-B5K-010-10 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS |
|
1 / 1 page RHOPOINT COMPONENTS LTD web: www.rhopointcomponents.com e-mail: sales@rhopointcomponents.com RHOPOINT COMPONENTS LTD Holland Road, Hurst Green, Oxted, Surrey, RH8 9AX Phone: +44 (0) 1883 717988 Fax: +44 (0) 1883 712938 Resistor Pairs and Quads with Ratio Characteristics for Precision Analog Circuits Type T912 and T914 Precision Resistor Networks are constructed with Caddock Tetrinox resistance films to achieve the precise ratio performance and stability required by highly accurate amplifier circuits, voltage reference circuits and precision bridge circuits. • Ratio Tolerance - from 0.1% to 0.01%. • Ratio Temperature Coefficient - 10 ppm/°C, 5 ppm/°C or 2 ppm/°C. • Absolute Temperature Coefficient - 25 ppm/°C. • Ratio Stability of Resistance at Full Load for 2,000 hours - within 0.01%. • Shelf Life Stability of Ratio for 6 Months - within 0.005%. Both the T912 and the T914 are available in 14 standard resistance values between 1,000 ohms and 1 Megohm. Caddock's high thru-put manufacturing capability assures that prototype and large-volume production quantities are available either from stock or within 6 weeks after receipt of order. Specifications: Absolute Tolerance: ±0.1% for all resistors. Absolute Temperature Coefficient: ±25 ppm/°C referenced to +25°C, ∆R taken at 0°C and +70°C. Voltage Rating: 30 volts DC or RMS AC applied to R1, R2, R3 and R4. Power Rating: 0.10 watt applied to R1, R2, R3 and R4 (not to exceed rated voltage). Package Power Rating: Type T912, 0.20 watt. Type T914, 0.40 watt. Storage Temperature: -55°C to +105°C. Insulation Resistance Between Isolated Pins: Pin 2 to Pin 3, Pin 4 to Pin 5, or Pin 6 to Pin 7, 1,000 Megohms, minimum. Dielectric Strength Between Isolated Pins: 50 volts RMS AC. Ratio Stability Under Load: Ratio change between any two resistors in the network under full load for 2,000 hours at +70°C, 0.01% maximum. Shelf Stability of Ratio: Six months at shelf conditions, 50 ppm maximum. Custom Model T912 and T914 Precision Resistor Networks For applications requiring non-standard resistance values, the T912 and T914 custom configurations can include these special features: • Mixed resistance values with a maximum ratio of 250-to-1. (Example: 1.0 Megohm and 4 K) • Absolute TC as low as 15 ppm/°C. • Ratio TC as low as 2 ppm/°C. • Custom voltage ratings. • Matched resistors of any special value between 1 K and 2 Megohms. Call or write our Applications Engineering for performance, price and availability of these custom resistor networks. Standard Type T912 and Type T914 Precision Resistor Networks In addition to the 14 standard equal value models of the Type T912 and T914, the Type T912 can also be ordered with - • 10:1 Resistance Ratio - for use in amplifier gain-setting. • 9:1 Resistance Ratio - for use in voltage reference dividers. Type T912 and T914 Precision Resistor Networks ® Ordering Information: .500 ±.020 (12.70 ±.51) .095 (2.41) MAX. PIN 1 CADDOCK T914 0129 .010 (.26) .020 (.51) .150 ±.040 (3.81 ±1.02) .100 (2.54) .900 ±.020 (22.86 ±.51) 8 PINS ON .100 (2.54) CENTERS R1 R2 1 2 3 4 R3 R4 5 6 7 8 R1 R2 1 2 3 4 Type T914 Ratios Available: 1:1 and Custom. Type T912 Ratios Available: 1:1, 9:1, 10:1 and Custom. R1 = R2 = R3 = R4 DIMENSIONS IN INCHES AND (MILLIMETERS) .010 (.26) .500 ±.020 (12.70 ±.51) .020 (.51) CADDOCK T912 0102 PIN 1 .150 ±.040 (3.81 ±1.02) .100 (2.54) .500 ±.020 (12.70 ±.51) 4 PINS ON .100 (2.54) CENTERS .095 (2.41) MAX. Ratio Code Letter: A - T912 with R1: R2 where R2 = 10R1 1K:10K 10K:100K 40K:400K 2K:20K 20K:200K 50K:500K 5K:50K 25K:250K 100K:1 Meg B - T912 with R1: R2 where R2 = 9R1 1K:9K 10K:90K 40K:360K 2K:18K 20K:180K 50K:450K 5K:45K 25K:225K 100K:900K Model Number Ratio Tolerance: -100 = 0.1% -020 = 0.02% -050 = 0.05% -010 = 0.01% Standard Resistance Values: (R1) 1K 10K 40K 200K 500K 2K 20K 50K 250K 1 Meg 5K 25K 100K 400K Ratio Temperature Track (0°C to +70°C): -10 = 10 ppm/°C -05 = 5 ppm/°C -02 = 2 ppm/°C T912 - A 10K - 010 - 02 Special or mixed resistance values are available as custom networks. See the custom section at the bottom of this page. (This information appears on the back side of the network) No Letter - T912 with R1 = R2 No Letter - T914 with R1 = R2 = R3 = R4 * * * * * 27.1 IL117.0802 Sales and Corporate Office 1717 Chicago Avenue Riverside, California 92507-2364 Phone: (951) 788-1700 Fax: (951) 369-1151 Applications Engineering 17271 North Umpqua Hwy. Roseburg, Oregon 97470-9422 Phone: (541) 496-0700 Fax: (541) 496-0408 e-mail: caddock@caddock.com • web: www.caddock.com For Caddock Distributors listed by country see caddock.com/contact/dist.html © 2004 Caddock Electronics, Inc. CAD K DOC Type MG Precision High Voltage Resistors Specifications: Resistance Tolerance: Resistance Range Tolerance � 1% � 1%, �0.5%, �0.25%, �0.1% Standard St'd with "-15" rating Extended Range � 1% Resistance Range Overload/Overvoltage, �R N/A 0.5% max. Standard St'd with "-15" rating Extended Range 0.8% max. Models with low inductance construction are in shaded areas. Models with Caddock's Non-Inductive Resistance Pattern are in non-shaded areas. Standard and St'd with "-15" rating � 80 ppm/�C from +25�C to +105�C, -200 ppm/�C to +50 ppm/�C from -15�C to +25�C. Resistance Range � 80 ppm/�C from -15�C to +105�C, referenced to +25�C. TC Specifications Extended Range Resistance Range Load Life, �R 0.8% max. 0.5% max. Standard St'd with "-15" rating Extended Range 0.8% max. Dielect. Strength Max. Continuous Oper. Volt. Watt- age Model No. A B C Dimensions in inches and (millimeters) Resistance Standard Max. Extended Max. Min. MG650 .313 �.020 (7.95 �.51) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG655 .313 �.030 (7.95 �.76) .109 �.025 (2.77 �.64) .025 �.002 (.64 �.05) MG660 .500 �.030 (12.70 �.76) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG680 .750 �.030 (19.05 �.76) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG710 1.000 �.040 (25.40 �1.02) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG712 .400 �.060 (10.16 �.152) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG714 .562 �.060 (14.27 �1.52) .150 �.030 (3.81 �.76) .032 �.002 (.81 �.05) MG715 .750 �.060 (19.05 �1.52) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG716 1.000 �.060 (25.40 �1.52) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG717 .710 �.050 (18.03 �1.27) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG720 1.500 �.080 (38.10 �2.03) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG721 1.000 �.050 (25.40 �1.27) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG725 2.000 �.080 (50.80 �2.03) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG730 1.500 �.080 (38.10 �2.03) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG731 1.000 �.060 (25.40 �1.52) .315 � .030 (8.00 �.76) .040 �.002 (1.02 �.05) MG735 2.000 �.080 (50.80 �2.03) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG740 1.500 �.060 (38.10 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG745 3.000 �.100 (76.20 �2.54) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG750 2.125 �.060 (53.98 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG780 3.125 �.060 (79.38 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG785 4.000 �.120 (101.60 �3.05) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG810 5.000 �.120 (127.00 �3.05) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG815 6.000 �.120 (152.40 �3.05) .350 �.040 (8.89 �1.02) .040 �.002 (1.02 �.05) 0.5 0.5 0.6 0.8 1.0 0.6 1.0 1.0 1.5 1.5 2.0 2.0 2.5 3.0 2.6 3.6 3.6 5.0 5.0 7.5 8.0 10.0 15.0 600 600 1,000 2,000 4,000 1,000 1,000 2,000 4,000 2,000 6,000 4,000 10,000 6,000 4,000 10,000 6,000 15,000 10,000 15,000 20,000 25,000 30,000 750 750 750 750 750 750 750 750 750 750 750 750 750 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 200 � 200 � 400 � 600 � 800 � 800 � 200 � 400 � 600 � 600 � 1 K 200 � 1.5 K 500 � 200 � 750 � 300 � 1 K 400 � 600 � 800 � 1 K 1 K 5 Meg 8 Meg 10 Meg 20 Meg 50 Meg 20 Meg 20 Meg 50 Meg 75 Meg 75 Meg 150 Meg 100 Meg 200 Meg 250 Meg 150 Meg 300 Meg 300 Meg 500 Meg 500 Meg 750 Meg 1,000 Meg 1,250 Meg 2,000 Meg N/A N/A N/A N/A N/A N/A N/A N/A N/A 225 M N/A 300 M N/A 750 M 750 M 1,000 M 1,500 M 1,500 M 2,500 M 3,750 M 5,000 M 6,250 M 10,000 M -15 Min. 6.5 Meg N/A N/A N/A N/A N/A N/A 26 Meg 70 Meg 17 Meg N/A 51 Meg N/A 77 Meg 40 Meg 178 Meg 64 Meg 288 Meg 128 Meg 192 Meg 320 Meg 400 Meg 384 Meg Overload Rating Type 1 Type 1 Type 1 Type 1 Type 1 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Now with Extended Resistance Range to 10,000 Megohms and Additional Models Temperature Coefficient as tight as 80 ppm/°C, Combined with Excellent Long-Term Stability and Precision Tolerances. Caddock's Micronox® resistance films are the source of the Type MG Precision High Voltage Resistors' outstanding combination of performance features: • Single-resistor values as high as 10,000 Megohms. • Maximum continuous operating voltages as high as 48,000 volts ("-15" ratings). • Overvoltage capabilities of 150% of standard working voltages for all models and values, (except "-15" ratings). • Resistance Tolerances from ±1.0% to ±0.1%. • Temperature Coefficient, for standard resistance range, of 80 ppm/°C in combination with resistance tolerances as tight as ±0.1%. • Type MG resistors have demonstrated stability of 0.01% per 1,000 hours in extended load life testing of standard resistance range values. This exceptional performance has been proven through many years of use in equipment that demands the highest reliability and stability, including TWT amplifiers, X-ray systems, geophysical instruments, and medical electronics. Preconditioning for Power and Voltage Ratings All power ratings and maximum operating voltage ratings are for continuous duty. These ratings are based on pre- stress voltage levels applied during the manufacturing process to provide for stable resistor performance even under momentary overload conditions. Maximum operating voltages 60% higher than the values listed in the table may be specified by adding "-15" to the model number (Example: MG750-15). Note that overload and overvoltage ratings do not apply to the "-15" resistors. Resistance ranges for "-15" resistors shown in the table are from "-15 Min." to "Standard Max." Non-Inductive Performance Most models are manufactured with Caddock's Non-Inductive Design which uses a serpentine resistive pattern that provides for neighboring lines to carry current in opposite directions, thereby achieving maximum cancellation of flux fields over the entire length of the resistor. This efficient non-inductive construction is accomplished without derating of any performance advantages. Insulation Resistance: 10,000 Megohms, min. Overload/Overvoltage: 5 times rated power with applied voltage not to exceed 1.5 times max- imum continuous operating voltage for 5 seconds . Type 1: DC Voltage Type 2: DC Voltage or VrmsAC Thermal Shock: Mil-Std-202, Method 107, Cond. C, ΔR 0.25% max. Moisture Resistance: Mil-Std-202, Method 106, Δ R 0.4% max. Load Life: 1,000 hours at +125°C at rated voltage, not to exceed rated power. Solderable Leads Encapsulation: High Temperature Silicone Conformal. Temperature Coefficient: Page 1 of 2 28_IL110.1004 Sales and Corporate Office 1717 Chicago Avenue Riverside, California 92507-2364 Phone: (951) 788-1700 Fax: (951) 369-1151 Applications Engineering 17271 North Umpqua Hwy. Roseburg, Oregon 97470-9422 Phone: (541) 496-0700 Fax: (541) 496-0408 e-mail: caddock@caddock.com • web: www.caddock.com For Caddock Distributors listed by country see caddock.com/contact/dist.html © 2004 Caddock Electronics, Inc. CAD K DOC Type MG Precision High Voltage Resistors Specifications: Resistance Tolerance: Resistance Range Tolerance � 1% � 1%, �0.5%, �0.25%, �0.1% Standard St'd with "-15" rating Extended Range � 1% Resistance Range Overload/Overvoltage, �R N/A 0.5% max. Standard St'd with "-15" rating Extended Range 0.8% max. Models with low inductance construction are in shaded areas. Models with Caddock's Non-Inductive Resistance Pattern are in non-shaded areas. Standard and St'd with "-15" rating � 80 ppm/�C from +25�C to +105�C, -200 ppm/�C to +50 ppm/�C from -15�C to +25�C. Resistance Range � 80 ppm/�C from -15�C to +105�C, referenced to +25�C. TC Specifications Extended Range Resistance Range Load Life, �R 0.8% max. 0.5% max. Standard St'd with "-15" rating Extended Range 0.8% max. Dielect. Strength Max. Continuous Oper. Volt. Watt- age Model No. A B C Dimensions in inches and (millimeters) Resistance Standard Max. Extended Max. Min. MG650 .313 �.020 (7.95 �.51) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG655 .313 �.030 (7.95 �.76) .109 �.025 (2.77 �.64) .025 �.002 (.64 �.05) MG660 .500 �.030 (12.70 �.76) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG680 .750 �.030 (19.05 �.76) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG710 1.000 �.040 (25.40 �1.02) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG712 .400 �.060 (10.16 �.152) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG714 .562 �.060 (14.27 �1.52) .150 �.030 (3.81 �.76) .032 �.002 (.81 �.05) MG715 .750 �.060 (19.05 �1.52) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG716 1.000 �.060 (25.40 �1.52) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG717 .710 �.050 (18.03 �1.27) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG720 1.500 �.080 (38.10 �2.03) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG721 1.000 �.050 (25.40 �1.27) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG725 2.000 �.080 (50.80 �2.03) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG730 1.500 �.080 (38.10 �2.03) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG731 1.000 �.060 (25.40 �1.52) .315 � .030 (8.00 �.76) .040 �.002 (1.02 �.05) MG735 2.000 �.080 (50.80 �2.03) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG740 1.500 �.060 (38.10 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG745 3.000 �.100 (76.20 �2.54) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG750 2.125 �.060 (53.98 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG780 3.125 �.060 (79.38 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG785 4.000 �.120 (101.60 �3.05) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG810 5.000 �.120 (127.00 �3.05) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG815 6.000 �.120 (152.40 �3.05) .350 �.040 (8.89 �1.02) .040 �.002 (1.02 �.05) 0.5 0.5 0.6 0.8 1.0 0.6 1.0 1.0 1.5 1.5 2.0 2.0 2.5 3.0 2.6 3.6 3.6 5.0 5.0 7.5 8.0 10.0 15.0 600 600 1,000 2,000 4,000 1,000 1,000 2,000 4,000 2,000 6,000 4,000 10,000 6,000 4,000 10,000 6,000 15,000 10,000 15,000 20,000 25,000 30,000 750 750 750 750 750 750 750 750 750 750 750 750 750 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 200 � 200 � 400 � 600 � 800 � 800 � 200 � 400 � 600 � 600 � 1 K 200 � 1.5 K 500 � 200 � 750 � 300 � 1 K 400 � 600 � 800 � 1 K 1 K 5 Meg 8 Meg 10 Meg 20 Meg 50 Meg 20 Meg 20 Meg 50 Meg 75 Meg 75 Meg 150 Meg 100 Meg 200 Meg 250 Meg 150 Meg 300 Meg 300 Meg 500 Meg 500 Meg 750 Meg 1,000 Meg 1,250 Meg 2,000 Meg N/A N/A N/A N/A N/A N/A N/A N/A N/A 225 M N/A 300 M N/A 750 M 750 M 1,000 M 1,500 M 1,500 M 2,500 M 3,750 M 5,000 M 6,250 M 10,000 M -15 Min. 6.5 Meg N/A N/A N/A N/A N/A N/A 26 Meg 70 Meg 17 Meg N/A 51 Meg N/A 77 Meg 40 Meg 178 Meg 64 Meg 288 Meg 128 Meg 192 Meg 320 Meg 400 Meg 384 Meg Overload Rating Type 1 Type 1 Type 1 Type 1 Type 1 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Now with Extended Resistance Range to 10,000 Megohms and Additional Models Temperature Coefficient as tight as 80 ppm/°C, Combined with Excellent Long-Term Stability and Precision Tolerances. Caddock's Micronox® resistance films are the source of the Type MG Precision High Voltage Resistors' outstanding combination of performance features: • Single-resistor values as high as 10,000 Megohms. • Maximum continuous operating voltages as high as 48,000 volts ("-15" ratings). • Overvoltage capabilities of 150% of standard working voltages for all models and values, (except "-15" ratings). • Resistance Tolerances from ±1.0% to ±0.1%. • Temperature Coefficient, for standard resistance range, of 80 ppm/°C in combination with resistance tolerances as tight as ±0.1%. • Type MG resistors have demonstrated stability of 0.01% per 1,000 hours in extended load life testing of standard resistance range values. This exceptional performance has been proven through many years of use in equipment that demands the highest reliability and stability, including TWT amplifiers, X-ray systems, geophysical instruments, and medical electronics. Preconditioning for Power and Voltage Ratings All power ratings and maximum operating voltage ratings are for continuous duty. These ratings are based on pre- stress voltage levels applied during the manufacturing process to provide for stable resistor performance even under momentary overload conditions. Maximum operating voltages 60% higher than the values listed in the table may be specified by adding "-15" to the model number (Example: MG750-15). Note that overload and overvoltage ratings do not apply to the "-15" resistors. Resistance ranges for "-15" resistors shown in the table are from "-15 Min." to "Standard Max." Non-Inductive Performance Most models are manufactured with Caddock's Non-Inductive Design which uses a serpentine resistive pattern that provides for neighboring lines to carry current in opposite directions, thereby achieving maximum cancellation of flux fields over the entire length of the resistor. This efficient non-inductive construction is accomplished without derating of any performance advantages. Insulation Resistance: 10,000 Megohms, min. Overload/Overvoltage: 5 times rated power with applied voltage not to exceed 1.5 times max- imum continuous operating voltage for 5 seconds . Type 1: DC Voltage Type 2: DC Voltage or VrmsAC Thermal Shock: Mil-Std-202, Method 107, Cond. C, ΔR 0.25% max. Moisture Resistance: Mil-Std-202, Method 106, Δ R 0.4% max. Load Life: 1,000 hours at +125°C at rated voltage, not to exceed rated power. Solderable Leads Encapsulation: High Temperature Silicone Conformal. Temperature Coefficient: Page 1 of 2 28_IL110.1004 Sales and Corporate Office 1717 Chicago Avenue Riverside, California 92507-2364 Phone: (951) 788-1700 Fax: (951) 369-1151 Applications Engineering 17271 North Umpqua Hwy. Roseburg, Oregon 97470-9422 Phone: (541) 496-0700 Fax: (541) 496-0408 e-mail: caddock@caddock.com • web: www.caddock.com For Caddock Distributors listed by country see caddock.com/contact/dist.html © 2004 Caddock Electronics, Inc. CAD K DOC Type MG Precision High Voltage Resistors Specifications: Resistance Tolerance: Resistance Range Tolerance � 1% � 1%, �0.5%, �0.25%, �0.1% Standard St'd with "-15" rating Extended Range � 1% Resistance Range Overload/Overvoltage, �R N/A 0.5% max. Standard St'd with "-15" rating Extended Range 0.8% max. Models with low inductance construction are in shaded areas. Models with Caddock's Non-Inductive Resistance Pattern are in non-shaded areas. Standard and St'd with "-15" rating � 80 ppm/�C from +25�C to +105�C, -200 ppm/�C to +50 ppm/�C from -15�C to +25�C. Resistance Range � 80 ppm/�C from -15�C to +105�C, referenced to +25�C. TC Specifications Extended Range Resistance Range Load Life, �R 0.8% max. 0.5% max. Standard St'd with "-15" rating Extended Range 0.8% max. Dielect. Strength Max. Continuous Oper. Volt. Watt- age Model No. A B C Dimensions in inches and (millimeters) Resistance Standard Max. Extended Max. Min. MG650 .313 �.020 (7.95 �.51) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG655 .313 �.030 (7.95 �.76) .109 �.025 (2.77 �.64) .025 �.002 (.64 �.05) MG660 .500 �.030 (12.70 �.76) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG680 .750 �.030 (19.05 �.76) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG710 1.000 �.040 (25.40 �1.02) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG712 .400 �.060 (10.16 �.152) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG714 .562 �.060 (14.27 �1.52) .150 �.030 (3.81 �.76) .032 �.002 (.81 �.05) MG715 .750 �.060 (19.05 �1.52) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG716 1.000 �.060 (25.40 �1.52) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG717 .710 �.050 (18.03 �1.27) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG720 1.500 �.080 (38.10 �2.03) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG721 1.000 �.050 (25.40 �1.27) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG725 2.000 �.080 (50.80 �2.03) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG730 1.500 �.080 (38.10 �2.03) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG731 1.000 �.060 (25.40 �1.52) .315 � .030 (8.00 �.76) .040 �.002 (1.02 �.05) MG735 2.000 �.080 (50.80 �2.03) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG740 1.500 �.060 (38.10 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG745 3.000 �.100 (76.20 �2.54) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG750 2.125 �.060 (53.98 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG780 3.125 �.060 (79.38 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG785 4.000 �.120 (101.60 �3.05) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG810 5.000 �.120 (127.00 �3.05) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG815 6.000 �.120 (152.40 �3.05) .350 �.040 (8.89 �1.02) .040 �.002 (1.02 �.05) 0.5 0.5 0.6 0.8 1.0 0.6 1.0 1.0 1.5 1.5 2.0 2.0 2.5 3.0 2.6 3.6 3.6 5.0 5.0 7.5 8.0 10.0 15.0 600 600 1,000 2,000 4,000 1,000 1,000 2,000 4,000 2,000 6,000 4,000 10,000 6,000 4,000 10,000 6,000 15,000 10,000 15,000 20,000 25,000 30,000 750 750 750 750 750 750 750 750 750 750 750 750 750 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 200 � 200 � 400 � 600 � 800 � 800 � 200 � 400 � 600 � 600 � 1 K 200 � 1.5 K 500 � 200 � 750 � 300 � 1 K 400 � 600 � 800 � 1 K 1 K 5 Meg 8 Meg 10 Meg 20 Meg 50 Meg 20 Meg 20 Meg 50 Meg 75 Meg 75 Meg 150 Meg 100 Meg 200 Meg 250 Meg 150 Meg 300 Meg 300 Meg 500 Meg 500 Meg 750 Meg 1,000 Meg 1,250 Meg 2,000 Meg N/A N/A N/A N/A N/A N/A N/A N/A N/A 225 M N/A 300 M N/A 750 M 750 M 1,000 M 1,500 M 1,500 M 2,500 M 3,750 M 5,000 M 6,250 M 10,000 M -15 Min. 6.5 Meg N/A N/A N/A N/A N/A N/A 26 Meg 70 Meg 17 Meg N/A 51 Meg N/A 77 Meg 40 Meg 178 Meg 64 Meg 288 Meg 128 Meg 192 Meg 320 Meg 400 Meg 384 Meg Overload Rating Type 1 Type 1 Type 1 Type 1 Type 1 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Now with Extended Resistance Range to 10,000 Megohms and Additional Models Temperature Coefficient as tight as 80 ppm/°C, Combined with Excellent Long-Term Stability and Precision Tolerances. Caddock's Micronox® resistance films are the source of the Type MG Precision High Voltage Resistors' outstanding combination of performance features: • Single-resistor values as high as 10,000 Megohms. • Maximum continuous operating voltages as high as 48,000 volts ("-15" ratings). • Overvoltage capabilities of 150% of standard working voltages for all models and values, (except "-15" ratings). • Resistance Tolerances from ±1.0% to ±0.1%. • Temperature Coefficient, for standard resistance range, of 80 ppm/°C in combination with resistance tolerances as tight as ±0.1%. • Type MG resistors have demonstrated stability of 0.01% per 1,000 hours in extended load life testing of standard resistance range values. This exceptional performance has been proven through many years of use in equipment that demands the highest reliability and stability, including TWT amplifiers, X-ray systems, geophysical instruments, and medical electronics. Preconditioning for Power and Voltage Ratings All power ratings and maximum operating voltage ratings are for continuous duty. These ratings are based on pre- stress voltage levels applied during the manufacturing process to provide for stable resistor performance even under momentary overload conditions. Maximum operating voltages 60% higher than the values listed in the table may be specified by adding "-15" to the model number (Example: MG750-15). Note that overload and overvoltage ratings do not apply to the "-15" resistors. Resistance ranges for "-15" resistors shown in the table are from "-15 Min." to "Standard Max." Non-Inductive Performance Most models are manufactured with Caddock's Non-Inductive Design which uses a serpentine resistive pattern that provides for neighboring lines to carry current in opposite directions, thereby achieving maximum cancellation of flux fields over the entire length of the resistor. This efficient non-inductive construction is accomplished without derating of any performance advantages. Insulation Resistance: 10,000 Megohms, min. Overload/Overvoltage: 5 times rated power with applied voltage not to exceed 1.5 times max- imum continuous operating voltage for 5 seconds . Type 1: DC Voltage Type 2: DC Voltage or VrmsAC Thermal Shock: Mil-Std-202, Method 107, Cond. C, ΔR 0.25% max. Moisture Resistance: Mil-Std-202, Method 106, Δ R 0.4% max. Load Life: 1,000 hours at +125°C at rated voltage, not to exceed rated power. Solderable Leads Encapsulation: High Temperature Silicone Conformal. Temperature Coefficient: Page 1 of 2 28_IL110.1004 UK & Ireland Distributors Hurst Green • Surrey • RH8 9AX • UK Email • sales@rhopointcomponents.com Web • www.rhopointcomponents.com Tel: +44 (0) 870 608 1188 Sales and Corporate Office 1717 Chicago Avenue Riverside, California 92507-2364 Phone: (951) 788-1700 Fax: (951) 369-1151 Applications Engineering 17271 North Umpqua Hwy. Roseburg, Oregon 97470-9422 Phone: (541) 496-0700 Fax: (541) 496-0408 e-mail: caddock@caddock.com • web: www.caddock.com For Caddock Distributors listed by country see caddock.com/contact/dist.html © 2004 Caddock Electronics, Inc. CAD K DOC Type MG Precision High Voltage Resistors Specifications: Resistance Tolerance: Resistance Range Tolerance � 1% � 1%, �0.5%, �0.25%, �0.1% Standard St'd with "-15" rating Extended Range � 1% Resistance Range Overload/Overvoltage, �R N/A 0.5% max. Standard St'd with "-15" rating Extended Range 0.8% max. Models with low inductance construction are in shaded areas. Models with Caddock's Non-Inductive Resistance Pattern are in non-shaded areas. Standard and St'd with "-15" rating � 80 ppm/�C from +25�C to +105�C, -200 ppm/�C to +50 ppm/�C from -15�C to +25�C. Resistance Range � 80 ppm/�C from -15�C to +105�C, referenced to +25�C. TC Specifications Extended Range Resistance Range Load Life, �R 0.8% max. 0.5% max. Standard St'd with "-15" rating Extended Range 0.8% max. Dielect. Strength Max. Continuous Oper. Volt. Watt- age Model No. A B C Dimensions in inches and (millimeters) Resistance Standard Max. Extended Max. Min. MG650 .313 �.020 (7.95 �.51) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG655 .313 �.030 (7.95 �.76) .109 �.025 (2.77 �.64) .025 �.002 (.64 �.05) MG660 .500 �.030 (12.70 �.76) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG680 .750 �.030 (19.05 �.76) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG710 1.000 �.040 (25.40 �1.02) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG712 .400 �.060 (10.16 �.152) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG714 .562 �.060 (14.27 �1.52) .150 �.030 (3.81 �.76) .032 �.002 (.81 �.05) MG715 .750 �.060 (19.05 �1.52) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG716 1.000 �.060 (25.40 �1.52) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG717 .710 �.050 (18.03 �1.27) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG720 1.500 �.080 (38.10 �2.03) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG721 1.000 �.050 (25.40 �1.27) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG725 2.000 �.080 (50.80 �2.03) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG730 1.500 �.080 (38.10 �2.03) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG731 1.000 �.060 (25.40 �1.52) .315 � .030 (8.00 �.76) .040 �.002 (1.02 �.05) MG735 2.000 �.080 (50.80 �2.03) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG740 1.500 �.060 (38.10 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG745 3.000 �.100 (76.20 �2.54) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG750 2.125 �.060 (53.98 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG780 3.125 �.060 (79.38 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG785 4.000 �.120 (101.60 �3.05) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG810 5.000 �.120 (127.00 �3.05) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG815 6.000 �.120 (152.40 �3.05) .350 �.040 (8.89 �1.02) .040 �.002 (1.02 �.05) 0.5 0.5 0.6 0.8 1.0 0.6 1.0 1.0 1.5 1.5 2.0 2.0 2.5 3.0 2.6 3.6 3.6 5.0 5.0 7.5 8.0 10.0 15.0 600 600 1,000 2,000 4,000 1,000 1,000 2,000 4,000 2,000 6,000 4,000 10,000 6,000 4,000 10,000 6,000 15,000 10,000 15,000 20,000 25,000 30,000 750 750 750 750 750 750 750 750 750 750 750 750 750 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 200 � 200 � 400 � 600 � 800 � 800 � 200 � 400 � 600 � 600 � 1 K 200 � 1.5 K 500 � 200 � 750 � 300 � 1 K 400 � 600 � 800 � 1 K 1 K 5 Meg 8 Meg 10 Meg 20 Meg 50 Meg 20 Meg 20 Meg 50 Meg 75 Meg 75 Meg 150 Meg 100 Meg 200 Meg 250 Meg 150 Meg 300 Meg 300 Meg 500 Meg 500 Meg 750 Meg 1,000 Meg 1,250 Meg 2,000 Meg N/A N/A N/A N/A N/A N/A N/A N/A N/A 225 M N/A 300 M N/A 750 M 750 M 1,000 M 1,500 M 1,500 M 2,500 M 3,750 M 5,000 M 6,250 M 10,000 M -15 Min. 6.5 Meg N/A N/A N/A N/A N/A N/A 26 Meg 70 Meg 17 Meg N/A 51 Meg N/A 77 Meg 40 Meg 178 Meg 64 Meg 288 Meg 128 Meg 192 Meg 320 Meg 400 Meg 384 Meg Overload Rating Type 1 Type 1 Type 1 Type 1 Type 1 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Now with Extended Resistance Range to 10,000 Megohms and Additional Models Temperature Coefficient as tight as 80 ppm/°C, Combined with Excellent Long-Term Stability and Precision Tolerances. Caddock's Micronox® resistance films are the source of the Type MG Precision High Voltage Resistors' outstanding combination of performance features: • Single-resistor values as high as 10,000 Megohms. • Maximum continuous operating voltages as high as 48,000 volts ("-15" ratings). • Overvoltage capabilities of 150% of standard working voltages for all models and values, (except "-15" ratings). • Resistance Tolerances from ±1.0% to ±0.1%. • Temperature Coefficient, for standard resistance range, of 80 ppm/°C in combination with resistance tolerances as tight as ±0.1%. • Type MG resistors have demonstrated stability of 0.01% per 1,000 hours in extended load life testing of standard resistance range values. This exceptional performance has been proven through many years of use in equipment that demands the highest reliability and stability, including TWT amplifiers, X-ray systems, geophysical instruments, and medical electronics. Preconditioning for Power and Voltage Ratings All power ratings and maximum operating voltage ratings are for continuous duty. These ratings are based on pre- stress voltage levels applied during the manufacturing process to provide for stable resistor performance even under momentary overload conditions. Maximum operating voltages 60% higher than the values listed in the table may be specified by adding "-15" to the model number (Example: MG750-15). Note that overload and overvoltage ratings do not apply to the "-15" resistors. Resistance ranges for "-15" resistors shown in the table are from "-15 Min." to "Standard Max." Non-Inductive Performance Most models are manufactured with Caddock's Non-Inductive Design which uses a serpentine resistive pattern that provides for neighboring lines to carry current in opposite directions, thereby achieving maximum cancellation of flux fields over the entire length of the resistor. This efficient non-inductive construction is accomplished without derating of any performance advantages. Insulation Resistance: 10,000 Megohms, min. Overload/Overvoltage: 5 times rated power with applied voltage not to exceed 1.5 times max- imum continuous operating voltage for 5 seconds . Type 1: DC Voltage Type 2: DC Voltage or VrmsAC Thermal Shock: Mil-Std-202, Method 107, Cond. C, ΔR 0.25% max. Moisture Resistance: Mil-Std-202, Method 106, Δ R 0.4% max. Load Life: 1,000 hours at +125°C at rated voltage, not to exceed rated power. Solderable Leads Encapsulation: High Temperature Silicone Conformal. Temperature Coefficient: Page 1 of 2 28_IL110.1004 RHOPOINT COMPONENTS LTD. Holland Road Hurst Green Oxted, Surrey, RH8 9AX Tel: +44 (0)1883 717988 Fax: +44 (0)1883 712938 e-mail: sales@rhopointcomponents.com web: www.rhopointcomponents.com RHOPOINT COMPONENTS LTD. IL-110.019 C B A 1.500 ± .125 (38.10 ± 3.18) RATED POWER OR RATED VOLTAGE, % AMBIENT TEMPERATURE, °C 100 80 60 40 20 0 25 75 125 175 225 275 For immediate engineering assistance in developing Low Ratio TC matched high voltage resistor sets, call or write our Applications Engineering and we will be pleased to offer the best solution from our high voltage resistor product capabilities. Derating Curve: DIMENSIONS IN INCHES AND (MILLIMETERS) Design Assistance in Developing High Voltage Resistor Sets with Low TC Tracking. Ordering Information: MG750 -100M - 1% Model Number: Resistor Value: Tolerance MG680 MG712 MG714 MG715 MG725 MG720 MG660 MG716 MG721 MG745 MG810 MG815 MG735 MG730 MG717 MG785 MG731 MG740 Most models are available with Caddock's Non-inductive Serpentine Pattern MG650 MG710 MG750 MG780 Certain products shown in this catalog are covered by one or more patents, there are also patents pending. N Non-inductiveperformance with Caddock's exclusive design MG655 Type MG Precision High Voltage Resistors Page 2 of 2 RHOPOINT COMPONENTS LTD web: www.rhopointcomponents.com e-mail: sales@rhopointcomponents.com RHOPOINT COMPONENTS LTD Holland Road, Hurst Green, Oxted, Surrey, RH8 9AX Phone: +44 (0) 1883 717988 Fax: +44 (0) 1883 712938 Resistor Pairs and Quads with Ratio Characteristics for Precision Analog Circuits Type T912 and T914 Precision Resistor Networks are constructed with Caddock Tetrinox resistance films to achieve the precise ratio performance and stability required by highly accurate amplifier circuits, voltage reference circuits and precision bridge circuits. • Ratio Tolerance - from 0.1% to 0.01%. • Ratio Temperature Coefficient - 10 ppm/°C, 5 ppm/°C or 2 ppm/°C. • Absolute Temperature Coefficient - 25 ppm/°C. • Ratio Stability of Resistance at Full Load for 2,000 hours - within 0.01%. • Shelf Life Stability of Ratio for 6 Months - within 0.005%. Both the T912 and the T914 are available in 14 standard resistance values between 1,000 ohms and 1 Megohm. Caddock's high thru-put manufacturing capability assures that prototype and large-volume production quantities are available either from stock or within 6 weeks after receipt of order. Specifications: Absolute Tolerance: ±0.1% for all resistors. Absolute Temperature Coefficient: ±25 ppm/°C referenced to +25°C, ∆R taken at 0°C and +70°C. Voltage Rating: 30 volts DC or RMS AC applied to R1, R2, R3 and R4. Power Rating: 0.10 watt applied to R1, R2, R3 and R4 (not to exceed rated voltage). Package Power Rating: Type T912, 0.20 watt. Type T914, 0.40 watt. Storage Temperature: -55°C to +105°C. Insulation Resistance Between Isolated Pins: Pin 2 to Pin 3, Pin 4 to Pin 5, or Pin 6 to Pin 7, 1,000 Megohms, minimum. Dielectric Strength Between Isolated Pins: 50 volts RMS AC. Ratio Stability Under Load: Ratio change between any two resistors in the network under full load for 2,000 hours at +70°C, 0.01% maximum. Shelf Stability of Ratio: Six months at shelf conditions, 50 ppm maximum. Custom Model T912 and T914 Precision Resistor Networks For applications requiring non-standard resistance values, the T912 and T914 custom configurations can include these special features: • Mixed resistance values with a maximum ratio of 250-to-1. (Example: 1.0 Megohm and 4 K) • Absolute TC as low as 15 ppm/°C. • Ratio TC as low as 2 ppm/°C. • Custom voltage ratings. • Matched resistors of any special value between 1 K and 2 Megohms. Call or write our Applications Engineering for performance, price and availability of these custom resistor networks. Standard Type T912 and Type T914 Precision Resistor Networks In addition to the 14 standard equal value models of the Type T912 and T914, the Type T912 can also be ordered with - • 10:1 Resistance Ratio - for use in amplifier gain-setting. • 9:1 Resistance Ratio - for use in voltage reference dividers. Type T912 and T914 Precision Resistor Networks ® Ordering Information: .500 ±.020 (12.70 ±.51) .095 (2.41) MAX. PIN 1 CADDOCK T914 0129 .010 (.26) .020 (.51) .150 ±.040 (3.81 ±1.02) .100 (2.54) .900 ±.020 (22.86 ±.51) 8 PINS ON .100 (2.54) CENTERS R1 R2 1 2 3 4 R3 R4 5 6 7 8 R1 R2 1 2 3 4 Type T914 Ratios Available: 1:1 and Custom. Type T912 Ratios Available: 1:1, 9:1, 10:1 and Custom. R1 = R2 = R3 = R4 DIMENSIONS IN INCHES AND (MILLIMETERS) .010 (.26) .500 ±.020 (12.70 ±.51) .020 (.51) CADDOCK T912 0102 PIN 1 .150 ±.040 (3.81 ±1.02) .100 (2.54) .500 ±.020 (12.70 ±.51) 4 PINS ON .100 (2.54) CENTERS .095 (2.41) MAX. Ratio Code Letter: A - T912 with R1: R2 where R2 = 10R1 1K:10K 10K:100K 40K:400K 2K:20K 20K:200K 50K:500K 5K:50K 25K:250K 100K:1 Meg B - T912 with R1: R2 where R2 = 9R1 1K:9K 10K:90K 40K:360K 2K:18K 20K:180K 50K:450K 5K:45K 25K:225K 100K:900K Model Number Ratio Tolerance: -100 = 0.1% -020 = 0.02% -050 = 0.05% -010 = 0.01% Standard Resistance Values: (R1) 1K 10K 40K 200K 500K 2K 20K 50K 250K 1 Meg 5K 25K 100K 400K Ratio Temperature Track (0°C to +70°C): -10 = 10 ppm/°C -05 = 5 ppm/°C -02 = 2 ppm/°C T912 - A 10K - 010 - 02 Special or mixed resistance values are available as custom networks. See the custom section at the bottom of this page. (This information appears on the back side of the network) No Letter - T912 with R1 = R2 No Letter - T914 with R1 = R2 = R3 = R4 * * * * * 27.1 IL117.0802 RHOPOINT COMPONENTS LTD web: www.rhopointcomponents.com e-mail: sales@rhopointcomponents.com RHOPOINT COMPONENTS LTD Holland Road, Hurst Green, Oxted, Surrey, RH8 9AX Phone: +44 (0) 1883 717988 Fax: +44 (0) 1883 712938 Resistor Pairs and Quads with Ratio Characteristics for Precision Analog Circuits Type T912 and T914 Precision Resistor Networks are constructed with Caddock Tetrinox resistance films to achieve the precise ratio performance and stability required by highly accurate amplifier circuits, voltage reference circuits and precision bridge circuits. • Ratio Tolerance - from 0.1% to 0.01%. • Ratio Temperature Coefficient - 10 ppm/°C, 5 ppm/°C or 2 ppm/°C. • Absolute Temperature Coefficient - 25 ppm/°C. • Ratio Stability of Resistance at Full Load for 2,000 hours - within 0.01%. • Shelf Life Stability of Ratio for 6 Months - within 0.005%. Both the T912 and the T914 are available in 14 standard resistance values between 1,000 ohms and 1 Megohm. Caddock's high thru-put manufacturing capability assures that prototype and large-volume production quantities are available either from stock or within 6 weeks after receipt of order. Specifications: Absolute Tolerance: ±0.1% for all resistors. Absolute Temperature Coefficient: ±25 ppm/°C referenced to +25°C, ∆R taken at 0°C and +70°C. Voltage Rating: 30 volts DC or RMS AC applied to R1, R2, R3 and R4. Power Rating: 0.10 watt applied to R1, R2, R3 and R4 (not to exceed rated voltage). Package Power Rating: Type T912, 0.20 watt. Type T914, 0.40 watt. Storage Temperature: -55°C to +105°C. Insulation Resistance Between Isolated Pins: Pin 2 to Pin 3, Pin 4 to Pin 5, or Pin 6 to Pin 7, 1,000 Megohms, minimum. Dielectric Strength Between Isolated Pins: 50 volts RMS AC. Ratio Stability Under Load: Ratio change between any two resistors in the network under full load for 2,000 hours at +70°C, 0.01% maximum. Shelf Stability of Ratio: Six months at shelf conditions, 50 ppm maximum. Custom Model T912 and T914 Precision Resistor Networks For applications requiring non-standard resistance values, the T912 and T914 custom configurations can include these special features: • Mixed resistance values with a maximum ratio of 250-to-1. (Example: 1.0 Megohm and 4 K) • Absolute TC as low as 15 ppm/°C. • Ratio TC as low as 2 ppm/°C. • Custom voltage ratings. • Matched resistors of any special value between 1 K and 2 Megohms. Call or write our Applications Engineering for performance, price and availability of these custom resistor networks. Standard Type T912 and Type T914 Precision Resistor Networks In addition to the 14 standard equal value models of the Type T912 and T914, the Type T912 can also be ordered with - • 10:1 Resistance Ratio - for use in amplifier gain-setting. • 9:1 Resistance Ratio - for use in voltage reference dividers. Type T912 and T914 Precision Resistor Networks ® Ordering Information: .500 ±.020 (12.70 ±.51) .095 (2.41) MAX. PIN 1 CADDOCK T914 0129 .010 (.26) .020 (.51) .150 ±.040 (3.81 ±1.02) .100 (2.54) .900 ±.020 (22.86 ±.51) 8 PINS ON .100 (2.54) CENTERS R1 R2 1 2 3 4 R3 R4 5 6 7 8 R1 R2 1 2 3 4 Type T914 Ratios Available: 1:1 and Custom. Type T912 Ratios Available: 1:1, 9:1, 10:1 and Custom. R1 = R2 = R3 = R4 DIMENSIONS IN INCHES AND (MILLIMETERS) .010 (.26) .500 ±.020 (12.70 ±.51) .020 (.51) CADDOCK T912 0102 PIN 1 .150 ±.040 (3.81 ±1.02) .100 (2.54) .500 ±.020 (12.70 ±.51) 4 PINS ON .100 (2.54) CENTERS .095 (2.41) MAX. Ratio Code Letter: A - T912 with R1: R2 where R2 = 10R1 1K:10K 10K:100K 40K:400K 2K:20K 20K:200K 50K:500K 5K:50K 25K:250K 100K:1 Meg B - T912 with R1: R2 where R2 = 9R1 1K:9K 10K:90K 40K:360K 2K:18K 20K:180K 50K:450K 5K:45K 25K:225K 100K:900K Model Number Ratio Tolerance: -100 = 0.1% -020 = 0.02% -050 = 0.05% -010 = 0.01% Standard Resistance Values: (R1) 1K 10K 40K 200K 500K 2K 20K 50K 250K 1 Meg 5K 25K 100K 400K Ratio Temperature Track (0°C to +70°C): -10 = 10 ppm/°C -05 = 5 ppm/°C -02 = 2 ppm/°C T912 - A 10K - 010 - 02 Special or mixed resistance values are available as custom networks. See the custom section at the bottom of this page. (This information appears on the back side of the network) No Letter - T912 with R1 = R2 No Letter - T914 with R1 = R2 = R3 = R4 * * * * * 27.1 IL117.0802 |
Similar Part No. - T912-B5K-010-10 |
|
Similar Description - T912-B5K-010-10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |