Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F10067-306 Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

Part # F10067-306
Description  RTI AUDIO FILM CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

F10067-306 Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  F10067-306 Datasheet HTML 1Page - RHOPOINT COMPONENTS F10067-306 Datasheet HTML 2Page - RHOPOINT COMPONENTS F10067-306 Datasheet HTML 3Page - RHOPOINT COMPONENTS F10067-306 Datasheet HTML 4Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P/N
CAPACITANCE
Dia (in.)
Length (in.)
Lead (awg)
LeadDia
F10067-102
.001 MFD
0.32
0.48
#24
0.020
F10067-122
.0012 MFD
0.32
0.48
#24
0.020
F10067-152
.0015 MFD
0.32
0.48
#24
0.020
F10067-182
.0018 MFD
0.32
0.48
#24
0.020
F10067-222
.0022 MFD
0.32
0.48
#24
0.020
F10067-272
.0027 MFD
0.32
0.48
#24
0.020
F10067-332
.0033 MFD
0.32
0.48
#24
0.020
F10067-392
.0039 MFD
0.32
0.48
#24
0.020
F10067-472
.0047 MFD
0.32
0.60
#24
0.020
F10067-562
.0056 MFD
0.32
0.60
#24
0.020
F10067-682
.0068 MFD
0.32
0.60
#24
0.020
F10067-822
.0082 MFD
0.32
0.60
#24
0.020
F10067-103
.010 MFD
0.32
0.60
#24
0.020
F10067-123
.012 MFD
0.34
0.60
#24
0.020
F10067-153
.015 MFD
0.36
0.60
#24
0.020
F10067-183
.018 MFD
0.40
0.60
#24
0.020
F10067-223
.022 MFD
0.40
0.60
#24
0.020
F10067-273
.027 MFD
0.42
0.60
#24
0.020
F10067-333
.033 MFD
0.46
0.60
#24
0.020
F10067-393
.039 MFD
0.48
0.60
#24
0.020
F10067-473
.047 MFD
0.48
0.73
#22
0.025
F10067-563
.056 MFD
0.48
0.73
#22
0.025
F10067-683
.068 MFD
0.52
0.73
#22
0.025
F10067-823
.082 MFD
0.50
0.73
#22
0.025
Last character on Part No. indicates tolerance: K- ±10%, J - ±5%, G - ±2%, F - ±1%
Custom values obtainable, notify factory for suggestions.
Page 2 of 4
F10067 Series
RHOPOINT COMPONENTS LTD Tel: +44 (0) 870 608 1188 Fax: +44 (0) 870 241 2255


Similar Part No. - F10067-306

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
F1006 POLYFET-F1006 Datasheet
37Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
More results

Similar Description - F10067-306

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT1553B ETC-UT1553B Datasheet
1Mb / 52P
   RTI Remote Terminal Interface
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com