Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI6820DQ Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI6820DQ
Description  N-Channel, Reduced Qg, MOSFET with Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6820DQ Datasheet(HTML) 4 Page - Vishay Siliconix

  SI6820DQ Datasheet HTML 1Page - Vishay Siliconix SI6820DQ Datasheet HTML 2Page - Vishay Siliconix SI6820DQ Datasheet HTML 3Page - Vishay Siliconix SI6820DQ Datasheet HTML 4Page - Vishay Siliconix SI6820DQ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si6820DQ
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2-4
Document Number: 70790
S-56936—Rev. C, 23-Nov-98
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
MOSFET
–0.5
–0.25
0.00
0.25
0.50
–50
–25
0
25
50
75
100
125
150
ID = 250 mA
1.8
0
0.1
0.2
0.3
0.4
0123456
2
1
0.1
0.01
10–4
10–3
10–2
10–1
110
30
1
10
ID = 1.9 A
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
0.01
0
1
25
30
10
20
10
30
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 115_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
0.1
0.2
0.4
0.6
0.8
1.0
TJ = 25_C
TJ = 150_C
Threshold Voltage
TJ – Temperature (_C)
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
VSD – Source-to-Drain Voltage (V)
VGS – Gate-to-Source Voltage (V)
Time (sec)
15
5


Similar Part No. - SI6820DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6821DQ VISHAY-SI6821DQ Datasheet
62Kb / 5P
   P-Channel, Reduced Qg, MOSFET with Schottky Diode
Rev. C, 01-Mar-99
More results

Similar Description - SI6820DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6821DQ VISHAY-SI6821DQ Datasheet
62Kb / 5P
   P-Channel, Reduced Qg, MOSFET with Schottky Diode
Rev. C, 01-Mar-99
SI7860DP-T1 VISHAY-SI7860DP-T1 Datasheet
147Kb / 7P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. E, 09-Feb-09
SI4872DY VISHAY-SI4872DY Datasheet
57Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. A, 17-Jul-00
SI4850EY VISHAY-SI4850EY Datasheet
61Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 29-Mar-04
SI6802DQ VISHAY-SI6802DQ Datasheet
59Kb / 4P
   N-Channel, Reduced Qg, Fast Switching MOSFET
Rev. C, 18-Dec-96
logo
DinTek Semiconductor Co...
DTB6035 DINTEK-DTB6035 Datasheet
235Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
logo
Vishay Siliconix
SI4800BDY VISHAY-SI4800BDY Datasheet
252Kb / 9P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI4398DY VISHAY-SI4398DY Datasheet
104Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 14-Feb-11
SI4800BDY VISHAY-SI4800BDY_17 Datasheet
185Kb / 8P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI4300DY VISHAY-SI4300DY Datasheet
45Kb / 5P
   N-Channel 30-V (D-S), Reduced Qg Fast Switching MOSFET with Schottky Diode
Rev. B, 26-May-03
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com