Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V2105L15PF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72V2105L15PF
Description  3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO 131,072 x 18 262,144 x 18
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V2105L15PF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72V2105L15PF Datasheet HTML 4Page - Integrated Device Technology IDT72V2105L15PF Datasheet HTML 5Page - Integrated Device Technology IDT72V2105L15PF Datasheet HTML 6Page - Integrated Device Technology IDT72V2105L15PF Datasheet HTML 7Page - Integrated Device Technology IDT72V2105L15PF Datasheet HTML 8Page - Integrated Device Technology IDT72V2105L15PF Datasheet HTML 9Page - Integrated Device Technology IDT72V2105L15PF Datasheet HTML 10Page - Integrated Device Technology IDT72V2105L15PF Datasheet HTML 11Page - Integrated Device Technology IDT72V2105L15PF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
IDT72V295/72V2105 3.3V HIGH DENSITY CMOS
SUPERSYNC FIFOTM 131,072 x 18, 262,144 x 18
Number of
Words in
FIFO
0
1 to n (1)
(n+1) to 65,536
65,537 to (131,072-(m+1))
(131,072-m) (2) to 131,071
131,072
0
1 to n (1)
(n+1) to 131,072
131,073 to (262,144-(m+1))
(262,144-m) (2) to 262,143
262,144
TABLE II
 STATUS FLAGS FOR FWFT MODE
IDT72V295
IDT72V2105
FF PAF HF PAE EF
HH
HL
L
HH
HL
H
HH
H
H
H
HH
L
H
H
HL
L
H
H
LL
LH
H
TABLE I
 STATUS FLAGS FOR IDT STANDARD MODE
4668 drw 05
0
1 to n+1(1)
(n+2) to 65,537
(131,073-m)
(2)
to 131,072
131,073
0
1 to n+1(1)
(n+2) to 131,073
131,074 to (262,145-(m+1))
(262,145-m)
(2)
to 262,144
262,145
IR PAF HF PAE OR
LH
H
L
H
LH
H
L
L
L
H
HHL
LH
L
H
L
LLL
H
L
HL
L
H
L
IDT72V295
IDT72V2105
Number of
Words in
FIFO
(
1)
65,538 to (131,073-(m+1))
NOTES:
1. n = Empty Offset, Default Values: n = 127 when parallel offset loading is selected or n = 1,023 when serial offset loading is selected.
2. m = Full Offset, Default Values: m = 127 when parallel offset loading is selected or m = 1,023 when serial offset loading is selected.
NOTES:
1. n = Empty Offset, Default Values: n = 127 when parallel offset loading is selected or n = 1,023 when serial offset loading is selected.
2. m = Full Offset, Default Values: m = 127 when parallel offset loading is selected or m = 1,023 when serial offset loading is selected.
PROGRAMMING FLAG OFFSETS
Full and Empty Flag offset values are user programmable. The
IDT72V295/72V2105 has internal registers for these offsets. Default set-
tings are stated in the footnotes of Table 1 and Table 2. Offset values can
be programmed into the FIFO in one of two ways; serial or parallel loading
method. The selection of the loading method is done using the
LD (Load)
pin. During Master Reset, the state of the
LDinput determines whether serial
or parallel flag offset programming is enabled. A HIGH on
LDduring Master
Reset selects serial loading of offset values and in addition, sets a default
PAE offset value of 3FFH (a threshold 1,023 words from the empty
boundary), and a default
PAFoffset value of 3FFH (a threshold 1,023 words
from the full boundary). A LOW on
LD during Master Reset selects parallel
loading of offset values, and in addition, sets a default
PAE offset value of
07FH (a threshold 127 words from the empty boundary), and a default
PAF
offset value of 07FH (a threshold 127 words from the full boundary). See
Figure 3, Offset Register Location and Default Values.
In addition to loading offset values into the FIFO, it also possible to read
the current offset values. It is only possible to read offset values via parallel
read.
Figure 4, Programmable Flag Offset Programming Sequence, summa-
rizes the control pins and sequence for both serial and parallel programming
modes. For a more detailed description, see discussion that follows.
The offset registers may be programmed (and reprogrammed) any time
after Master Reset, regardless of whether serial or parallel programming
has been selected.


Similar Part No. - IDT72V2105L15PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V2105 RENESAS-IDT72V2105 Datasheet
391Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 131,072 x 18 262,144 x 18
MARCH 2018
More results

Similar Description - IDT72V2105L15PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V295 RENESAS-72V295 Datasheet
391Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 131,072 x 18 262,144 x 18
MARCH 2018
IDT72V2103 RENESAS-IDT72V2103 Datasheet
496Kb / 47P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO 131,072 x 18/262,144 x 9 262,144 x 18/524,288 x 9
MARCH 2018
logo
Integrated Device Techn...
IDT72V255LA IDT-IDT72V255LA Datasheet
439Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO 8,192 x 18 16,384 x 18
logo
Renesas Technology Corp
72V275 RENESAS-72V275 Datasheet
553Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
72V255LA RENESAS-72V255LA Datasheet
402Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
JANUARY 2018
IDT72V2101 RENESAS-IDT72V2101 Datasheet
388Kb / 28P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 262,144 x 9 524,288 x 9
JANUARY 2018
72V281 RENESAS-72V281 Datasheet
430Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO™ 65,536 x 9 131,072 x 9
JANUARY 2018
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
logo
Renesas Technology Corp
IDT72255LA RENESAS-IDT72255LA Datasheet
404Kb / 28P
   CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com