Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA3528AVU-AES Datasheet(PDF) 6 Page - Kingbright Corporation

Part # AA3528AVU-AES
Description  Single Level Surface Mount CBI
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3528AVU-AES Datasheet(HTML) 6 Page - Kingbright Corporation

  AA3528AVU-AES Datasheet HTML 1Page - Kingbright Corporation AA3528AVU-AES Datasheet HTML 2Page - Kingbright Corporation AA3528AVU-AES Datasheet HTML 3Page - Kingbright Corporation AA3528AVU-AES Datasheet HTML 4Page - Kingbright Corporation AA3528AVU-AES Datasheet HTML 5Page - Kingbright Corporation AA3528AVU-AES Datasheet HTML 6Page - Kingbright Corporation AA3528AVU-AES Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SPEC NO: DSAN3494
REV NO: V.4B
DATE: SEP/22/2016
PAGE: 6 OF 7
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: L.T.Zhang
ERP: 1102015729
Application Notes
Introduction
Kingbright AA3528AVU series are surface-mounted right-angle light-emitting diode (LED) circuit-
board indicators. It offers the convenience of surface-mount production while offering the right-angle
height profile of circuit-board indicator lamps. The part is suitable for automated SMT and lead-free
reflow soldering production. The clear silicone lens extends out to provide broad viewing angles.
When installed on customer’s circuit board, it can provide illuminated indication or backlight panel
indicators.
Transport and Storage
Surface mount devices (SMD) are moisture sensitive components. atmospheric moisture will seep
into the component package, so when placed on the circuit board for 160-200°C reflow soldering,
the high temperatures cause the absorbed moisture to vaporize and rapidly expand, creating vapor
pressure that could damage the LED component by causing cracks in the lens, delamination of the
chip and wire bonds, or other reliability issues.
1. Transportation
The product is packed in anti-static, moisture-proof mylar bags. The package should be carefully
handled to avoid external pressure and accidental puncture during transport.Proper anti-static
practices should be in place. If package leakage or damage is found before opening, suggest
customer take the damaged package off-line for additional testing and bake to dry before use.
2. Storage Conditions (Before Opening)
To prevent moisture-absorption reliability issues, the parts must be properly stored. Suggest do
not open the moisture-proof package until immediately before usage (except for sample inspection
purposes).The opened package must be re-sealed with fresh desiccant and humidity indicator and
Stored in a dry box (<30℃/60% RH).
3. Humidity Control (After Opening)
After opening the moisture-proof packaging, immediately check the humidity indicator card contained
inside to confirm the parts have been exposed to excess moisture.The production environment should
follow IPC/JEDEC J-STD-020 standards for temperature,humidity, and exposure time.
SMD environmental exposure time accumulates as long as the parts are outside the packaging,
unless they are being baked dry.
Table 1: IPC/JEDEC J-STD-020 Moisture Sensitivity Levels (MSL)
MSL
Allowed Exposure After Opening
Time
Conditions
LEVEL 1
No Limit
30℃/85%RH
LEVEL 2
1 Year
30℃/60%RH
LEVEL 2a
4 Weeks
30℃/60%RH
LEVEL 3
168 Hours
30℃/60%RH
LEVEL 4
72 Hours
30℃/60%RH
LEVEL 5
48 Hours
30℃/60%RH
LEVEL 5a
24 Hours
30℃/60%RH
LEVEL 6
Immediately upon open
30℃/60%RH
4. Storage of Unused And Remaining Parts
If the full reel was not consumed during production, the production environment was within limits
(<30℃/60% RH), and the exposure time did not exceed the limits in Table 1, then the remaining
parts may be stored as below:
Re-sealed with desiccant.
Stored within a dry box (5% RH). The dry box storage time would not count against the
total exposure time. When the stored parts are taken out, the exposure time is accu-
mulated from the previous production run.


Similar Part No. - AA3528AVU-AES

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3528AVU-ACGSK KINGBRIGHT-AA3528AVU-ACGSK Datasheet
320Kb / 7P
   SINGLE LEVEL SURFACE MOUNT CBI
AA3528AVU-AQBS-D KINGBRIGHT-AA3528AVU-AQBS-D Datasheet
348Kb / 5P
   Single Level Surface Mount CBI
AA3528AVU-ASRS KINGBRIGHT-AA3528AVU-ASRS Datasheet
314Kb / 7P
   Single Level Surface Mount CBI
AA3528AVU-AYS KINGBRIGHT-AA3528AVU-AYS Datasheet
316Kb / 7P
   SINGLE LEVEL SURFACE MOUNT CBI
More results

Similar Description - AA3528AVU-AES

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AAA3528AVU-SURKCGKCT KINGBRIGHT-AAA3528AVU-SURKCGKCT Datasheet
368Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-ARBGS-112 KINGBRIGHT-AAA3528AVU-ARBGS-112 Datasheet
438Kb / 9P
   SINGLE LEVEL SURFACE MOUNT CBI
AA3528AVU-AYS KINGBRIGHT-AA3528AVU-AYS Datasheet
316Kb / 7P
   SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-ANSGCT KINGBRIGHT-AAA3528AVU-ANSGCT Datasheet
350Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-ASURKQBDS KINGBRIGHT-AAA3528AVU-ASURKQBDS Datasheet
364Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-AZGKSYKCT KINGBRIGHT-AAA3528AVU-AZGKSYKCT Datasheet
354Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AA3528AVU-AQBS-D KINGBRIGHT-AA3528AVU-AQBS-D Datasheet
348Kb / 5P
   Single Level Surface Mount CBI
AAA3528AVU-AYSGCT KINGBRIGHT-AAA3528AVU-AYSGCT Datasheet
354Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-ASYKCGKCT KINGBRIGHT-AAA3528AVU-ASYKCGKCT Datasheet
349Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AA3528AVU-ASRS KINGBRIGHT-AA3528AVU-ASRS Datasheet
314Kb / 7P
   Single Level Surface Mount CBI
AA3528AVU-ACGSK KINGBRIGHT-AA3528AVU-ACGSK Datasheet
320Kb / 7P
   SINGLE LEVEL SURFACE MOUNT CBI
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com