Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F10067-104 Datasheet(PDF) 3 Page - RHOPOINT COMPONENTS

Part # F10067-104
Description  RTI AUDIO FILM CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

F10067-104 Datasheet(HTML) 3 Page - RHOPOINT COMPONENTS

  F10067-104 Datasheet HTML 1Page - RHOPOINT COMPONENTS F10067-104 Datasheet HTML 2Page - RHOPOINT COMPONENTS F10067-104 Datasheet HTML 3Page - RHOPOINT COMPONENTS F10067-104 Datasheet HTML 4Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Last character on Part No. indicates tolerance: K- ±10%, J - ±5%, G - ±2%, F - ±1%
Custom values obtainable, notify factory for suggestions.
P/N
CAPACITANCE
Dia (in.)
Length (in.)
Lead (awg)
Lead Dia
F10067-104
.10 MFD
0.40
0.73
#22
0.025
F10067-124
.12 MFD
0.42
0.73
#22
0.025
F10067-154
.15 MFD
0.45
0.73
#22
0.025
F10067-184
.18 MFD
0.48
0.73
#22
0.025
F10067-224
.22 MFD
0.38
0.84
#22
0.025
F10067-274
.27 MFD
0.40
0.84
#22
0.025
F10067-334
.33 MFD
0.44
0.84
#22
0.025
F10067-394
.39 MFD
0.46
0.84
#22
0.025
F10067-474
.47 MFD
0.52
0.84
#22
0.025
F10067-564
.56 MFD
0.54
0.84
#22
0.025
F10067-684
.68 MFD
0.60
0.84
#22
0.025
F10067-824
.82 MFD
0.64
0.84
#22
0.025
F10067-105
1.0 MFD
0.70
0.84
#22
0.025
F10067-125
1.2 MFD
0.68
0.98
#20
0.031
F10067-155
1.5 MFD
0.75
0.98
#20
0.031
F10067-185
1.8 MFD
0.80
0.98
#20
0.031
F10067-205
2.0 MFD
0.85
0.98
#20
0.031
F10067-225
2.2 MFD
0.90
0.98
#20
0.031
F10067-255
2.5 MFD
0.88
1.10
#20
0.031
F10067-275
2.7 MFD
0.90
1.10
#20
0.031
F10067-305
3.0 MFD
0.94
1.10
#20
0.031
F10067-335
3.3 MFD
1.00
1.10
#20
0.031
F10067-357
3.5 MFD
1.02
1.10
#20
0.031
F10067-375
3.7 MFD
0.96
1.28
#20
0.031
Page 3 of 4
F10067 Series
RHOPOINT COMPONENTS LTD Tel: +44 (0) 870 608 1188 Fax: +44 (0) 870 241 2255


Similar Part No. - F10067-104

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
F1006 POLYFET-F1006 Datasheet
37Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
More results

Similar Description - F10067-104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT1553B ETC-UT1553B Datasheet
1Mb / 52P
   RTI Remote Terminal Interface
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com