Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V639S15PRF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT70V639S15PRF
Description  HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V639S15PRF Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT70V639S15PRF Datasheet HTML 1Page - Integrated Device Technology IDT70V639S15PRF Datasheet HTML 2Page - Integrated Device Technology IDT70V639S15PRF Datasheet HTML 3Page - Integrated Device Technology IDT70V639S15PRF Datasheet HTML 4Page - Integrated Device Technology IDT70V639S15PRF Datasheet HTML 5Page - Integrated Device Technology IDT70V639S15PRF Datasheet HTML 6Page - Integrated Device Technology IDT70V639S15PRF Datasheet HTML 7Page - Integrated Device Technology IDT70V639S15PRF Datasheet HTML 8Page - Integrated Device Technology IDT70V639S15PRF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
IDT70V639S
Preliminary
High-Speed 3.3V 128K x 18 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
Description
The IDT70V639 is a high-speed 128K x 18 Asynchronous Dual-Port
Static RAM. The IDT70V639 is designed to be used as a stand-alone
2304K-bit Dual-Port RAM or as a combination MASTER/SLAVE Dual-
Port RAM for 36-bit-or-more word system. Using the IDT MASTER/
SLAVE Dual-Port RAM approach in 36-bit or wider memory system
applicationsresultsinfull-speed,error-freeoperationwithouttheneedfor
additionaldiscretelogic.
This device provides two independent ports with separate control,
address, and I/O pins that permit independent, asynchronous access for
reads or writes to any location in memory. An automatic power down
feature controlled by the chip enables (either
CE0 or CE1) permit the
on-chip circuitry of each port to enter a very low standby power mode.
The 70V639 can support an operating voltage of either 3.3V or 2.5V
on one or both ports, controlled by the OPT pins. The power supply for
the core of the device (VDD) remains at 3.3V.
Pin Configurations(1,2,3,4)
NOTES:
1. All VDD pins must be connected to 3.3V power supply.
2. All VDDQ pins must be connected to appropriate power supply: 3.3V if OPT pin for that port is set to VIH (3.3V) and 2.5V if OPT pin for that port is
set to VIL (0V).
3. All VSS pins must be connected to ground.
4. Package body is approximately 15mm x 15mm x 1.4mm with 0.8mm ball pitch.
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part-marking.
17
16
15
14
12
13
10
9
8
7
6
5
4
3
2
1
11
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
I/O9L
NC
VSS
A4L
INTL
SEML
NC
A8L
A12L
A16L
VSS
NC
OPTL
A0L
NC
VSS
NC
NC
A1L
A5L
BUSYL
VSS
CE0L
CE1L
NC
A9L
A13L
NC
I/O8L
VDDQR
VSS
VDDQL
I/O9R
VDDQR
VDD
A2L
A 6L
R/WL
VSS
UBL
A10L
A14L
NC
NC
I/O8R
VDD
I/O11L
VSS
I/O10L
NC
VDD
A3L
NC
OEL
NC
I/O11R
VDDQR
I/O10R
VDDQL
NC
NC
VSS
NC
VSS
I/O12L
NC
VDD
NC
VDDQR
I/O12R
VDDQL
VDD
VSS
VSS
NC
I/O14L
VDDQR
VDDQL
NC
I/O15R
VSS
I/O7R
VDDQL
I/O7L
A15L
A11L
A7L
LBL
I/O6L
NC
VSS
NC
VSS
I/O6R
NC
NC
VDDQL
I/O5L
NC
VDD
NC
VSS
I/O5R
VSS
VDDQR
I/O3R
VDDQL
I/O4R
VSS
I/O4L
VSS
I/O3L
NC
A0R
A1R
A2R
A3R
A4R
A5R
A6R
I/O1R
NC
VSS
NC
I/O15L
A16R
A12R
A8R
NC
VDD
SEMR
INTR
VDDQR
NC
I/O1L
NC
VSS
NC
I/O17R
NC
A13R
A9R
NC
CE0R
CE1R
VDD
VSS
BUSYR
VSS
VDD
VSS
VDDQL
I/O0R
VDDQR
NC
I/O17L
VDDQL
NC
NC
A14R
A10R
UBR
VSS
NC
NC
VSS
I/O2R
NC
VSS
NC
VDD
A15R
A11R
A7R
LBR
OER
M/S
R/WR
VDDQL
I/O2L
OPTR
NC
I/O0L
70V639BF
BF-208(5)
208-Ball BGA
Top View(6)
5621 tbl 02b
I/O13L
I/O14R
VSS
I/O13R
VSS
I/O16R
I/O16L
VDDQR
NC
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VSS
NC
NC
VDDQR
VSS
VDD
VSS
NC
VDD
VDD
TDO
TDI
TCK
TMS
TRST
VSS


Similar Part No. - IDT70V639S15PRF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V639S IDT-IDT70V639S Datasheet
705Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_15 Datasheet
705Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_18 Datasheet
204Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V639S15PRF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V639S IDT-IDT70V639S_15 Datasheet
705Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_18 Datasheet
204Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V639 RENESAS-70V639 Datasheet
489Kb / 25P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
JUNE 2018
logo
Integrated Device Techn...
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V631S IDT-IDT70V631S_13 Datasheet
198Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V631S IDT-IDT70V631S Datasheet
306Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V631 RENESAS-70V631 Datasheet
511Kb / 25P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT70V631S IDT-IDT70V631S_17 Datasheet
231Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V3319 IDT-IDT70V3319_14 Datasheet
236Kb / 23P
   HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V09 IDT-IDT70V09 Datasheet
255Kb / 17P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com