Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OTBC-0482-2C Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # OTBC-0482-2C
Description  Single Emitter Bar Code Optic Head
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

OTBC-0482-2C Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  OTBC-0482-2C Datasheet HTML 1Page - RHOPOINT COMPONENTS OTBC-0482-2C Datasheet HTML 2Page - RHOPOINT COMPONENTS OTBC-0482-2C Datasheet HTML 3Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Single Emitter Bar Code Optic Head
OTBC-04XX Series (OTR480/490/482)
FEATURES:
Single Emitter Bar Code / Fine Line Sensor
Better than 0.010” Resolution
Compact Size
Easily Ganged for Multiple Channels
PRODUCT DESCRIPTION
The OTBC-04XX series combine a single emitter with
a phototransistor in a compact low cost package
containing a lens and aperture. The OTBC-0480 has a
940 nm infrared emitter and a phototransistor. The
OTBC-0490 has a 660 nm visible red emitter and a
phototransistor. The OTBC-0482 has a 940 nm
infrared emitter and a phototransistor with an ambient
light filter, for use in high ambient light conditions. These devices are easily ganged for multi-channel
applications. Consult factory for custom apertures, emitters, or sensors.
Absolute Maximum Ratings
General
Storage Temperature Range------------------------------------------------------------------------------------------------------------------ - 55
°C to +100°C
Operating Temperature Range ----------------------------------------------------------------------------------------------------------------- - 40
°C to +85°C
Lead Soldering Temperature (1/16” from case
for 5 seconds soldering iron, 10 seconds flow soldering)--------------------------------------------------------------------------------------------- 260
°C
Infrared Emitter (940 nm)
Reverse Voltage ---------------------------------------------------------------------------------------------------------------------------------------------------- 5 V
Continuous Forward Current ------------------------------------------------------------------------------------------------------------------------------ 120 mA
Peak Forward Current ------------------------------------------------------------------------------------------------------------------------------------------ 1.5 A
Power Dissipation ------------------------------------------------------------------------------------------------------------------------------------------- 100 mW
Visible Emitter (660 nm)
Reverse Voltage ---------------------------------------------------------------------------------------------------------------------------------------------------- 4 V
Continuous Forward Current ------------------------------------------------------------------------------------------------------------------------------- 40 mA
Peak Forward Current --------------------------------------------------------------------------------------------------------------------------------------- 300 mA
Power Dissipation ------------------------------------------------------------------------------------------------------------------------------------------- 100 mW
Phototransistor
Collector-Emitter Voltage --------------------------------------------------------------------------------------------------------------------------------------- 30 V
Emitter-Collector Voltage ----------------------------------------------------------------------------------------------------------------------------------------- 5 V
Holland Road, Hurst Green, Oxted, Surrey, RH8 9AX
Tel: +44 (0)1883 717988 Fax: +44 (0)1883 712938
RHOPOINT COMPONENTS LTD
Email: sales@rhopointcomponents.com Web: www.rhopointcomponents.com
Page 1 of 3
Power Dissipation (Derate 2.4 mW/
°C above 25°C) ----------------------------------------------------------------------------------------------- 100 mW


Similar Part No. - OTBC-0482-2C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
OTB CDE-OTB Datasheet
338Kb / 3P
   Protected, High Voltage, Paper-Film/Foil Capacitors for AC & DC Applications
OTB CDE-OTB Datasheet
415Kb / 3P
   DC/AC Dual Rated Capacitors
logo
Banner Engineering Corp...
OTB BANNER-OTB Datasheet
388Kb / 6P
   Momentary Action Optical Touch Buttons
Rev. H
logo
Huber+Suhner, Inc.
OTB1201000000000000011334 HUBERSUHNER-OTB1201000000000000011334 Datasheet
7Mb / 3P
   OTB 12, No lock, no splitter, empty adapter field, with grommets, 4x ARFI base
logo
List of Unclassifed Man...
OTB1E0DM9LP ETC2-OTB1E0DM9LP Datasheet
68Kb / 3P
   I/O distributed module OTB
More results

Similar Description - OTBC-0482-2C

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCR-1610 HP-HBCR-1610 Datasheet
196Kb / 10P
   Single Chip Bar Code Decode IC
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
CLV480-0010 SICK-CLV480-0010 Datasheet
820Kb / 6P
   BAR CODE SCANNERS
CLV490-0010 SICK-CLV490-0010 Datasheet
807Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com