Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFM-80 Datasheet(PDF) 1 Page - CUI INC

Part # CFM-80
Description  DC AXIAL FAN
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-80 Datasheet(HTML) 1 Page - CUI INC

  CFM-80 Datasheet HTML 1Page - CUI INC CFM-80 Datasheet HTML 2Page - CUI INC CFM-80 Datasheet HTML 3Page - CUI INC CFM-80 Datasheet HTML 4Page - CUI INC CFM-80 Datasheet HTML 5Page - CUI INC CFM-80 Datasheet HTML 6Page - CUI INC CFM-80 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
cui.com
date 08/15/2016
page 1 of 7
SERIES: CFM-80
│ DESCRIPTION: DC AXIAL FAN
FEATURES
• 80 x 80 mm frame
• high fan speed for great air flow
• two ball bearing construction
• auto restart protection standard on all models
PART NUMBER KEY
CFM-80 XX - X 3 - XX - CXX
Reserved for Custom
Configurations
Base Number
Input Voltage
1 = 12 Vdc
21 = 24 Vdc
Fan Protection
10 = auto restart protection
11 = auto restart protection / rotation detector
20 = auto restart protection / tachometer signal
22 = auto restart protection / tachometer signal /
PWM control signal
MODEL
input
voltage
input
current
input
power
rated
speed
airflow1
static
pressure2
noise
rated
(Vdc)
range
(Vdc)
typ
(A)
max
(A)
max
(W)
typ
(RPM)
(CFM)
(mm H
2O)
max
(dBA)
CFM-8010-13
12
6~13.8
0.16
0.24
2.88
3,300
33.61
2.79
38.2
CFM-8015-13
12
6~13.8
0.18
0.24
2.88
3,500
43.96
4.13
39.8
CFM-8025-13
12
6~13.8
0.33
0.43
5.16
5,100
69.20
10.56
47.0
CFM-8025-23
24
16~27.6
0.16
0.25
4.8
5,100
69.20
10.56
47.0
Notes:
1. At 0 mm H
20 static pressure.
2. At 0 CFM airflow.
Depth
10 = 10 mm
15 = 15 mm
25 = 25 mm
Notes:
1. 24 Vdc input voltage option only
available with 25 mm depth
For more information, please visit the product page.


Similar Part No. - CFM-80

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CFM-8015CF-120-213 CUID-CFM-8015CF-120-213 Datasheet
2Mb / 8P
   DC AXIAL FAN
08/12/2022
CFM-8015CF-130-301 CUID-CFM-8015CF-130-301 Datasheet
2Mb / 8P
   DC AXIAL FAN
08/12/2022
CFM-8015CF-140-363 CUID-CFM-8015CF-140-363 Datasheet
2Mb / 8P
   DC AXIAL FAN
08/12/2022
CFM-8015CF-220-213 CUID-CFM-8015CF-220-213 Datasheet
2Mb / 8P
   DC AXIAL FAN
08/12/2022
CFM-8015CF-230-301 CUID-CFM-8015CF-230-301 Datasheet
2Mb / 8P
   DC AXIAL FAN
08/12/2022
More results

Similar Description - CFM-80

ManufacturerPart #DatasheetDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
   DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
   DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
   DC AXIAL FAN
logo
ebm-papst
63142TDHHP015 EBMPAPST-63142TDHHP015_16 Datasheet
292Kb / 4P
   DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
   DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
   DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
   DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
   DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
   DC axial fan
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com