Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAT4556C3AB Datasheet(PDF) 3 Page - RHOPOINT COMPONENTS

Part # PAT4556C3AB
Description  FIXED CHIP ATTENUATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

PAT4556C3AB Datasheet(HTML) 3 Page - RHOPOINT COMPONENTS

  PAT4556C3AB Datasheet HTML 1Page - RHOPOINT COMPONENTS PAT4556C3AB Datasheet HTML 2Page - RHOPOINT COMPONENTS PAT4556C3AB Datasheet HTML 3Page - RHOPOINT COMPONENTS PAT4556C3AB Datasheet HTML 4Page - RHOPOINT COMPONENTS PAT4556C3AB Datasheet HTML 5Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Tel:
01883 717988
(Outside UK Tel: 44 1883 717 988)
Fax:
01883 712938
(Outside UK Fax: 44 1883 712 938)
Email:
components@rhopoint.co.uk
Web site:
www.rhopoint.co.uk
RHOPOINT COMPONENTS LTD
Holland Road, Hurst Green, Oxted,
Surrey, RH8 9AX, UK
Page 3


Similar Part No. - PAT4556C3AB

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PAT40012 NIEC-PAT40012 Datasheet
242Kb / 4P
   400A Avg 1200~1600 Volts
PAT40016 NIEC-PAT40016 Datasheet
242Kb / 4P
   400A Avg 1200~1600 Volts
PAT4008 NIEC-PAT4008 Datasheet
246Kb / 4P
   THYRISTOR 400A AVG 800 VOLTS
logo
NIHON DEMPA KOGYO
PAT400N16 NDK-PAT400N16 Datasheet
830Kb / 4P
   400竊?竊죞g 1600 竊턮lts
PAT400N8 NDK-PAT400N8 Datasheet
815Kb / 4P
   400竊?竊죞g 800 竊턮lts
More results

Similar Description - PAT4556C3AB

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
   FIXED ATTENUATORS
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
   FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
   FIXED ATTENUATORS
K2-VAT-A++ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
   Fixed Attenuators
REV. OR
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
   FIXED ATTENUATORS
K2-UNAT MINI-K2-UNAT Datasheet
283Kb / 1P
   FIXED ATTENUATORS
K1-UNAT-A++ MINI-K1-UNAT-A+ Datasheet
179Kb / 1P
   Fixed Attenuators
REV. OR
K1-HAT-A++ MINI-K1-HAT-A+ Datasheet
203Kb / 1P
   Fixed Attenuators
REV. OR
logo
Skyworks Solutions Inc.
ATN3590 SKYWORKS-ATN3590 Datasheet
320Kb / 6P
   Fixed Attenuators
logo
Mini-Circuits
K2-VAT MINI-K2-VAT Datasheet
718Kb / 1P
   FIXED ATTENUATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com