Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V265LA Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72V265LA
Description  3.3 VOLT CMOS SuperSync FIFO 8,192 x 18 16,384 x 18
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V265LA Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72V265LA Datasheet HTML 1Page - Integrated Device Technology IDT72V265LA Datasheet HTML 2Page - Integrated Device Technology IDT72V265LA Datasheet HTML 3Page - Integrated Device Technology IDT72V265LA Datasheet HTML 4Page - Integrated Device Technology IDT72V265LA Datasheet HTML 5Page - Integrated Device Technology IDT72V265LA Datasheet HTML 6Page - Integrated Device Technology IDT72V265LA Datasheet HTML 7Page - Integrated Device Technology IDT72V265LA Datasheet HTML 8Page - Integrated Device Technology IDT72V265LA Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
FEATURES:
••••• Choose among the following memory organizations:
IDT72V255LA
8,192 x 18
IDT72V265LA
16,384 x 18
••••• Pin-compatible with the IDT72V275/72V285 and IDT72V295/
72V2105 SuperSync FIFOs
••••• Functionally compatible with the 5 Volt IDT72255/72265 family
••••• 10ns read/write cycle time (6.5ns access time)
••••• Fixed, low first word data latency time
••••• 5V input tolerant
••••• Auto power down minimizes standby power consumption
••••• Master Reset clears entire FIFO
••••• Partial Reset clears data, but retains programmable settings
••••• Retransmit operation with fixed, low first word data
latency time
••••• Empty, Full and Half-Full flags signal FIFO status
••••• Programmable Almost-Empty and Almost-Full flags, each flag
can default to one of two preselected offsets
••••• Program partial flags by either serial or parallel means
••••• Select IDT Standard timing (using EF and FF flags) or First
Word Fall Through timing (using
OR and IR flags)
••••• Output enable puts data outputs into high impedance state
••••• Easily expandable in depth and width
••••• Independent Read and Write clocks (permit reading and
writing simultaneously)
••••• Available in the 64-pin Thin Quad Flat Pack (TQFP) and the 64-
pin Slim Thin Quad Flat Pack (STQFP)
••••• High-performance submicron CMOS technology
••••• Industrial temperature range (–40°C to +85°C) is available
DESCRIPTION:
The IDT72V255LA/72V265LA are functionally compatible versions of the
IDT72255/72265 designed to run off a 3.3V supply for very low power
consumption. The IDT72V255LA/72V265LA are exceptionally deep, high
speed, CMOS First-In-First-Out (FIFO) memories with clocked read and
write controls. These FIFOs offer numerous improvements over previous
SuperSync FIFOs, including the following:
••••• The limitation of the frequency of one clock input with respect to the other
has been removed. The Frequency Select pin (FS) has been removed,
thus it is no longer necessary to select which of the two clock inputs, RCLK
or WCLK, is running at the higher frequency.
INPUT REGISTER
OUTPUT REGISTER
RAM ARRAY
8,192 x 18
16,384 x 18
FLAG
LOGIC
FF/IR
PAF
EF/OR
PAE
HF
READ POINTER
READ
CONTROL
LOGIC
WRITE CONTROL
LOGIC
WRITE POINTER
RESET
LOGIC
WEN
WCLK
D0 -D17
LD
MRS
REN
RCLK
OE
Q0 -Q17
OFFSET REGISTER
PRS
FWFT/SI
SEN
RT
4672 drw 01
IDT72V255LA
IDT72V265LA
3.3 VOLT CMOS SuperSync FIFO™
8,192 x 18
16,384 x 18
APRIL 2001
© 2001 Integrated Device Technology, Inc
DSC-4672/1
The IDT logo is a registered trademark and the SuperSyncFIFO is a trademark of Integrated Device Technology, Inc.
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
FUNCTIONAL BLOCK DIAGRAM
1


Similar Part No. - IDT72V265LA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V265LA IDT-IDT72V265LA Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results

Similar Description - IDT72V265LA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V255LA RENESAS-72V255LA Datasheet
402Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
JANUARY 2018
IDT72255LA RENESAS-IDT72255LA Datasheet
404Kb / 28P
   CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72255 IDT-IDT72255 Datasheet
394Kb / 30P
   CMOS SUPERSYNC FIFOO 8,192 x 18, 16,384 x 18
logo
Renesas Technology Corp
72V275 RENESAS-72V275 Datasheet
553Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72V295 IDT-IDT72V295 Datasheet
237Kb / 26P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO 131,072 x 18 262,144 x 18
logo
Renesas Technology Corp
72V295 RENESAS-72V295 Datasheet
391Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 131,072 x 18 262,144 x 18
MARCH 2018
72V261LA RENESAS-72V261LA Datasheet
395Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72264 IDT-IDT72264 Datasheet
392Kb / 31P
   VARIABLE WIDTH SUPERSYNCO FIFO 8,192 x 18 or 16,384 x 9 16,384 x 18 or 32,768 x 9
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com