Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS84032AB-166 Datasheet(PDF) 6 Page - GSI Technology

Part # GS84032AB-166
Description  256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS84032AB-166 Datasheet(HTML) 6 Page - GSI Technology

Back Button GS84032AB-166 Datasheet HTML 2Page - GSI Technology GS84032AB-166 Datasheet HTML 3Page - GSI Technology GS84032AB-166 Datasheet HTML 4Page - GSI Technology GS84032AB-166 Datasheet HTML 5Page - GSI Technology GS84032AB-166 Datasheet HTML 6Page - GSI Technology GS84032AB-166 Datasheet HTML 7Page - GSI Technology GS84032AB-166 Datasheet HTML 8Page - GSI Technology GS84032AB-166 Datasheet HTML 9Page - GSI Technology GS84032AB-166 Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Rev: 1.12 7/2002
6/31
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
Preliminary
GS84018/32/36AT/B-180/166/150/100
GS84018A Pad Out
119-Bump BGA—Top View
1234567
A
VDDQ
A6
A7
ADSP
A8
A9
VDDQ
B
NC
E2
A4
ADSC
A15
E3
NC
C
NC
A5
A3
VDD
A14
A16
NC
D
DQB1
NC
VSS
NC
VSS
DQA9
NC
E
NC
DQB2
VSS
E1
VSS
NC
DQA8
F
VDDQ
NC
VSS
G
VSS
DQA7
VDDQ
G
NC
DQB3
BB
ADV
NC
NC
DQA6
H
DQB4
NC
VSS
GW
VSS
DQA5
NC
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
K
NC
DQB5
VSS
CK
VSS
NC
DQA4
L
DQB6
NC
NC
NC
BA
DQA3
NC
M
VDDQ
DQB7
VSS
BW
VSS
NC
VDDQ
N
DQB8
NC
VSS
A1
VSS
DQA2
NC
P
NC
DQB9
VSS
A0
VSS
NC
DQA1
R
NC
A2
LBO
VDD
FT
A13
NC
T
NC
A10
A11
NC
A12
A17
ZZ
U
VDDQ
NC
NC
NC
NC
NC
VDDQ


Similar Part No. - GS84032AB-166

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS84032B-100 GSI-GS84032B-100 Datasheet
629Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84032B-100I GSI-GS84032B-100I Datasheet
629Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84032B-150 GSI-GS84032B-150 Datasheet
629Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84032B-150I GSI-GS84032B-150I Datasheet
629Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84032B-166 GSI-GS84032B-166 Datasheet
629Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
More results

Similar Description - GS84032AB-166

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS840E18T GSI-GS840E18T Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840H18AT GSI-GS840H18AT Datasheet
747Kb / 30P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AT GSI-GS840FH18AT Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018T GSI-GS84018T Datasheet
629Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18AT GSI-GS840E18AT Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840F18AT GSI-GS840F18AT Datasheet
554Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com