Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APFA3010LSEKJ3ZGKQBC Datasheet(PDF) 3 Page - Kingbright Corporation

Part # APFA3010LSEKJ3ZGKQBC
Description  3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APFA3010LSEKJ3ZGKQBC Datasheet(HTML) 3 Page - Kingbright Corporation

  APFA3010LSEKJ3ZGKQBC Datasheet HTML 1Page - Kingbright Corporation APFA3010LSEKJ3ZGKQBC Datasheet HTML 2Page - Kingbright Corporation APFA3010LSEKJ3ZGKQBC Datasheet HTML 3Page - Kingbright Corporation APFA3010LSEKJ3ZGKQBC Datasheet HTML 4Page - Kingbright Corporation APFA3010LSEKJ3ZGKQBC Datasheet HTML 5Page - Kingbright Corporation APFA3010LSEKJ3ZGKQBC Datasheet HTML 6Page - Kingbright Corporation APFA3010LSEKJ3ZGKQBC Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPEC NO: DSAO4458
REV NO: V.2B
DATE: SEP/18/2015
PAGE: 3 OF 7
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: F.T.Liu
ERP: 1203015164
APFA3010LSEKJ3ZGKQBC
Hyper Red


Similar Part No. - APFA3010LSEKJ3ZGKQBC

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APFA3010LSEKJ3ZGKQBC TO-GRACE-APFA3010LSEKJ3ZGKQBC Datasheet
969Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
More results

Similar Description - APFA3010LSEKJ3ZGKQBC

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZCBDDGME56W SUNLED-XZCBDDGME56W Datasheet
314Kb / 4P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APFA3010SURKZGSYKC KINGBRIGHT-APFA3010SURKZGSYKC Datasheet
357Kb / 7P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZMDKBBA56W SUNLED-ZMDKBBA56W Datasheet
225Kb / 5P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZMDKBBABGA56W SUNLED-ZMDKBBABGA56W Datasheet
257Kb / 6P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
KPFA-3011BZ1RGZ1C-132-F TO-GRACE-KPFA-3011BZ1RGZ1C-132-F Datasheet
2Mb / 7P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APFA3010SEEZGKQBKC KINGBRIGHT-APFA3010SEEZGKQBKC Datasheet
312Kb / 7P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SEEZGQBDC KINGBRIGHT-APFA3010SEEZGQBDC Datasheet
311Kb / 7P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SEKJ3ZGKQBKC KINGBRIGHT-APFA3010SEKJ3ZGKQBKC Datasheet
358Kb / 7P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SURCGKPBAC KINGBRIGHT-APFA3010SURCGKPBAC Datasheet
224Kb / 7P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SURKCGKPBAC KINGBRIGHT-APFA3010SURKCGKPBAC Datasheet
250Kb / 7P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com