Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82K629A Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT82K629A
Description  Windows 2000 USBPS/2 Keyboard Encoder
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K629A Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT82K629A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
HT82K629A
Rev. 1.30
11
April 16, 2004
Key Number
and Symbol
Make/Break Code
Key Number
and Symbol
Make/Break Code
42
Keycode42 (*5BJ)
5D/F0 5D
120
F9
01/F0 01
43
Enter_L
5A/F0 5A
121
F10
09/F0 09
44
Shift (L)
12/F0 12
122
F11
78/F0 78
45
Keycode45 (*5B)
61/F0 61
123
F12
07/F0 07
46
Z
1A/F0 1A
125
Scroll Lock
7E/F0 7E
Key Number
and Symbol
Base Case
Shift+Num
Left-Shift
Right-Shift
Num Lock
75
76
79
80
81
83
84
85
86
89
Insert
Delete
¬
Home
End
­
¯
PgUp
PgDn
®
E0 70
/E0 F0 70
E0 71
/E0 F0 71
E0 6B
/E0 F0 6B
E0 6C
/E0 F0 6C
E0 69
/E0 F0 69
E0 75
/E0 F0 75
E0 72
/E0 F0 72
E0 7D
/E0 F0 7D
E0 7A
/E0 F0 7A
E0 74
/E0 F0 74
E0 F0 12 E0 70
/E0 F0 70 E0 12
E0 F0 12 E0 71
/E0 F0 71 E0 12
E0 F0 12 E0 6B
/E0 F0 6B E0 12
E0 F0 12 E0 6C
/E0 F0 6C E0 12
E0 F0 12 E0 69
/E0 F0 69 E0 12
E0 F0 12 E0 75
/E0 F0 75 E0 12
E0 F0 12 E0 72
/E0 F0 72 E0 12
E0 F0 12 E0 7D
/E0 F0 7D E0 12
E0 F0 12 E0 7A
/E0 F0 7A E0 12
E0 F0 12 E0 74
/E0 F0 74 E0 12
E0 F0 59 E0 70
/E0 F0 70 E0 59
E0 F0 59 E0 71
/E0 F0 71 E0 59
E0 F0 59 E0 6B
/E0 F0 6B E0 59
E0 F0 59 E0 6C
/E0 F0 6C E0 59
E0 F0 59 E0 69
/E0 F0 69 E0 59
E0 F0 59 E0 75
/E0 F0 75 E0 59
E0 F0 59 E0 72
/E0 F0 72 E0 59
E0 F0 59 E0 7D
/E0 F0 7D E0 59
E0 F0 59 E0 7A
/E0 F0 7A E0 59
E0 F0 59 E0 74
/E0 F0 74 E0 59
E0 12 E0 70
/E0 F0 70 E0 F0 12
E0 12 E0 71
/E0 F0 71 E0 F0 12
E0 12 E0 6B
/E0 F0 6B E0 F0 12
E0 12 E0 6C
/E0 F0 6C E0 F0 12
E0 12 E0 69
/E0 F0 69 E0 F0 12
E0 12 E0 75
/E0 F0 75 E0 F0 12
E0 12 E0 72
/E0 F0 72 E0 F0 12
E0 12 E0 7D
/E0 F0 7D E0 F0 12
E0 12 E0 7A
/E0 F0 7A E0 F0 12
E0 12 E0 74
/E0 F0 74 E0 F0 12
When both Shift keys are held down:
key number 75
Both Shift
E0 AA E0 B6 E0 52/E0 D2 E0 2A E0 36
Key Number
and Symbol
Base
Left-Shift
Right-Shift
95
/
E0 4A/E0 F0 4A E0 F0 12 E0 4A/E0 F0 4A E0 12 E0 F0 59 E0 4A/E0 F0 4A E0 59
When both Shift keys are held down:
key number 95
Both Shift
E0 F0 12 E0 F0 59 E0 4A/E0 F0 4A E0 12 E0 59
Key Number
and Symbol
Base
Shift/Ctrl
Alt
124
Print Screen
E0 12 E0 7C/E0 F0 7C E0 F0 12
E0 7C/E0 F0 7C
84/F0 84
Key Number
and Symbol
Base
Ctrl
126
Pause
E1 14 77 E1 F0 14 F0 77
E0 7E E0 F0 7E
This key is not typematic, all associated scan codes occur on the make code.
Key Number
and Function
Make/Break code
Default
56 (*BJ)
Brazil BA0
51/F0 51
Make/Break/Typematic
131 (*J)
Japanese J131
67/F0 67
Make/Break/Typematic
132 (*J)
Japanese J132
64/F0 64
Make/Break/Typematic
133 (*J)
Japanese J133
13/F0 13
Make/Break/Typematic
150
Korea KC-L
F1/
-
Make
151
Korea KC-R
F2/
-
Make


Similar Part No. - HT82K629A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K628 HOLTEK-HT82K628 Datasheet
145Kb / 18P
   Windows 2000 Keyboard Encoder
HT82K628A HOLTEK-HT82K628A Datasheet
145Kb / 18P
   Windows 2000 Keyboard Encoder
More results

Similar Description - HT82K629A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K628A HOLTEK-HT82K628A Datasheet
145Kb / 18P
   Windows 2000 Keyboard Encoder
logo
ELAN Microelectronics C...
EKK8011 EMC-EKK8011 Datasheet
336Kb / 34P
   USB & PS/2 Keyboard Encoder
EKK8011AB EMC-EKK8011AB Datasheet
805Kb / 38P
   USB & PS/2 Keyboard Encoder
logo
Semtech Corporation
UR5HC418 SEMTECH-UR5HC418 Datasheet
146Kb / 14P
   AT / PS/2 - Compatible Keyboard Encoder
K25C81-FB SEMTECH-K25C81-FB Datasheet
124Kb / 12P
   Versatile PC/XC/AT/PS/2 Compatible Keyboard Encoder
logo
IOGEAR
GUC10KM IOGEAR-GUC10KM Datasheet
125Kb / 2P
   USB to PS/2 Converter for Keyboard / Mouse
logo
Tripp Lite. All Rights ...
B015000 TRIPPLITE-B015000 Datasheet
489Kb / 2P
   USB to PS-2 Adapter for Keyboard and Mouse
logo
Holtek Semiconductor In...
HT6542B HOLTEK-HT6542B Datasheet
305Kb / 7P
   Keyboard Controller with PS/2
logo
ELAN Microelectronics C...
EM84502 EMC-EM84502 Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
EM83049 EMC-EM83049 Datasheet
96Kb / 17P
   KEYBOARD ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com