Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT46R64 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT46R64
Description  A/D with LCD Type 8-Bit MCU
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R64 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT46R64 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R64 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R64 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R64 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R64 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R64 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R64 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R64 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R64 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
HT46R64/HT46C64
Rev. 1.40
20
September 21, 2004
The I/O function of PA0/PA1 are shown below.
PA0 I/O
I
I
OOOOOOOO
PA1 I/O
I
O
I
I
I
OOOOO
PA0 Mode
X
X C B
B C BBBB
PA1 Mode
X C X
X
X C C C B
B
PA0 Data
X
X D
0
1 D0 0101
PA1 Data
X D X
X
X D1 D D X
X
PA0 Pad Status
I
I
D
0
B D0 0B0B
PA1 Pad Status
I
D
I
I
I D1 DD 0 B
Note:
²I² input; ²O² output
²D, D0, D1² Data
²B² buzzer option, BZ or BZ
²X² don¢t care
²C² CMOS output
The PB can also be used as A/D converter inputs. The
A/D function will be described later. There is a PWM
function shared with PD0/PD1/PD2/PD3. If the PWM
function is enabled, the PWM0/PWM1/PWM2/PWM3
signal will appear on PD0/PD1/PD2/PD3 (if
PD0/PD1/PD2/PD3 is operating in output mode). Writ-
ing
²1² to PD0~PD3 data register will enable the PWM
output function and writing
²0² will force the PD0~PD3 to
remain at
²0². The I/O functions of PD0/PD1/PD2/PD3
are as shown.
I/O
Mode
I/P
(Normal)
O/P
(Normal)
I/P
(PWM)
O/P
(PWM)
PD0
PD1
PD2
PD3
Logical
Input
Logical
Output
Logical
Input
PWM0
PWM1
PWM2
PWM3
It is recommended that unused or not bonded out I/O
lines should be set as output pins by software instruction
to avoid consuming power under input floating state.
The definitions of PFD control signal and PFD output
frequency are listed in the following table.
Timer
Timer
Preload
Value
PA3 Data
Register
PA3 Pad
State
PFD
Frequency
OFF
X
0
0
X
OFF
X
1
U
X
ON
N
0
0
X
ON
N
1
PFD
fTMR/[2
´(M-N)]
Note:
²X² stands for unused
²U² stands for unknown
²M² is ²256² for PFD0 or ²65536² for PFD1
²N² is preload value for timer/event counter
²fTMR² is input clock frequency for timer/event
counter
PWM
The microcontroller provides 4 channels (6+2)/(7+1)
(dependent on options) bits PWM output shared with
PD0/PD1/PD2/PD3. The PWM channels have their data
registers denoted as PWM0 (1AH), PWM1 (1BH),
PWM2 (1CH) and PWM3 (1DH). The frequency source
of the PWM counter comes from fSYS. The PWM regis-
ters are four 8-bit registers. The waveforms of PWM out-
puts are as shown. Once the PD0/PD1/PD2/PD3 are
selected as the PWM outputs and the output function of
PD0/PD1/PD2/PD3 are enabled (PDC.0/PDC.1/
PDC.2/PDC.3=
²0²), writing ²1² to PD0/PD1/PD2/PD3
V D D
M
U
X
M
U
X
P F D E N
( P A 3 )
O P 0 ~ O P 7
I N T 0 f o r P D 4 o n l y
I N T 1 f o r P D 5 o n l y
T M R 0 f o r P D 6 o n l y
T M R 1 f o r P D 7 o n l y
S y s t e m W a k e - u p
( P A o n l y )
R e a d D a t a R e g i s t e r
P A 0 / P A 1 / P A 3 / P D 0 / P D 1 / P D 2 / P D 3
D
Q
C K
S
D
Q
C K
Q
S
C o n t r o l B i t
P U
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
P A 0 / B Z
P A 1 / B Z
P A 2
P A 3 / P F D
P A 4 ~ P A 7
P B 0 / A N 0 ~ P B 7 / A N 7
P D 0 / P W M 0
P D 1 / P W M 1
P D 2 / P W M 2
P D 3 / P W M 3
P D 4 / I N T 0
P D 5 / I N T 1
P D 6 / T M R 0
P D 7 / T M R 1
Q
B Z / B Z / P F D / P W M 0 / P W M 1 / P W M 2 / P W M 3
Input/Output Ports


Similar Part No. - HT46R64

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R64 HOLTEK-HT46R64 Datasheet
423Kb / 48P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64_06 Datasheet
423Kb / 48P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64_11 Datasheet
320Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64_14 Datasheet
1Mb / 51P
   52/100-pin LQFP
More results

Similar Description - HT46R64

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RU66 HOLTEK-HT46RU66_11 Datasheet
436Kb / 63P
   A/D Type 8-Bit MCU with LCD
HT46R63 HOLTEK-HT46R63 Datasheet
328Kb / 44P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64_06 Datasheet
423Kb / 48P
   A/D with LCD Type 8-Bit MCU
HT46R62 HOLTEK-HT46R62 Datasheet
401Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64_11 Datasheet
320Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R65 HOLTEK-HT46R65_11 Datasheet
321Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46RU67 HOLTEK-HT46RU67 Datasheet
496Kb / 67P
   A/D Type 8-Bit MCU with LCD
HT46R65 HOLTEK-HT46R65 Datasheet
409Kb / 48P
   A/D with LCD Type 8-Bit MCU
HT46R71D HOLTEK-HT46R71D Datasheet
331Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46RU66 HOLTEK-HT46RU66 Datasheet
493Kb / 63P
   A/D Type 8-Bit MCU with LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com