Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX79C2V4 Datasheet(PDF) 9 Page - Motorola, Inc

Part # BZX79C2V4
Description  500 mW DO-35 Glass Zener Voltage Regulator Diodes
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BZX79C2V4 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button BZX79C2V4 Datasheet HTML 5Page - Motorola, Inc BZX79C2V4 Datasheet HTML 6Page - Motorola, Inc BZX79C2V4 Datasheet HTML 7Page - Motorola, Inc BZX79C2V4 Datasheet HTML 8Page - Motorola, Inc BZX79C2V4 Datasheet HTML 9Page - Motorola, Inc BZX79C2V4 Datasheet HTML 10Page - Motorola, Inc BZX79C2V4 Datasheet HTML 11Page - Motorola, Inc BZX79C2V4 Datasheet HTML 12Page - Motorola, Inc BZX79C2V4 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
GENERAL DATA — 500 mW DO-35 GLASS
Motorola TVS/Zener Device Data
6-105
500 mW DO-35 Glass Data Sheet
Low level oxide passivated zener diodes for applications re-
quiring extremely low operating currents, low leakage, and
sharp breakdown voltage.
Zener Voltage Specified @ IZT = 50 µA
Maximum Delta VZ Given from 10 to 100 µA
ELECTRICAL CHARACTERISTICS (TA = 25°C, VF = 1.5 V Max at IF = 100 mA for all types)
Type
Number
Zener Voltage
VZ @ IZT = 50 µA
Volts
Maximum
Reverse Current
IR µA
Test
Voltage
VR Volts
Maximum
Zener Current
IZM mA
Maximum
Voltage Change
∆VZ Volts
Number
(Note 1)
Nom (Note 1)
Min
Max
(Note 3)
IZM mA
(Note 2)
∆VZ Volts
(Note 4)
1N4678
1.8
1.71
1.89
7.5
1
120
0.7
1N4679
2
1.9
2.1
5
1
110
0.7
1N4680
2.2
2.09
2.31
4
1
100
0.75
1N4681
2.4
2.28
2.52
2
1
95
0.8
1N4682
2.7
2.565
2.835
1
1
90
0.85
1N4683
3
2.85
3.15
0.8
1
85
0.9
1N4684
3.3
3.135
3.465
7.5
1.5
80
0.95
1N4685
3.6
3.42
3.78
7.5
2
75
0.95
1N4686
3.9
3.705
4.095
5
2
70
0.97
1N4687
4.3
4.085
4.515
4
2
65
0.99
1N4688
4.7
4.465
4.935
10
3
60
0.99
1N4689
5.1
4.845
5.355
10
3
55
0.97
1N4690
5.6
5.32
5.88
10
4
50
0.96
1N4691
6.2
5.89
6.51
10
5
45
0.95
1N4692
6.8
6.46
7.14
10
5.1
35
0.9
1N4693
7.5
7.125
7.875
10
5.7
31.8
0.75
1N4694
8.2
7.79
8.61
1
6.2
29
0.5
1N4695
8.7
8.265
9.135
1
6.6
27.4
0.1
1N4696
9.1
8.645
9.555
1
6.9
26.2
0.08
1N4697
10
9.5
10.5
1
7.6
24.8
0.1
1N4698
11
10.45
11.55
0.05
8.4
21.6
0.11
1N4699
12
11.4
12.6
0.05
9.1
20.4
0.12
1N4700
13
12.35
13.65
0.05
9.8
19
0.13
1N4701
14
13.3
14.7
0.05
10.6
17.5
0.14
1N4702
15
14.25
15.75
0.05
11.4
16.3
0.15
1N4703
16
15.2
16.8
0.05
12.1
15.4
0.16
1N4704
17
16.15
17.85
0.05
12.9
14.5
0.17
1N4705
18
17.1
18.9
0.05
13.6
13.2
0.18
1N4706
19
18.05
19.95
0.05
14.4
12.5
0.19
1N4707
20
19
21
0.01
15.2
11.9
0.2
1N4708
22
20.9
23.1
0.01
16.7
10.8
0.22
1N4709
24
22.8
25.2
0.01
18.2
9.9
0.24
1N4710
25
23.75
26.25
0.01
19
9.5
0.25
1N4711
27
25.65
28.35
0.01
20.4
8.8
0.27
1N4712
28
26.6
29.4
0.01
21.2
8.5
0.28
1N4713
30
28.5
31.5
0.01
22.8
7.9
0.3
1N4714
33
31.35
34.65
0.01
25
7.2
0.33
1N4715
36
34.2
37.8
0.01
27.3
6.6
0.36
1N4716
39
37.05
40.95
0.01
29.6
6.1
0.39
1N4717
43
40.85
45.15
0.01
32.6
5.5
0.43
NOTE 1. TOLERANCE AND VOLTAGE DESIGNATION (VZ)
The type numbers shown have a standard tolerance of
±5% on the nominal Zener voltage,
C for
±2%, D for ±1%.
NOTE 2. MAXIMUM ZENER CURRENT RATINGS (IZM)
Maximum Zener current ratings are based on maximum Zener voltage of the individual units
and JEDEC 250 mW rating.
NOTE 3. REVERSE LEAKAGE CURRENT (IR)
Reverse leakage currents are guaranteed and measured at VR as shown on the table.
NOTE 4. MAXIMUM VOLTAGE CHANGE (
∆VZ)
Voltage change is equal to the difference between VZ at 100 µA and VZ at 10 µA.
NOTE 5. ZENER VOLTAGE (VZ) MEASUREMENT
Nominal Zener voltage is measured with the device junction in thermal equilibrium at the lead
temperature at 30
°C ±1°C and 3/8″ lead length.


Similar Part No. - BZX79C2V4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BZX79C2V4 FAIRCHILD-BZX79C2V4 Datasheet
47Kb / 5P
   Zeners
logo
Seme LAB
BZX79C2V4 SEME-LAB-BZX79C2V4 Datasheet
21Kb / 2P
   VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT
logo
Fairchild Semiconductor
BZX79C2V4 FAIRCHILD-BZX79C2V4 Datasheet
47Kb / 5P
   Zeners
logo
Taiwan Semiconductor Co...
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
logo
Fairchild Semiconductor
BZX79C2V4 FAIRCHILD-BZX79C2V4 Datasheet
47Kb / 5P
   Zeners
More results

Similar Description - BZX79C2V4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
logo
Tak Cheong Electronics ...
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N957B TAK_CHEONG-1N957B_10 Datasheet
295Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com