Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV300 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAV300
Description  SURFACE MOUNT FAST SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAV300 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAV300 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAV300 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
@ TA = 25
°C unless otherwise specified
Maximum Ratings and Electrical Characteristics
Hermetic sealed parts
Saving space
Parameter
Test condition
Part
Symbol
Value
Unit
RRM
60
V
RRM
120
V
RRM
200
V
RRM
250
V
Reverse voltage
BAV300
VR
50
V
BAV301
VR
100
V
BAV302
VR
150
V
BAV303
VR
200
V
Forward continuous current
IF
250
mA
Peak forward surge current
tp = 1 s, Tj = 25 °C
IFSM
1A
Forward peak current
f = 50 Hz
IFM
625
mA
BAV300-BAV303
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 100 mA
VF
1000
mV
Reverse current
VR = 50 V
BAV300
IR
100
nA
VR = 100 V
BAV301
IR
100
nA
VR = 150 V
BAV302
IR
100
nA
VR = 200 V
BAV303
IR
100
nA
Tj = 100 °C, VR = 50 V
BAV300
IR
15
µA
Tj = 100 °C, VR = 100 V
BAV301
IR
15
µA
Tj = 100 °C, VR = 150V
BAV302
IR
15
µA
Tj = 100 °C, VR = 200V
BAV303
IR
15
µA
Breakdown voltage
IR = 100 µA, tp/T = 0.01,
p = 0.3 ms
BAV300
V(BR)
60
V
R = 100 µA, tp/T = 0.01,
p = 0.3 ms
BAV301
V(BR)
120
V
BAV302
V(BR)
200
V
BAV303
V(BR)
250
V
Diode capacitance
VR = 0, f = 1 MHz
CD
1.5
pF
Differential forward resistance
IF = 10 mA
rf
5
Ω
Reverse recovery time
IF = IR = 30 mA, iR = 3 mA,
RL = 100 Ω
trr
50
ns
1 of 2
Silicon Epitaxial Planar Diodes
!
!
!
!
Case: SOD-323, Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.004 grams (approx.)
!
Marking: A3
Mechanical Data
SOD-323
Dim
Min
Max
A
2.30
2.70
B
1.75
1.95
C
1.15
1.35
D
0.25
0.35
E
0.05
0.15
G
0.70
0.95
H
0.30
All Dimensions in mm
G
A
C
E
H
D
B
SURFACE MOUNT FAST SWITCHING DIODE
Peak reverse voltage
BAV300
V
BAV301
V
BAV302
V
BAV303
V


Similar Part No. - BAV300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV300 VISHAY-BAV300 Datasheet
61Kb / 5P
   Silicon Epitaxial Planar Diodes
Rev. 2.1, 01-Aug-12
BAV300 VISHAY-BAV300 Datasheet
135Kb / 6P
   Small Signal Switching Diodes, High Voltage
Rev. 1.9, 07-Mar-06
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
   Switching Diodes
logo
GOOD-ARK Electronics
BAV300 GOOD-ARK-BAV300 Datasheet
120Kb / 2P
   Switching Diode
logo
Vishay Siliconix
BAV300 VISHAY-BAV300 Datasheet
90Kb / 5P
   Small Signal Switching Diodes, High Voltage
01-Jan-2022
More results

Similar Description - BAV300

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com