Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7680M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN7680M
Description  PC Power Supply Outputs Monitoring IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7680M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN7680M Datasheet HTML 1Page - Fairchild Semiconductor FAN7680M Datasheet HTML 2Page - Fairchild Semiconductor FAN7680M Datasheet HTML 3Page - Fairchild Semiconductor FAN7680M Datasheet HTML 4Page - Fairchild Semiconductor FAN7680M Datasheet HTML 5Page - Fairchild Semiconductor FAN7680M Datasheet HTML 6Page - Fairchild Semiconductor FAN7680M Datasheet HTML 7Page - Fairchild Semiconductor FAN7680M Datasheet HTML 8Page - Fairchild Semiconductor FAN7680M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0
Features
• PC Power Supply Output Monitor Circuitry
• Few External Components
• Over Voltage Protection for 3.3V, 5V and 12V(Vcc)
Outputs
• Under Voltage Protection for 3.3V, 5V and 12V(Vcc)
Outputs with Delay Time
• Fault Protection Output with Open Drain Output
• Open Drain Power Good Output
• 300ms Power Good Delay
• 38ms PSON On/Off Debounce
• 73us Debounce
•2.3ms PSON to FPO Turn Off Delay
• Latch Function Controlled by PSON and Protection
Inputs
Typical Application
• PC Power Supply
OVP
The FAN7680 has OVP functions for +3.3V, +5V,
+12V(Vcc) outputs. This block is made up of three compara-
tors with two inputs and resistor dividers. One input of a
comparator is connected to a reference voltage and another
input is connected to a resistor divider.
UVP
The FAN7680 also has UVP functions for +3.3V, +5V,
+12V(Vcc) outputs. This block is made up of three compara-
tors with two inputs and resistor dividers. One input of a
comparator is connected to a reference voltage and another
input is connected to a resistor divider.
PSON
The remote on/off(PSON) section is for controlling the
SMPS externally. When a high signal is applied to the PSON
input, the FPO signal becomes a high state and all secondary
outputs are grounded. The remote on/off signal is transferred
with some on/off debounce time.
Description
The FAN7680 is a complete output supervisory circuitry
intended for use in the secondary side of a switched mode
power supply. It provides over voltage protection (OVP),
under voltage protection (UVP), fault protection output
(FPO), remote On/Off (PSON), latch, internal delay circuits
and power good signal generator to monitor and control the
output of the switching power supply system. As for output
control, power good output(PGO) and fault protection out-
put(FPO) are included. It directly senses all the output rails
for OVP and UVP without external dividers. The FAN7680
offers a simple and cost effective solution with minimum
number of external components and greatly reduces PCB
board space for power supply.
FPO
The FPO(Fault Protection Output) is a signal which indicates
the system fault condition according to protection signals.
When a fault state is occured, the FPO signal becomes high
and the PGO signal becomes low and the main power is to be
turned off.
Normal State; "Low"
Fault State; "High"
PGO
The power good signal generator provides a signal according
to output voltage conditions of a power supply for safe oper-
ation of a secondary system. The power good output should
be low state before the output voltage is out of regulation at
turn-off of the input power switch.
Normal State ; "High"
Fault State ; "Low"
8-DIP
8-SOP
1
1
FAN7680
PC Power Supply Outputs Monitoring IC


Similar Part No. - FAN7680M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7685 FAIRCHILD-FAN7685 Datasheet
321Kb / 14P
   PC Power Supply Output Monitoring IC
FAN7685M FAIRCHILD-FAN7685M Datasheet
321Kb / 14P
   PC Power Supply Output Monitoring IC
FAN7685MX FAIRCHILD-FAN7685MX Datasheet
321Kb / 14P
   PC Power Supply Output Monitoring IC
FAN7685N FAIRCHILD-FAN7685N Datasheet
321Kb / 14P
   PC Power Supply Output Monitoring IC
FAN7686 FAIRCHILD-FAN7686 Datasheet
321Kb / 14P
   PC Power Supply Output Monitoring IC
More results

Similar Description - FAN7680M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7685 FAIRCHILD-FAN7685 Datasheet
321Kb / 14P
   PC Power Supply Output Monitoring IC
logo
Toshiba Semiconductor
TD62650F TOSHIBA-TD62650F Datasheet
651Kb / 17P
   5V POWER SUPPLY & SUPPLY MONITORINGCOMMUNICATIONS IC
TD62650FG TOSHIBA-TD62650FG Datasheet
547Kb / 19P
   5V POWER SUPPLY & SUPPLY MONITORING COMMUNICATIONS IC
logo
ON Semiconductor
NCP112 ONSEMI-NCP112 Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
logo
Fujitsu Component Limit...
MB3793-45PF-G-BND FUJITSU-MB3793-45PF-G-BND Datasheet
143Kb / 18P
   Power Voltage Monitoring IC
logo
Winbond
W83L784R WINBOND-W83L784R Datasheet
1Mb / 56P
   Monitoring IC
W83782D WINBOND-W83782D Datasheet
387Kb / 44P
   MONITORING IC
W83783S WINBOND-W83783S_04 Datasheet
450Kb / 56P
   Monitoring IC
W83783S WINBOND-W83783S Datasheet
312Kb / 10P
   MONITORING IC
W83L784R WINBOND-W83L784R_05 Datasheet
589Kb / 52P
   Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com