Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA1606ZGC-E Datasheet(PDF) 5 Page - Kingbright Corporation

Part # APA1606ZGC-E
Description  1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APA1606ZGC-E Datasheet(HTML) 5 Page - Kingbright Corporation

  APA1606ZGC-E Datasheet HTML 1Page - Kingbright Corporation APA1606ZGC-E Datasheet HTML 2Page - Kingbright Corporation APA1606ZGC-E Datasheet HTML 3Page - Kingbright Corporation APA1606ZGC-E Datasheet HTML 4Page - Kingbright Corporation APA1606ZGC-E Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEC NO: DSAK0929
REV NO: V.5B
DATE: AUG/01/2016
PAGE: 5 OF 5
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: W.Q.Zhong
ERP: 1203010246
PACKING & LABEL SPECIFICATIONS
APA1606ZGC/E
Terms and conditions for the usage of this document
1. The information included in this document reflects representative usage scenarios and is intended for technical reference only.
2. The part number, type, and specifications mentioned in this document are subject to future change and improvement without
notice. Before production usage customer should refer to the latest datasheet for the updated specifications.
3. When using the products referenced in this document, please make sure the product is being operated within the environmental
and electrical limits specified in the datasheet. If customer usage exceeds the specified limits, Kingbright will not be responsible
for any subsequent issues.
4. The information in this document applies to typical usage in consumer electronics applications. If customer's application has
special reliability requirements or have life-threatening liabilities, such as automotive or medical usage, please consult with
Kingbright representative for further assistance.
5. The contents and information of this document may not be reproduced or re-transmitted without permission by Kingbright.
6. All design applications should refer to Kingbright application notes available at http://www.KingbrightUSA.com/ApplicationNotes


Similar Part No. - APA1606ZGC-E

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APA1606ZGC-G KINGBRIGHT-APA1606ZGC-G Datasheet
276Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
More results

Similar Description - APA1606ZGC-E

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APA1606RWF KINGBRIGHT-APA1606RWF Datasheet
391Kb / 7P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2BB87W SUNLED-ZM2BB87W Datasheet
191Kb / 4P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APA1606RWF-A KINGBRIGHT-APA1606RWF-A Datasheet
386Kb / 7P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZVG87W SUNLED-ZVG87W Datasheet
189Kb / 4P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APA1606CGCK KINGBRIGHT-APA1606CGCK Datasheet
274Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606MGC KINGBRIGHT-APA1606MGC Datasheet
289Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606SECK KINGBRIGHT-APA1606SECK Datasheet
290Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606SURCK KINGBRIGHT-APA1606SURCK Datasheet
275Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606PBC-Z KINGBRIGHT-APA1606PBC-Z Datasheet
294Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606SGC KINGBRIGHT-APA1606SGC Datasheet
269Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606VGC KINGBRIGHT-APA1606VGC Datasheet
282Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com