Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB8870 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDB8870
Description  N-Channel PowerTrench MOSFET 30V, 160A, 3.9mW
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB8870 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FDB8870 Datasheet HTML 2Page - Fairchild Semiconductor FDB8870 Datasheet HTML 3Page - Fairchild Semiconductor FDB8870 Datasheet HTML 4Page - Fairchild Semiconductor FDB8870 Datasheet HTML 5Page - Fairchild Semiconductor FDB8870 Datasheet HTML 6Page - Fairchild Semiconductor FDB8870 Datasheet HTML 7Page - Fairchild Semiconductor FDB8870 Datasheet HTML 8Page - Fairchild Semiconductor FDB8870 Datasheet HTML 9Page - Fairchild Semiconductor FDB8870 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
FDB8870 Rev. A1
Test Circuits and Waveforms
Figure 15. Unclamped Energy Test Circuit
Figure 16. Unclamped Energy Waveforms
Figure 17. Gate Charge Test Circuit
Figure 18. Gate Charge Waveforms
Figure 19. Switching Time Test Circuit
Figure 20. Switching Time Waveforms
tP
VGS
0.01
L
I AS
+
-
VDS
VDD
RG
DUT
VARY t P TO OBTAIN
REQUIRED PEAK I AS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
VGS
+
-
VDS
VDD
DUT
I g(REF)
L
VDD
Qg(TH)
VGS = 1V
Qgs2
Q g(TOT)
VGS = 10V
VDS
VGS
Ig(REF)
0
0
Qgs
Qgd
Qg(5)
VGS = 5V
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0


Similar Part No. - FDB8870

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB8870 FAIRCHILD-FDB8870 Datasheet
770Kb / 11P
   N-Channel PowerTrench짰 MOSFET
logo
Inchange Semiconductor ...
FDB8870 ISC-FDB8870 Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDB8870 FAIRCHILD-FDB8870_08 Datasheet
770Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDB8870 FAIRCHILD-FDB8870_10 Datasheet
223Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 160A, 3.9m廓
FDB8870_F085 FAIRCHILD-FDB8870_F085 Datasheet
223Kb / 11P
   N-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDB8870

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP039N08B FAIRCHILD-FDP039N08B Datasheet
1Mb / 9P
   N-Channel PowerTrench MOSFET 80V, 171A, 3.9mW
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com