Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7310 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN7310
Description  LCD Back Light Inverter Drive IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7310 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN7310 Datasheet HTML 2Page - Fairchild Semiconductor FAN7310 Datasheet HTML 3Page - Fairchild Semiconductor FAN7310 Datasheet HTML 4Page - Fairchild Semiconductor FAN7310 Datasheet HTML 5Page - Fairchild Semiconductor FAN7310 Datasheet HTML 6Page - Fairchild Semiconductor FAN7310 Datasheet HTML 7Page - Fairchild Semiconductor FAN7310 Datasheet HTML 8Page - Fairchild Semiconductor FAN7310 Datasheet HTML 9Page - Fairchild Semiconductor FAN7310 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
FAN7310
7
Function Description
UVLO : The under voltage lockout circuit guarantees
stable operation of the IC’s control circuit by stopping
and starting it as a function of the Vin value. The UVLO
circuit turns on the control circuit when Vin exceeds 5V.
When Vin is lower than 5V, the IC’s standby current is
less than 200uA.
ENA : Applying the voltage higer than 2V to ENA pin
enables the operation of the IC. Applying to the voltage
lower than 0.7V to ENA pin will disable the operation of
the inverter.
Soft start :The soft start function is provided that S_S
pin is connected through a capacitor to GND. A soft
start circuit ensures a gradual increase in the input and
output power. The capacitor connected to S_S pin
determines the rate of rise of the duty ratio. It is
charged by a current source of 6uA.
Main oscillator : Timing capacitor CT are charged by
the reference current source, formed by the timing
resistor Rt whose voltage is regulated at 1.25V. The
sawtooth waveform charges up to 2V. Once reached,
capacitors begin discharging down to 0.5V. Next timing
capacitors start charging again and a new switching
cycle begins. The main frequency can be programmed
with adjusting the values of Rt and CT. The main fre-
quency can be calculated as below.
Burst oscillator & burst dimming :Timing capacitor
BCT are charged by the reference current source,
formed by the timing resistor Rt whose voltage is regu-
lated at 1.25V. The sawtooth waveform charges up to
2V. Once reached, capacitors begin discharging down
to 0.5V. Next timing capacitors start charging again and
a new switching cycle begins. The burst dimming fre-
quency can be programmed with adjusting the values
of Rt and BCT. The burst dimming frequency can be
calculated as below.
The burst dimming frequency should be greater than
120Hz to avoid visible flicker.
To compare the input of BDIM pin with the 0.5~2V trian-
gular wave of burst oscillator makes the PWM pulse for
burst dimming. The PWM pulse controls EA_OUT’s
voltage by summing 85uA into EA_IN pin.
f
op
=
19
32 R
T
C
T
-------------------------------
f
burst
=
3.75
64 R
T
BC
T
-----------------------------------


Similar Part No. - FAN7310

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7310 FAIRCHILD-FAN7310 Datasheet
359Kb / 12P
   LCD Back Light Inverter Drive IC
FAN7310 FAIRCHILD-FAN7310 Datasheet
99Kb / 3P
   LCD Backlight Inverter Drive Integrated Circuit
FAN7310G FAIRCHILD-FAN7310G Datasheet
359Kb / 12P
   LCD Back Light Inverter Drive IC
FAN7310G FAIRCHILD-FAN7310G Datasheet
99Kb / 3P
   LCD Backlight Inverter Drive Integrated Circuit
FAN7310GX FAIRCHILD-FAN7310GX Datasheet
99Kb / 3P
   LCD Backlight Inverter Drive Integrated Circuit
More results

Similar Description - FAN7310

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7310 FAIRCHILD-FAN7310_05 Datasheet
359Kb / 12P
   LCD Back Light Inverter Drive IC
FAN7300 FAIRCHILD-FAN7300 Datasheet
672Kb / 12P
   LCD Back Light Inverter Drive IC
FAN7315 FAIRCHILD-FAN7315 Datasheet
315Kb / 8P
   LCD Back Light Inverter Drive IC
FAN7548 FAIRCHILD-FAN7548 Datasheet
1Mb / 12P
   Dual LCD Back Light Inverter Drive IC
logo
Renesas Technology Corp
M62295GP RENESAS-M62295GP Datasheet
169Kb / 11P
   LCD Back-light Control IC
logo
Mitsubishi Electric Sem...
M62295GP MITSUBISHI-M62295GP Datasheet
57Kb / 7P
   LCD BACK-LIGHT CONTROL IC
logo
Fairchild Semiconductor
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com