Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7040M Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN7040M
Description  3W Mono BTL Amplifier with DC Volume Control
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7040M Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN7040M Datasheet HTML 1Page - Fairchild Semiconductor FAN7040M Datasheet HTML 2Page - Fairchild Semiconductor FAN7040M Datasheet HTML 3Page - Fairchild Semiconductor FAN7040M Datasheet HTML 4Page - Fairchild Semiconductor FAN7040M Datasheet HTML 5Page - Fairchild Semiconductor FAN7040M Datasheet HTML 6Page - Fairchild Semiconductor FAN7040M Datasheet HTML 7Page - Fairchild Semiconductor FAN7040M Datasheet HTML 8Page - Fairchild Semiconductor FAN7040M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FAN7040
5
Performance Characteristics
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
100k
50
100
200
500
1k
2k
5k
10k
20k
50k
Frequency [Hz]
VC=0.5V, Rs=5k
VC=2V, Rs=5k
VC=2V, Rs=0
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
100k
50
100
200
500
1k
2k
5k
10k
20k
50k
Frequency [Hz]
VC=0.5V, Rs=5k
VC=2V, Rs=5k
VC=2V, Rs=0
Fig. 1 Supply Current
Fig. 2 Power Supply Rejection Ratio
0.01
30
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
10m
10
20m
50m
100m
200m
500m
1
2
5
Output Power [W]
VCC=12V
VC=2V
f=1kHz
R
L=16Ω
BW<22kHz
0.01
30
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
10m
10
20m
50m
100m
200m
500m
1
2
5
Output Power [W]
VCC=12V
VC=2V
f=1kHz
R
L=16Ω
BW<22kHz
VCC=12V
VC=2V
f=1kHz
R
L=16Ω
BW<22kHz
Fig. 3 THD+N vs. Output Power
Fig. 4 THD+N vs. Frequency
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-80
-60
-40
-20
0
20
40
VCC=12V
DC Volume Control Voltage [V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-80
-60
-40
-20
0
20
40
VCC=12V
DC Volume Control Voltage [V]
Fig. 5 Gain vs. DC Volume Control
Fig. 6 Input Signal Handling
0
4
8
12
16
20
0.0
1.0m
2.0m
3.0m
4.0m
5.0m
6.0m
7.0m
VCC=12V
VC=2V
Supply Voltage [V]
No load
0
4
8
12
16
20
0.0
1.0m
2.0m
3.0m
4.0m
5.0m
6.0m
7.0m
VCC=12V
VC=2V
Supply Voltage [V]
No load
2
4
6
8
10
12
14
16
18
20
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Power Supply [V]
VCC=12V
VC=0.8V
R
L=16Ω
THD+N=1%
2
4
6
8
10
12
14
16
18
20
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Power Supply [V]
VCC=12V
VC=0.8V
R
L=16Ω
THD+N=1%
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency [Hz]
VCC=12V
VC=2V
R
L=16Ω
BW<80kHz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency [Hz]
VCC=12V
VC=2V
R
L=16Ω
BW<80kHz


Similar Part No. - FAN7040M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7000 FAIRCHILD-FAN7000 Datasheet
59Kb / 10P
   Low Power Amplifier
FAN7000D FAIRCHILD-FAN7000D Datasheet
59Kb / 10P
   Low Power Amplifier
FAN7005 FAIRCHILD-FAN7005 Datasheet
495Kb / 16P
   200mW Stereo Power Amplifier with Shutdown
FAN7005M FAIRCHILD-FAN7005M Datasheet
495Kb / 16P
   200mW Stereo Power Amplifier with Shutdown
FAN7005MU FAIRCHILD-FAN7005MU Datasheet
495Kb / 16P
   200mW Stereo Power Amplifier with Shutdown
More results

Similar Description - FAN7040M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7052B PHILIPS-TDA7052B Datasheet
111Kb / 16P
   Mono BTL audio amplifier with DC volume control
1997 Aug 15
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056AT PHILIPS-TDA7056AT Datasheet
128Kb / 20P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA7056B PHILIPS-TDA7056B Datasheet
101Kb / 16P
   5 W mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7052AN NXP-TDA7052AN Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056AT PHILIPS-TDA7056AT_15 Datasheet
140Kb / 18P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
logo
KODENSHI_AUK CORP.
KKA7056B KODENSHI-KKA7056B Datasheet
238Kb / 6P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com