Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA3528SURCKT-AMT Datasheet(PDF) 2 Page - Kingbright Corporation

Part # AA3528SURCKT-AMT
Description  3.5x2.8mm SURFACE MOUNT LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3528SURCKT-AMT Datasheet(HTML) 2 Page - Kingbright Corporation

  AA3528SURCKT-AMT Datasheet HTML 1Page - Kingbright Corporation AA3528SURCKT-AMT Datasheet HTML 2Page - Kingbright Corporation AA3528SURCKT-AMT Datasheet HTML 3Page - Kingbright Corporation AA3528SURCKT-AMT Datasheet HTML 4Page - Kingbright Corporation AA3528SURCKT-AMT Datasheet HTML 5Page - Kingbright Corporation AA3528SURCKT-AMT Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: DSAO0678
REV NO: V.2A
DATE: JUL/18/2016
PAGE: 2 OF 6
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: W.Q.Zhong
ERP: 1201004172
Selection Guide
Part No.
Emitting Color (Material)
Lens Type
Iv (mcd) [2]
@ 20mA
Viewing
Angle [1]
Code.
Min.
Max.
2θ1/2
AA3528SURCKT-AMT
Hyper Red (AlGaInP)
Water Clear
P
200
300
120
°
Q
300
400
R
400
500
*H
*55
*80
*M
*80
*120
*N
*120
*200
S
500
700
*P
*200
*300
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Value
Unit
Power dissipation
PD
75
mW
Reverse Voltage
VR
5
V
Junction temperature
TJ
115
°C
Operating Temperature
Top
-40 To +100
°C
Storage Temperature
Tstg
-40 To +115
°C
DC Forward Current
IF
30
mA
Peak Forward Current [2]
IFM
185
mA
Electrostatic Discharge Threshold (HBM)
3000
V
Thermal Resistance (Junction/ambient) [1]
Rth j-a
410
°C/W
Electrical / Optical Characteristics at Ta=25°C
Parameter
Symbol
Value
Unit
Wavelength at peak emission IF=20mA [Typ.]
λ peak
645
nm
Dominant Wavelength IF=20mA [Min.]
λ dom [1]
620
nm
Dominant Wavelength IF=20mA [Max.]
λ dom [1]
640
nm
Spectral bandwidth at 50%
Φ REL MAX IF=20mA [Typ.]
Δλ
28
nm
Forward Voltage IF=20mA [Min.]
VF [2]
-
V
Forward Voltage IF=20mA [Typ.]
1.95
Forward Voltage IF=20mA [Max.]
2.5
Reverse Current (VR = 5V) [Max.]
IR
10
uA
Temperature coefficient of
λ peak
IF=20mA, -10°C≤ T≤100°C [Typ.]
TC λ peak
0.13
nm/°C
Temperature coefficient of
λ dom
IF=20mA, -10°C≤ T≤100°C [Typ.]
TC λ dom
0.06
nm/°C
Temperature coefficient of VF
IF=20mA, -10°C≤ T≤100°C [Typ.]
TCV
-2.8
mV/°C
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous Flux: +/-15%.
* Luminous intensity value is traceable to CIE127-2007 standards.
Notes:
1. Rth(j-a) Results from mounting on PC board FR4 (pad size≥16 mm2 per pad),
2. 1/10 Duty Cycle, 0.1ms Pulse Width.
3. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static
electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.
Notes:
1.The dominant Wavelength (
λ d) above is the setup value of the sorting machine.
(Tolerance
λ d : ±1nm. )
2.Forward Voltage: +/-0.1V.
3.Wavelength value is traceable to CIE127-2007 standards.
4.Excess driving current and/or operating temperature higher than recommended conditions may result in severe light degradation or
premature failure.


Similar Part No. - AA3528SURCKT-AMT

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
AA3528SURCKT-AMT TO-GRACE-AA3528SURCKT-AMT Datasheet
975Kb / 5P
   3.5 x 2.8 mm Surface Mount LED Lamp
More results

Similar Description - AA3528SURCKT-AMT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3528WG1S KINGBRIGHT-AA3528WG1S Datasheet
280Kb / 6P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AAA3528ESGCT KINGBRIGHT-AAA3528ESGCT Datasheet
328Kb / 6P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AAAF3529LSEEZGKQBKS KINGBRIGHT-AAAF3529LSEEZGKQBKS Datasheet
397Kb / 8P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AAAF3529LSEKJ3ZGKQBS KINGBRIGHT-AAAF3529LSEKJ3ZGKQBS Datasheet
376Kb / 8P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528SECKT-J4 KINGBRIGHT-AA3528SECKT-J4 Datasheet
264Kb / 5P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528SYCKT-AMT KINGBRIGHT-AA3528SYCKT-AMT Datasheet
328Kb / 6P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528ZGCK KINGBRIGHT-AA3528ZGCK Datasheet
298Kb / 5P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528ZGC-G KINGBRIGHT-AA3528ZGC-G Datasheet
265Kb / 5P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AAA3528SEEZGKQBKS KINGBRIGHT-AAA3528SEEZGKQBKS Datasheet
335Kb / 8P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528LSYCKT-J3 KINGBRIGHT-AA3528LSYCKT-J3 Datasheet
301Kb / 5P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AAA3528LSEEZGKQBKS KINGBRIGHT-AAA3528LSEEZGKQBKS Datasheet
355Kb / 8P
   3.5x2.8mm SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com