Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES1988S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ES1988S
Description  PCI Audio-Modem Accelerator Product Brief
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES1988S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ES1988S Datasheet HTML 1Page - List of Unclassifed Manufacturers ES1988S Datasheet HTML 2Page - List of Unclassifed Manufacturers ES1988S Datasheet HTML 3Page - List of Unclassifed Manufacturers ES1988S Datasheet HTML 4Page - List of Unclassifed Manufacturers ES1988S Datasheet HTML 5Page - List of Unclassifed Manufacturers ES1988S Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ESS Technology, Inc.
SAM0368-030601
5
ES1988 PRODUCT BRIEF
SDI2
56
I
External AC-link serial data input. Select secondary codec by enabling Allegro_Base+38h [5] =
1.
GPIO8
I/O
General-purpose input/output.
OSCI
57
I
49.152-MHz crystal input.
OSCO
58
O
49.152-MHz crystal output.
SRESET2#
59
O
Reset output for AC-Link interface. Select secondary codec by enabling Allegro_Base+38h [5] =
1.
GPIO3
I/O
General-purpose input/output.
SDFS2
60
O
Serial data frame sync output for AC-Link interface. Select secondary codec by enabling
Allegro_Base+38h [5] = 1.
GPIO9
I/O
General-purpose input/output.
(note)
If a pull-down resistor is used on this pin, the ES1988 is configured as a multifunction device
(audio-modem). Otherwise, the ES1988 is configured as a single function audio-only device.
SCLK2
61
O
Serial clock for AC-link interface. Select secondary codec by enabling Allegro_Base+38h [5] = 1.
GPIO10
I/O
General-purpose input/output.
SDO2
62
O
External AC-link serial data output. Select secondary codec by enabling Allegro_Base+38h [5] =
1.
GPIO11
I/O
General-purpose input/output.
VAUXD
I
VAUX detect. During the reset period, the VAUXD pin is driven high to indicate ACPI support in the
D3cold state, and is driven low to indicate ACPI is not supported in the D3cold state. If VAUX is not
supported, then VAUX (pin 55) should be connected to VCC and VAUXD (pin 62) should be pulled
down.
PCGNT#
63
I
PC/PCI grant input. Enable PC/PCI by setting PCI 50h [10:8] = 010. Select PCGNT# from pin 63
by setting Allegro_Base+58h [6] = 0. Either pin 54 or pin 63 may be used for PCGNT#.
GT0#
O
Grant to PCI master. GTO# is enabled by setting PCIx2 arbiter bits PCI 58h [0] = 1 and PCI 58h
[11] = 1. Select GT0#/GSO from pin 63 by enabling PCI 58h [10] = 1. Pin 51 may also be used as
GT0#/GSO.
GS0
O
Grant select 0 output to control external quick switch to grant PCI master phase. GSO is enabled
by setting PCIx2 arbiter bit PCI 58h [0] = 1 and PCI 58h [11] = 0. Select GS0/GT0# from pin 63
by enabling PCI 58h [10] = 1. Pin 51 may also be used as GT0#/GSO.
GPIO12
I/O
General-purpose input/output.
PC_BEEP
64
I
PC Speaker input.
PHONE
65
I
Mono input.
CD_L
66
I
CD-audio left channel input.
CD_GND
67
I
CD-audio ground input.
CD_R
68
I
CD-audio right channel input.
MIC
69
I
Microphone input.
LINE_IN_L
70
I
Line left channel input.
LINE_IN_R
71
I
Line right channel input.
AVDD[2:1]
83, 72
I
Analog supply voltage, 5V.
AVSS[2:1]
82, 73
I
Analog ground.
VREF
74
O
Reference voltage.
Table 1
ES1988 Pin Descriptions (Continued)
Names
Pin Numbers
I/O
Descriptions


Similar Part No. - ES1988S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES1908A ETC-ES1908A Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
ES1921 ETC-ES1921 Datasheet
125Kb / 4P
   AC 97 Rev 2.1 Audio CODEC
ES1938 ETC1-ES1938 Datasheet
76Kb / 4P
   PCI AudioDrive Solution Product Brief
ES1946 ETC-ES1946 Datasheet
86Kb / 4P
   PCI AudioDrive Notebook Solution Product Brief
ES1946S ETC-ES1946S Datasheet
86Kb / 4P
   PCI AudioDrive Notebook Solution Product Brief
More results

Similar Description - ES1988S

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES1990 ESS-ES1990 Datasheet
124Kb / 4P
   Canyon3Dä2LE PCI Audio Accelerator Product Brief
logo
List of Unclassifed Man...
ES2838 ETC-ES2838 Datasheet
310Kb / 4P
   V.90/V.92 PCI HSP Modem Product Brief
logo
National Semiconductor ...
LM4560 NSC-LM4560 Datasheet
380Kb / 54P
   Advanced PCI Audio Accelerator
logo
Cirrus Logic
CS4622 CIRRUS-CS4622 Datasheet
160Kb / 7P
   CrystalClearTM SoundFusionTM PCI Audio Accelerator
CS4614 CIRRUS-CS4614 Datasheet
221Kb / 24P
   CrystalClear SoundFusion PCI Audio Accelerator
logo
List of Unclassifed Man...
ES1938 ETC1-ES1938 Datasheet
76Kb / 4P
   PCI AudioDrive Solution Product Brief
logo
Cirrus Logic
CS4630 CIRRUS-CS4630 Datasheet
526Kb / 38P
   CrystalClear SoundFusion PCI Audio Accelerator
logo
NXP Semiconductors
SAA7785 PHILIPS-SAA7785 Datasheet
1Mb / 68P
   ThunderBird Avenger PCI Audio Accelerator
1999 Nov 12
logo
Cirrus Logic
CS4610 CIRRUS-CS4610 Datasheet
446Kb / 29P
   CrystalClear SoundFusion PCI Audio Accelerator
logo
NXP Semiconductors
SAA7780 PHILIPS-SAA7780 Datasheet
348Kb / 70P
   ThunderBird Q3D PCI Audio Accelerator
1999 Sep 30
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com