Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV048A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90LV048A
Description  3V LVDS Quad CMOS Differential Line Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV048A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90LV048A Datasheet HTML 1Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 2Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 3Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 4Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 5Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 6Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 7Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 8Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DS90LV048A
3V LVDS Quad CMOS Differential Line Receiver
General Description
The DS90LV048A is a quad CMOS flow-through differential
line receiver designed for applications requiring ultra low
power dissipation and high data rates. The device is de-
signed to support data rates in excess of 400 Mbps (200
MHz) utilizing Low Voltage Differential Signaling (LVDS)
technology.
The DS90LV048A accepts low voltage (350 mV typical) dif-
ferential input signals and translates them to 3V CMOS out-
put levels. The receiver supports a TRI-STATE® function that
may be used to multiplex outputs. The receiver also supports
open, shorted and terminated (100
Ω) input fail-safe. The re-
ceiver output will be HIGH for all fail-safe conditions. The
DS90LV048A has a flow-through pinout for easy PCB layout.
The EN and EN* inputs are ANDed together and control the
TRI-STATE outputs. The enables are common to all four re-
ceivers. The DS90LV048A and companion LVDS line driver
(eg. DS90LV047A) provide a new alternative to high power
PECL/ECL devices for high speed point-to-point interface
applications.
Features
n >400 Mbps (200 MHz) switching rates
n Flow-through pinout simplifies PCB layout
n 150 ps channel-to-channel skew (typical)
n 100 ps differential skew (typical)
n 2.7 ns maximum propagation delay
n 3.3V power supply design
n High impedance LVDS inputs on power down
n Low Power design (40mW 3.3V static)
n Interoperable with existing 5V LVDS drivers
n Accepts small swing (350 mV typical) differential signal
levels
n Supports open, short and terminated input fail-safe
n Conforms to ANSI/TIA/EIA-644 Standard
n Industrial temperature operating range (-40˚C to +85˚C)
n Available in SOIC and TSSOP package
Connection Diagram
Functional Diagram
ENABLES
INPUTS
OUTPUT
EN
EN*
R
IN+ −RIN−
R
OUT
H
L or Open
V
ID ≥ 0.1V
H
V
ID ≤ −0.1V
L
Full Fail-safe
OPEN/SHORT
or Terminated
H
All other combinations of ENABLE inputs
X
Z
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Dual-in-Line
DS100888-1
Order Number DS90LV048ATM, DS90LV048ATMTC
See NS Package Number M16A, MTC16
DS100888-2
July 1999
© 1999 National Semiconductor Corporation
DS100888
www.national.com


Similar Part No. - DS90LV048A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV048A TI-DS90LV048A Datasheet
1Mb / 20P
[Old version datasheet]   A quad CMOS flow-through differential line receiver designde for applications requiring ultra low power dissipation and high data rates.
DS90LV048A TI-DS90LV048A Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
DS90LV048A TI-DS90LV048A Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
DS90LV048A TI1-DS90LV048A Datasheet
1Mb / 25P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90LV048A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV032A NSC-DS90LV032A Datasheet
192Kb / 9P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV048ATMTC TI-DS90LV048ATMTC Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
DS90LV048ATMTCX TI-DS90LV048ATMTCX Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
DS90LV032AQML TI1-DS90LV032AQML Datasheet
269Kb / 14P
[Old version datasheet]   DS90LV032AQML 3V LVDS Quad CMOS Differential Line Receiver
5962-9865201QFA TI1-5962-9865201QFA Datasheet
433Kb / 16P
[Old version datasheet]   DS90LV032AQML 3V LVDS Quad CMOS Differential Line Receiver
DS90LV032ATM TI1-DS90LV032ATM Datasheet
975Kb / 18P
[Old version datasheet]   DS90LV032A 3V LVDS Quad CMOS Differential Line Receiver
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com