Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA3528LSECKT-J4 Datasheet(PDF) 2 Page - Kingbright Corporation

Part # AA3528LSECKT-J4
Description  3.5x2.8mm SURFACE MOUNT LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3528LSECKT-J4 Datasheet(HTML) 2 Page - Kingbright Corporation

  AA3528LSECKT-J4 Datasheet HTML 1Page - Kingbright Corporation AA3528LSECKT-J4 Datasheet HTML 2Page - Kingbright Corporation AA3528LSECKT-J4 Datasheet HTML 3Page - Kingbright Corporation AA3528LSECKT-J4 Datasheet HTML 4Page - Kingbright Corporation AA3528LSECKT-J4 Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAO7531
REV NO: V.1A
DATE: MAR/23/2016
PAGE: 2 OF 5
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: M.Liu
ERP: 1201009174
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous Flux: +/-15%.
* Luminous intensity value is traceable to CIE127-2007 standards.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1. Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
3. Wavelength value is traceable to CIE127-2007 standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or
premature failure.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static
electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.
Part No.
Emitting Color (Material)
Lens Type
Iv (mcd) [2]
@ 2mA
Viewing
Angle [1]
Min.
Typ.
2θ1/2
Super Bright Orange (AlGaInP)
Water Clear
120
220
120
°
*30
*60
AA3528LSECKT/J4
Symbol
Parameter
Emitting Color
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Super Bright Orange
611
nm
IF=2mA
λD [1]
Dominant Wavelength
Super Bright Orange
605
nm
IF=2mA
Δλ1/2
Spectral Line Half-width
Super Bright Orange
17
nm
IF=2mA
C
Capacitance
Super Bright Orange
27
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Super Bright Orange
1.8
2.1
V
IF=2mA
IR
Reverse Current
Super Bright Orange
10
uA
VR=5V
Parameter
Values
Units
Power dissipation
105
mW
DC Forward Current
50
mA
Peak Forward Current [1]
150
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C


Similar Part No. - AA3528LSECKT-J4

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
AA3528LSECKT-J4 TO-GRACE-AA3528LSECKT-J4 Datasheet
864Kb / 4P
   3.5 x 2.8 mm Surface Mount LED Lamp
More results

Similar Description - AA3528LSECKT-J4

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3528WG1S KINGBRIGHT-AA3528WG1S Datasheet
280Kb / 6P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AAA3528ESGCT KINGBRIGHT-AAA3528ESGCT Datasheet
328Kb / 6P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AAAF3529LSEEZGKQBKS KINGBRIGHT-AAAF3529LSEEZGKQBKS Datasheet
397Kb / 8P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AAAF3529LSEKJ3ZGKQBS KINGBRIGHT-AAAF3529LSEKJ3ZGKQBS Datasheet
376Kb / 8P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528SECKT-J4 KINGBRIGHT-AA3528SECKT-J4 Datasheet
264Kb / 5P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528SYCKT-AMT KINGBRIGHT-AA3528SYCKT-AMT Datasheet
328Kb / 6P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528ZGCK KINGBRIGHT-AA3528ZGCK Datasheet
298Kb / 5P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528ZGC-G KINGBRIGHT-AA3528ZGC-G Datasheet
265Kb / 5P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AAA3528SEEZGKQBKS KINGBRIGHT-AAA3528SEEZGKQBKS Datasheet
335Kb / 8P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528LSYCKT-J3 KINGBRIGHT-AA3528LSYCKT-J3 Datasheet
301Kb / 5P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AAA3528LSEEZGKQBKS KINGBRIGHT-AAA3528LSEEZGKQBKS Datasheet
355Kb / 8P
   3.5x2.8mm SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com