Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMZK350ADA330MF61G Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EMZK350ADA330MF61G
Description  Low impedance, 5000-hours-life, 105?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EMZK350ADA330MF61G Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EMZK350ADA330MF61G Datasheet HTML 1Page - United Chemi-Con, Inc. EMZK350ADA330MF61G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Low impedance, 5000-hours-life, 105
AIchipTM-
MZK
Series
・Endurance : 5,000 hours at 105℃
・Low impedance
・Rated voltage range : 6.3 to 35V
・Nominal capacitance range : 10 to 150μF
・Suitable for high reliability products
・Solvent resistant type (see PRECAUTIONS AND GUIDELINES)
・RoHS Compliant
◆SPECIFICATIONS
(at 20
℃,120Hz)
(at 20
℃, after 2 minutes)
(at 20
℃,120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tan
δ)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-25 to +105
6.3 to 35Vdc
±20%(M)
I=0.01CV or 3µA, whichever is greater
Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (V)
Rated voltage (Vdc)
tan
δ(Max.)
Rated voltage(Vdc)
Z(-10
℃)/Z(+20℃)
Capacitance change
D.F. (tan
δ)
≦300% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±30% of the initial value
D.F. (tan
δ)
≦300% of the initial specified value
Leakage current
≦The initial specified value
Characteristics
6.3V
0.32
6.3V
4
10V
0.28
10V
3
16V
0.26
16V
2
25V
0.16
25V
2
35V
0.14
35V
2
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after the rated voltage is applied for 5,000 hours
at 105
℃.
≦±30% of the initial value
◆DIMENSIONS [mm]
L
±0.3
0.3max.
A
±0.2
W
Size code
E61
F61
D
5
6.3
L
5.8
5.8
A
5.3
6.6
B
5.3
6.6
C
5.9
7.2
W
0.5 to 0.8
0.5 to 0.8
P
1.4
1.9
Terminal Code : A
MZK
Longer life
MVY
P76
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 47
µF:470,100µF:101)
Taping code
Terminal code
Voltage code (ex. 6.3V:6R3,10V:100,35V:350)
Series code
Category
E M Z K A A A A D A A A A
A A A G
M
1
3
4
2
6
7
8
9
10
13
12
5
18
17
16
11
15
14
Please refer to "Product code guide (surface mount type)"
◆MARKING
9C
47
V ZK
EX) 35V47
µF
Rated voltage symbol
Rated voltage (Vdc)
Symbol
6.3
j
10
A
16
C
25
E
35
V
82
CAT. No. E1001N
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EMZK350ADA330MF61G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EMZK100ADA CHEMI-CON-EMZK100ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK100ADA151MF61G CHEMI-CON-EMZK100ADA151MF61G Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK160ADA CHEMI-CON-EMZK160ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK160ADA101MF61G CHEMI-CON-EMZK160ADA101MF61G Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK160ADA330ME61G CHEMI-CON-EMZK160ADA330ME61G Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
More results

Similar Description - EMZK350ADA330MF61G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EMZK160ADA CHEMI-CON-EMZK160ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK6R3ADA CHEMI-CON-EMZK6R3ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK250ADA CHEMI-CON-EMZK250ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK100ADA CHEMI-CON-EMZK100ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMVL6R3ADA CHEMI-CON-EMVL6R3ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL160ADA CHEMI-CON-EMVL160ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL500ADA CHEMI-CON-EMVL500ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL100ADA CHEMI-CON-EMVL100ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL250ADA CHEMI-CON-EMVL250ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL350ADA CHEMI-CON-EMVL350ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com