Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMZK350ADA100MF61G Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # EMZK350ADA100MF61G
Description  Low impedance, 5000-hours-life, 105?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EMZK350ADA100MF61G Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  EMZK350ADA100MF61G Datasheet HTML 1Page - United Chemi-Con, Inc. EMZK350ADA100MF61G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Low impedance, 5000-hours-life, 105
AIchipTM-
MZK
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(
µF)
Size code
Impedance
(
Ωmax/20℃,100kHz)
Rated ripple current
(mArms/105
℃,100kHz)
Part No.
6.3
EMZK6R3ADA101ME61G
EMZK100ADA151MF61G
EMZK160ADA330ME61G
EMZK160ADA470ME61G
EMZK160ADA101MF61G
EMZK250ADA680MF61G
EMZK350ADA100ME61G
EMZK350ADA100MF61G
EMZK350ADA220ME61G
EMZK350ADA220MF61G
EMZK350ADA330MF61G
EMZK350ADA470MF61G
100
150
33
47
100
68
10
10
22
22
33
47
95
140
95
95
140
140
95
140
95
140
140
140
E61
F61
E61
E61
F61
F61
E61
F61
E61
F61
F61
F61
2.2
1.1
2.2
2.2
1.1
1.1
2.2
1.1
2.2
1.1
1.1
1.1
10
16
25
35
Frequency(Hz)
120
1k
10k
100k
6.3 to 35Vdc
0.40
0.75
0.90
1.00
◆RATED RIPPLE CURRENT MULTIPLIERS
・Frequency Multipliers
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
83
CAT. No. E1001N
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EMZK350ADA100MF61G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EMZK100ADA CHEMI-CON-EMZK100ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK100ADA151MF61G CHEMI-CON-EMZK100ADA151MF61G Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK160ADA CHEMI-CON-EMZK160ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK160ADA101MF61G CHEMI-CON-EMZK160ADA101MF61G Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK160ADA330ME61G CHEMI-CON-EMZK160ADA330ME61G Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
More results

Similar Description - EMZK350ADA100MF61G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EMZK160ADA CHEMI-CON-EMZK160ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK6R3ADA CHEMI-CON-EMZK6R3ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK250ADA CHEMI-CON-EMZK250ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK100ADA CHEMI-CON-EMZK100ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMVL6R3ADA CHEMI-CON-EMVL6R3ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL160ADA CHEMI-CON-EMVL160ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL500ADA CHEMI-CON-EMVL500ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL100ADA CHEMI-CON-EMVL100ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL250ADA CHEMI-CON-EMVL250ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL350ADA CHEMI-CON-EMVL350ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com