Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMZJ350ADA680MF61G Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # EMZJ350ADA680MF61G
Description  Low ESR, 105?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EMZJ350ADA680MF61G Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  EMZJ350ADA680MF61G Datasheet HTML 1Page - United Chemi-Con, Inc. EMZJ350ADA680MF61G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Low ESR, 105
AIchipTM-
MZJ
Series
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 10µF:100, 1,000µF:102)
Taping code
Terminal code
Voltage code (ex. 6.3V:6R3, 10V:100, 35V:350)
Series code
Category
E M Z J A A A A D A A A A
A A A G
M
1
3
4
2
6
78
9
10
13
12
5
18
17
16
11
15
14
Please refer to "Product code guide (surface mount type)"
◆STANDARD RATINGS
WV(Vdc)
Cap(
µF)
Size code
tan
δ
Rated ripple current
(mArms/105
℃, 100kHz)
Part No.
6.3
160
240
300
600
850
160
300
850
160
240
300
600
600
850
160
240
240
300
300
300
600
850
160
240
300
300
300
600
850
850
850
0.85
0.36
0.26
0.16
0.08
0.85
0.26
0.08
0.85
0.36
0.26
0.16
0.16
0.08
0.85
0.36
0.36
0.26
0.26
0.26
0.16
0.08
0.85
0.36
0.26
0.26
0.26
0.16
0.08
0.08
0.08
0.26
0.26
0.26
0.26
0.26
0.19
0.19
0.19
0.16
0.16
0.16
0.16
0.16
0.16
0.14
0.14
0.14
0.14
0.14
0.14
0.14
0.14
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
D61
E61
F61
F80
HA0
D61
F61
HA0
D61
E61
F61
F80
F80
HA0
D61
E61
E61
F61
F61
F61
F80
HA0
D61
E61
F61
F61
F61
F80
HA0
HA0
HA0
47
100
220
330
1,000
1,500
JA0
0.26
0.06
1,190
EMZJ6R3ADA152MJA0G
1,800
JA0
0.26
0.06
1,190
EMZJ6R3ADA182MJA0G
10
33
150
680
1,000
JA0
0.19
0.06
1,190
EMZJ100ADA102MJA0G
1,200
JA0
0.19
0.06
1,190
EMZJ100ADA122MJA0G
16
22
47
100
150
220
470
680
JA0
0.16
0.06
1,190
EMZJ160ADA681MJA0G
820
JA0
0.16
0.06
1,190
EMZJ160ADA821MJA0G
25
10
22
33
33
47
68
100
330
470
JA0
0.14
0.06
1,190
EMZJ250ADA471MJA0G
560
JA0
0.14
0.06
1,190
EMZJ250ADA561MJA0G
35
10
22
33
47
68
100
100
150
220
330
JA0
0.12
0.06
1,190
EMZJ350ADA331MJA0G
390
JA0
0.12
0.06
1,190
EMZJ350ADA391MJA0G
EMZJ6R3ADA470MD61G
EMZJ6R3ADA101ME61G
EMZJ6R3ADA221MF61G
EMZJ6R3ADA331MF80G
EMZJ6R3ADA102MHA0G
EMZJ100ADA330MD61G
EMZJ100ADA151MF61G
EMZJ100ADA681MHA0G
EMZJ160ADA220MD61G
EMZJ160ADA470ME61G
EMZJ160ADA101MF61G
EMZJ160ADA151MF80G
EMZJ160ADA221MF80G
EMZJ160ADA471MHA0G
EMZJ250ADA100MD61G
EMZJ250ADA220ME61G
EMZJ250ADA330ME61G
EMZJ250ADA330MF61G
EMZJ250ADA470MF61G
EMZJ250ADA680MF61G
EMZJ250ADA101MF80G
EMZJ250ADA331MHA0G
EMZJ350ADA100MD61G
EMZJ350ADA220ME61G
EMZJ350ADA330MF61G
EMZJ350ADA470MF61G
EMZJ350ADA680MF61G
EMZJ350ADA101MF80G
EMZJ350ADA101MHA0G
EMZJ350ADA151MHA0G
EMZJ350ADA221MHA0G
ESR
(
Ωmax/20℃, 100kHz)
Frequency(Hz)
Capacitance(μF)
120
1k
10k
100k
10 to 150
0.40
0.75
0.90
1.00
220 to 560
0.50
0.85
0.94
1.00
680 to 1,800
0.60
0.87
0.95
1.00
◆RATED RIPPLE CURRENT MULTIPLIERS
・Frequency Multipliers
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
73
CAT. No. E1001N
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EMZJ350ADA680MF61G

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
EMZJ350ADA680MF61G NPC-EMZJ350ADA680MF61G Datasheet
475Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EMZJ350ADA680MF61G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EMZJ100ADA CHEMI-CON-EMZJ100ADA Datasheet
475Kb / 2P
   Low ESR, 105?
EMZJ250ADA CHEMI-CON-EMZJ250ADA Datasheet
475Kb / 2P
   Low ESR, 105?
EMZJ6R3ADA CHEMI-CON-EMZJ6R3ADA Datasheet
475Kb / 2P
   Low ESR, 105?
EMZJ160ADA CHEMI-CON-EMZJ160ADA Datasheet
475Kb / 2P
   Low ESR, 105?
EMKB401ADA CHEMI-CON-EMKB401ADA Datasheet
311Kb / 1P
   Low ESR, 105?
logo
Cornell Dubilier Electr...
101C283U7R5AK2B CDE-101C283U7R5AK2B Datasheet
349Kb / 9P
   Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
101C283U7R5AK2B CDE-101C283U7R5AK2B Datasheet
193Kb / 12P
   Type 101C ??5 째C to 105 째C Low-ESR, Wide-Temperature Grade
logo
AVX Corporation
TPSX157M010R0100 AVX-TPSX157M010R0100 Datasheet
146Kb / 11P
   Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
   Low ESR
TPSV107M020R0085 AVX-TPSV107M020R0085 Datasheet
159Kb / 11P
   Low ESR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com