Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMVY6R3ADA102MHA0G Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EMVY6R3ADA102MHA0G
Description  Low impedance, 105?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EMVY6R3ADA102MHA0G Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EMVY6R3ADA102MHA0G Datasheet HTML 1Page - United Chemi-Con, Inc. EMVY6R3ADA102MHA0G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Low impedance, 105
AIchipTM-
MVY
Series
・Endurance : 1,000 to 5,000 hours at 105℃
・Low impedance
・For digital equipment, especially DC-DC converters
・Solvent resistant type except 80 & 100Vdc (see PRECAUTIONS AND GUIDELINES)
・Vibration resistant structure
・RoHS Compliant
◆SPECIFICATIONS
(at 20
℃, 120Hz)
(at 20
℃ after 2 minutes)
(at 20
℃, 120Hz)
(at 120Hz)
D55 to F80 : 1,000 hours
HA0 & JA0 : 2,000 hours
KE0 to MN0 : 5,000 hours
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tan
δ)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-55 to +105
℃ (6.3 to 63Vdc)
-40 to +105
℃ (80 & 100Vdc)
6.3 to 100Vdc
±20% (M)
I=0.01CV or 3
µA, whichever is greater.
Where, I : Max. leakage current (
µA), C : Nominal capacitance (µF), V : Rated voltage (V)
Rated voltage (Vdc)
tan
δ (Max.)
Rated voltage (Vdc)
Z(-40
℃)/Z(+20℃)
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after the rated voltage is applied for specified
time at 105
℃.
Time
Rated voltage
6.3Vdc (D55 to JA0)
6.3 to 100Vdc
Capacitance change
≦±30% of the initial value
≦±20% of the initial value
D.F. (tan
δ)
≦300% of the initial specified value ≦200% of the initial specified value
Leakage current
≦The initial specified value
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Rated voltage
6.3Vdc (D55 to JA0)
6.3 to 100Vdc
Capacitance change
≦±30% of the initial value
≦±20% of the initial value
D.F. (tan
δ)
≦300% of the initial specified value ≦200% of the initial specified value
Leakage current
≦The initial specified value
≦The initial specified value
Characteristics
6.3V
0.24
0.28
0.26
6.3V
3
10
10V
0.20
0.24
0.22
10V
2
8
16V
0.16
0.20
0.18
16V
2
6
25V
0.14
0.16
0.16
25V
2
4
35V
0.12
0.14
0.14
35V
2
3
50V
0.12
0.12
0.12
50V
2
3
63V
-
-
0.14
63V
-
3
80V
-
-
0.10
80V
-
3
100V
-
-
0.10
100V
-
3
D55 to F80
HA0 & JA0
KE0 to MN0
D55 to JA0
KE0 to MN0
When nominal capacitance exceeds
1,000
µF, add 0.02 to the value above
for each 1,000
µF increase.
◆DIMENSIONS [mm]
L
±0.3 (Note)
0.3max.
A
±0.2
W
Note : L
±0.5 for HA0 to MN0
L
±0.5
0.3max.
A
±0.2
W
: Dummy terminals
Size code : D55 to MN0
Terminal Code : G(Vibration resistant structure)
Size code : HA0 to MN0
Terminal Code : A
Vent
(Except D55 to HA0)
Vent
(Except HA0)
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 4.7
µF:4R7,10µF:100)
Taping·Tray code
Terminal code (A, G)
Voltage code (ex. 6.3V:6R3,10V:100,50V:500)
Series code
Category
E M V Y A A A A D A A A A
A A A G
M
1
3
4
2
6
7
8
9
10
13
12
5
18
17
16
11
15
14
Please refer to "Product code guide (surface mount type)"
Lower Z
MVY
Lower Z
Longer life
MVE P70
MZA P74
MLA P84
Size code
D55
E55
F55
F61
F80
HA0
JA0
KE0
KG5
LH0
LN0
MH0
MN0
D
4
5
6.3
6.3
6.3
8
10
12.5
12.5
16
16
18
18
L
5.2
5.2
5.2
5.8
7.7
10.0
10.0
13.5
16.0
16.5
21.5
16.5
21.5
A
4.3
5.3
6.6
6.6
6.6
8.3
10.3
13.0
13.0
17.0
17.0
19.0
19.0
B
4.3
5.3
6.6
6.6
6.6
8.3
10.3
13.0
13.0
17.0
17.0
19.0
19.0
C
5.1
5.9
7.2
7.2
7.2
9.0
11.0
13.7
13.7
18.0
18.0
20.0
20.0
W
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.7 to 1.1
0.7 to 1.1
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
P
1.0
1.4
1.9
1.9
1.9
3.1
4.5
4.2
4.2
6.5
6.5
6.5
6.5
◆MARKING
7hY
100
6.3V
EX) 6.3V100
µF
KE0 to MN0
D55 to JA0
MVY
0V
1000
16V
EX) 16V1,000
µF
76
CAT. No. E1001N
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EMVY6R3ADA102MHA0G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EMVY6R3ADA102MHA0G CHEMI-CON-EMVY6R3ADA102MHA0G Datasheet
54Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVY6R3ADA102MHA0G CHEMI-CON-EMVY6R3ADA102MHA0G Datasheet
59Kb / 2P
   Snap Mount
More results

Similar Description - EMVY6R3ADA102MHA0G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXV6R3E CHEMI-CON-ELXV6R3E Datasheet
438Kb / 3P
   Low impedance, 105?
ELXV500E CHEMI-CON-ELXV500E Datasheet
438Kb / 3P
   Low impedance, 105?
EMZA101ARA CHEMI-CON-EMZA101ARA Datasheet
424Kb / 2P
   Low impedance, 105?
EMZA630ADA CHEMI-CON-EMZA630ADA Datasheet
424Kb / 2P
   Low impedance, 105?
ELXV630E CHEMI-CON-ELXV630E Datasheet
438Kb / 3P
   Low impedance, 105?
EMVY500ADA CHEMI-CON-EMVY500ADA Datasheet
410Kb / 2P
   Low impedance, 105?
EMZA250ADA CHEMI-CON-EMZA250ADA Datasheet
424Kb / 2P
   Low impedance, 105?
ELXV100E CHEMI-CON-ELXV100E Datasheet
438Kb / 3P
   Low impedance, 105?
ELXV350E CHEMI-CON-ELXV350E Datasheet
438Kb / 3P
   Low impedance, 105?
EKY-6R3ELL472MK30S CHEMI-CON-EKY-6R3ELL472MK30S Datasheet
83Kb / 3P
   Low impedance, 105?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com