Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2770AE-025 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS2770AE-025
Description  Battery Monitor and Charge Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2770AE-025 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS2770AE-025 Datasheet HTML 2Page - Dallas Semiconductor DS2770AE-025 Datasheet HTML 3Page - Dallas Semiconductor DS2770AE-025 Datasheet HTML 4Page - Dallas Semiconductor DS2770AE-025 Datasheet HTML 5Page - Dallas Semiconductor DS2770AE-025 Datasheet HTML 6Page - Dallas Semiconductor DS2770AE-025 Datasheet HTML 7Page - Dallas Semiconductor DS2770AE-025 Datasheet HTML 8Page - Dallas Semiconductor DS2770AE-025 Datasheet HTML 9Page - Dallas Semiconductor DS2770AE-025 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
DS2770
6 of 27
POWER MODES
The DS2770 has two possible power modes: Active Mode and Sleep Mode. While in Active Mode, the
DS2770 continually measures current, voltage, temperature, and time. Also, current flow is accumulated,
charge control is provided, and data is available to the host system. In Sleep Mode, the DS2770 ceases
these activities. The DS2770 can enter Sleep Mode only when the PMOD bit in the Status Register is set
to 1 and the following other conditions occur:
§ The CINI bit is set to 0 and the DQ line is held low for longer than two seconds. If a charge is in
progress, charging will immediately stop and the device will begin transition to Sleep Mode.
§ The CINI bit is set to 1 and the DQ line is held low for longer than two seconds. If a charge is in
progress, the DS2770 will not go into Sleep Mode until the charge operation is completed.
The DS2770 returns to Active Mode when any of the following occurs:
§ The DQ line is pulled high.
§ The voltage on VCH becomes greater than VDD (charger connection) with the CINI bit set to 1.
Once the DS2770 identifies the 2 second DQ low condition, a transition to Sleep Mode begins. This
process will take up to an additional 11 seconds before the supply current drops to ISLEEP levels.
The DS2770 defaults to Active Mode when power is first applied to VDD.
CHARGER FUNCTION
The DS2770 operates as a standalone charge controller supporting rechargeable lithium and NiMH
battery technologies. The battery type to be charged is selectable through the CTYPE bit of the Status
Register (0 for rechargeable lithium and 1 for NiMH). Charge control of both battery types is performed
by on/off gating of an external constant current or current-limited charge source. If the battery voltage is
less than VLB and a charge source is present, pin UV is driven low, signifying the need to recover the
battery at a reduced rate before fast charging can begin. In Figure 2’s application circuit, UV gates a
trickle-charge current limited by a 360
W series resistor. Selection of this resistor depends on the
characteristics of the charge source. UV is driven low independent of any other state of the pack,
including pack temperature and the status of the CINI bit. UV is driven high when the battery voltage
reaches VLB. While trickle charging, a “charge in progress” status is indicated with (0, 1) values,
respectively, in the CSTAT1 and CSTAT0 bits of the Status Register assuming any previous charge
sequence completed status has been cleared.
Fast charging can be initiated by one of two methods:
1) Issuing a Start Charge command [B5h].
2) Introducing a charge supply on the VCH pin when the CINI bit in the Status Register is a 1.
Note that if VDD is below approximately 1.8V prior to using either initiation method, fast charge will not
start after the battery is trickle charged to VLB.
After initiation, the start of fast charge may be postponed if any of the following conditions exist:
§ The temperature is outside the valid charge window specified by TCL (0°C) and TCH (40°C).
§ Charge source is not present (VCH < VDD).
§ Conversion data is not valid (data becomes valid 110ms after waking from Sleep Mode).
§ Battery voltage is less than the low-battery-voltage threshold, VLB, (3.0V).


Similar Part No. - DS2770AE-025

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2770AE-025 MAXIM-DS2770AE-025 Datasheet
302Kb / 27P
   Battery Monitor and Charge Controller
052605
DS2770AE-025/T&R MAXIM-DS2770AE-025/T&R Datasheet
302Kb / 27P
   Battery Monitor and Charge Controller
052605
More results

Similar Description - DS2770AE-025

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2770 MAXIM-DS2770 Datasheet
302Kb / 27P
   Battery Monitor and Charge Controller
052605
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
   BATTERY CHARGE CONTROLLER
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
   Battery Charge Controller
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
   BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
   Battery Charge Controller
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
   Battery Charge Controller
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
   Battery Charge Controller
logo
Analog Intergrations Co...
AIC1781 AIC-AIC1781 Datasheet
423Kb / 17P
   Battery Charge Controller
AIC1783 AIC-AIC1783 Datasheet
159Kb / 11P
   Battery Charge Controller
logo
Texas Instruments
BQ25700A TI1-BQ25700A Datasheet
1Mb / 82P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com